Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4167EPA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4167EPA
Description  High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I-O Op Amps with Shutdown
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4167EPA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4167EPA Datasheet HTML 4Page - Maxim Integrated Products MAX4167EPA Datasheet HTML 5Page - Maxim Integrated Products MAX4167EPA Datasheet HTML 6Page - Maxim Integrated Products MAX4167EPA Datasheet HTML 7Page - Maxim Integrated Products MAX4167EPA Datasheet HTML 8Page - Maxim Integrated Products MAX4167EPA Datasheet HTML 9Page - Maxim Integrated Products MAX4167EPA Datasheet HTML 10Page - Maxim Integrated Products MAX4167EPA Datasheet HTML 11Page - Maxim Integrated Products MAX4167EPA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
High-Output-Drive, Precision, Low-Power, Single-
Supply, Rail-to-Rail I/O Op Amps with Shutdown
8
_______________________________________________________________________________________
Pin Description
PIN
MAX4166
MAX4168
MAX4165 DIP/SO
MAX
DFN
MAX4167
DIP/SO
MAX
MAX4169
NAME
FUNCTION
1
6
4
OUT
Output
1, 5
2, 6
5, 7, 8,
10
N.C.
No Connection. Not internally connected.
1, 7
1, 13
1, 9
1, 7
OUT1, OUT2 Outputs for Amplifiers 1 and 2
2
4
3
4
4
4
11
VEE
Negative Supply. Ground for single-
supply operation.
3
3
1
IN+
Noninverting Input
2, 6
2, 12
2, 8
2, 6
IN1-, IN2-
Inverting Inputs for Amplifiers 1 and 2
4
2
7
IN-
Inverting Input
3, 5
3, 11
3, 7
3, 5
IN1+, IN2+
Noninverting Inputs for Amplifiers 1 and 2
5
7
5
8
14
10
4
VCC
Positive Supply
6, 9
5, 6
SHDN1,
SHDN2
Active-Low Shutdown Inputs for
Amplifiers 1 and 2. Drive low for
shutdown mode. Drive high or connect to
VCC for normal operation.
8
8
SHDN
Active-Low Shutdown Input. Drive low for
shutdown mode. Drive high or connect to
VCC for normal operation.
8, 14
OUT3, OUT4 Outputs for Amplifiers 3 and 4
9, 13
IN3-, IN4-
Inverting Inputs for Amplifiers 3 and 4
10, 12
IN3+, IN4+
Noninverting Inputs for Amplifiers 3 and 4


Similar Part No. - MAX4167EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4167ESA MAXIM-MAX4167ESA Datasheet
1Mb / 17P
   High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 1/07
More results

Similar Description - MAX4167EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4165 MAXIM-MAX4165 Datasheet
230Kb / 16P
   High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/97
MAX4165 MAXIM-MAX4165_V01 Datasheet
1Mb / 17P
   High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
2007
MAX4167ESA MAXIM-MAX4167ESA Datasheet
1Mb / 17P
   High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 1/07
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
logo
ams AG
AS1710 AMSCO-AS1710_1 Datasheet
747Kb / 17P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
AS1710 AMSCO-AS1710_04 Datasheet
1Mb / 20P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
AS1710 AMSCO-AS1710 Datasheet
750Kb / 17P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX9910 MAXIM-MAX9910_10 Datasheet
508Kb / 17P
   200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX9912EKA MAXIM-MAX9912EKA Datasheet
508Kb / 17P
   200kHz, 4uA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX4230 MAXIM-MAX4230_11 Datasheet
859Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com