Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX25L2006EM1I12G Datasheet(PDF) 7 Page - Macronix International

Part # MX25L2006EM1I12G
Description  2M-BIT [x 1/x 2] CMOS SERIAL FLASH
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L2006EM1I12G Datasheet(HTML) 7 Page - Macronix International

Back Button MX25L2006EM1I12G Datasheet HTML 3Page - Macronix International MX25L2006EM1I12G Datasheet HTML 4Page - Macronix International MX25L2006EM1I12G Datasheet HTML 5Page - Macronix International MX25L2006EM1I12G Datasheet HTML 6Page - Macronix International MX25L2006EM1I12G Datasheet HTML 7Page - Macronix International MX25L2006EM1I12G Datasheet HTML 8Page - Macronix International MX25L2006EM1I12G Datasheet HTML 9Page - Macronix International MX25L2006EM1I12G Datasheet HTML 10Page - Macronix International MX25L2006EM1I12G Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
7
P/N: PM1578
MX25L2006E
REV.1.5, NOV. 14, 2013
Table 1. Memory Organization
MEMORY ORGANIZATION
Block
Sector
Address Range
3
63
03F000h
03FFFFh
:
:
:
48
030000h
030FFFh
2
47
02F000h
02FFFFh
:
:
:
32
020000h
020FFFh
1
31
01F000h
01FFFFh
:
:
:
16
010000h
010FFFh
0
15
00F000h
00FFFFh
:
:
:
3
003000h
003FFFh
2
002000h
002FFFh
1
001000h
001FFFh
0
000000h
000FFFh


Similar Part No. - MX25L2006EM1I12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L2006EM1I-12G MCNIX-MX25L2006EM1I-12G Datasheet
1Mb / 50P
   DATASHEET
More results

Similar Description - MX25L2006EM1I12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25V2006E MCNIX-MX25V2006E Datasheet
906Kb / 49P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L2026E MCNIX-MX25L2026E Datasheet
629Kb / 48P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L2026C MCNIX-MX25L2026C Datasheet
1Mb / 41P
   2M-BIT [x 1] CMOS SERIAL FLASH
MX25L2005 MCNIX-MX25L2005 Datasheet
548Kb / 40P
   2M-BIT [x 1] CMOS SERIAL FLASH
MX25L6406E MCNIX-MX25L6406E Datasheet
1Mb / 60P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EM2 MCNIX-MX25L3206EM2 Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L005E GENERALPLUS-GPR25L005E Datasheet
855Kb / 38P
   512K-Bit [x 1/x 2] CMOS Serial Flash
logo
Macronix International
MX25L3206EZUI-12G MCNIX-MX25L3206EZUI-12G Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3208E MCNIX-MX25L3208E Datasheet
760Kb / 47P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L8006E MCNIX-MX25L8006E Datasheet
1Mb / 57P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com