Electronic Components Datasheet Search |
|
MAX4501ESA Datasheet(PDF) 4 Page - Maxim Integrated Products |
|
MAX4501ESA Datasheet(HTML) 4 Page - Maxim Integrated Products |
4 / 8 page Low-Voltage, SPST, CMOS Analog Switches 4 _______________________________________________________________________________________ Note 2: Algebraic convention is used in this data sheet; the most negative value is shown in the minimum column. Note 3: Leakage parameters are 100% tested at maximum-rated hot operating temperature, and are guaranteed by correlation at +25°C. Note 4: SOT and SC70 packaged parts are 100% tested at +25°C. Limits at maximum and minimum rated temperature are guaran- teed by design and correlation limits at +25°C. Note 5: Guaranteed, not production tested. CONDITIONS UNITS MIN TYP MAX SYMBOL PARAMETER VCOM = 1.5V, ICOM = 0.1mA VIN = 0 or V+ Ω 800 RON COM to NO or NC On-Resistance TA = +25°C TA = TMIN to TMAX 175 600 V 0V+ VCOM, VNO, VNC Analog Signal Range µA -1.00 0.03 1.00 IINH, IINL Input Current Logic High or Low V 0 0.8 VINL Input Logic Low V 2.4 V+ VINH Input Logic High ELECTRICAL CHARACTERISTICS—+3V Supply (V+ = +3.0V to +3.6V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2) ns 500 -1 1 µA TA = TMIN to TMAX -10 10 TA = +25°C IN = 0 or V+ I+ V+ Supply Current VNO = VNC = 1.5V, VIN = 3V, RL = 1k Ω, Figure 1 tON Turn-On Time (Note 5) CL = 1nF, TA = +25°C, Figure 2 pC Q Charge Injection (Note 5) 0.5 10 TA = +25°C TA = TMIN to TMAX 45 300 TA = TMIN to TMAX 10 125 ns 175 VNO = VNC = 1.5V, VIN = 3V, RL = 1k Ω, Figure 1 tOFF Turn-Off Time (Note 5) TA = +25°C ANALOG SWITCH DIGITAL I/O SWITCH DYNAMIC CHARACTERISTICS POWER SUPPLY |
Similar Part No. - MAX4501ESA |
|
Similar Description - MAX4501ESA |