Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4502CD Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4502CD
Description  Low-Voltage, SPST, CMOS Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4502CD Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX4502CD Datasheet HTML 1Page - Maxim Integrated Products MAX4502CD Datasheet HTML 2Page - Maxim Integrated Products MAX4502CD Datasheet HTML 3Page - Maxim Integrated Products MAX4502CD Datasheet HTML 4Page - Maxim Integrated Products MAX4502CD Datasheet HTML 5Page - Maxim Integrated Products MAX4502CD Datasheet HTML 6Page - Maxim Integrated Products MAX4502CD Datasheet HTML 7Page - Maxim Integrated Products MAX4502CD Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Low-Voltage, SPST, CMOS Analog Switches
6
_______________________________________________________________________________________
Applications Information
Power-Supply Considerations
The MAX4501/MAX4502 are constructed like most
CMOS analog switches, except they have only two sup-
ply pins: V+ and GND. V+ and GND drive the internal
CMOS switches and set the analog voltage limits of the
switch. Reverse ESD-protection diodes are internally
connected between each analog signal pin and both
V+ and GND. One of these diodes conducts if any ana-
log signal exceeds V+ or GND. During normal opera-
tion, these and other reverse-biased ESD diodes leak,
forming the only current drawn from V+ or GND.
Virtually all the analog leakage current comes from the
ESD diodes. Although the ESD diodes on a given sig-
nal pin are identical and therefore fairly well balanced,
they are reverse biased differently. Each is biased by
either V+ or GND and the analog signal. This means
their leakages will vary as the signal varies. The differ-
ence in the two diode leakages to the V+ and GND
pins constitutes the analog signal-path leakage current.
All analog leakage current flows between each pin and
one of the supply terminals, not to the other switch ter-
minal. This is why both sides of a given switch can
show leakage currents of the same or opposite polarity.
There is no connection between the analog-signal
paths and V+ or GND.
V+ and GND also power the internal logic and logic-
level translators, and set the input logic limits. The
logic-level translators convert the logic levels to
switched V+ and GND signals to drive the analog sig-
nal gates. This drive signal is the only connection
between the logic supplies (and signals) and the ana-
log supplies. COM, NO, and NC pins have ESD-protec-
tion diodes to V+ and GND.
The logic-level thresholds are CMOS/TTL compatible
when V+ is +5V. As V+ rises, the threshold increases
slightly. When V+ reaches +12V, the logic-level thresh-
old is about 3V—above the TTL guaranteed high-level
minimum of 2.8V, but still compatible with CMOS out-
puts.
Do not connect the MAX4501/MAX4502’s V+ pin to
+3V and then connect the logic-level pins to TTL
logic-level signals. TTL levels can exceed +3V and
violate the absolute maximum ratings, damaging
the part and/or external circuits.
High-Frequency Performance
In 50
Ω systems, signal response is reasonably flat up
to 250MHz (see Typical Operating Characteristics).
Above 20MHz, the on-response has several minor
peaks that are highly layout dependent. The problem is
not in turning the switch on; it’s in turning it off. The off-
state switch acts like a capacitor and passes higher
frequencies with less attenuation. At 10MHz, off-isola-
tion is about -60dB in 50
Ω systems, decreasing
approximately 20dB per decade as frequency increas-
es. Higher circuit impedances also cause off-isolation
to decrease. Adjacent channel attenuation is about 3dB
above that of a bare IC socket, and is due entirely to
capacitive coupling.
______________________________________________________________Pin Description
Note: NO, NC, and COM pins are identical and interchangeable. Any may be considered as an input or an output; signals pass
equally well in both directions.
FUNCTION
NAME
MAX4501
MAX4502
SO/DIP
SC70-5/SOT23-5
SO/DIP
SC70-5/SOT23-5
Positive Supply-Voltage Input (analog and digital)
PIN
1
1
1
1
COM
Analog Switch Common Terminal
2, 3, 5
2, 3, 5
N.C.
No Connection. Not internally connected.
4
5
V+
6
4
6
4
IN
Digital Control Input
7
3
7
3
GND
Ground
8
2
NO
Analog Switch (normally open)
8
2
NC
Analog Switch (normally closed)
5
4


Similar Part No. - MAX4502CD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4502C/D MAXIM-MAX4502C/D Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502CPA MAXIM-MAX4502CPA Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502CSA MAXIM-MAX4502CSA Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502CUK-T MAXIM-MAX4502CUK-T Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
More results

Similar Description - MAX4502CD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4706 MAXIM-MAX4706 Datasheet
375Kb / 11P
   Low-Voltage, 2ohm, SPST, CMOS Analog Switches
Rev 0; 1/04
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4645 MAXIM-MAX4645_V01 Datasheet
346Kb / 11P
   Fast, Low-Voltage, 2.5?? SPST, CMOS Analog Switches
19-1653; Rev 2; 2/04
MAX4503 MAXIM-MAX4503 Datasheet
114Kb / 12P
   Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
Rev 0; 6/96
MAX4514EUK-T MAXIM-MAX4514EUK-T Datasheet
396Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 1; 5/05
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
   Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com