Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX25L3273EMI10G Datasheet(PDF) 9 Page - Macronix International

Part # MX25L3273EMI10G
Description  32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L3273EMI10G Datasheet(HTML) 9 Page - Macronix International

Back Button MX25L3273EMI10G Datasheet HTML 5Page - Macronix International MX25L3273EMI10G Datasheet HTML 6Page - Macronix International MX25L3273EMI10G Datasheet HTML 7Page - Macronix International MX25L3273EMI10G Datasheet HTML 8Page - Macronix International MX25L3273EMI10G Datasheet HTML 9Page - Macronix International MX25L3273EMI10G Datasheet HTML 10Page - Macronix International MX25L3273EMI10G Datasheet HTML 11Page - Macronix International MX25L3273EMI10G Datasheet HTML 12Page - Macronix International MX25L3273EMI10G Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
9
MX25L3273E
P/N: PM1906
REV. 1.1, NOV. 07, 2013
6. DATA PROTECTION
During power transition, there may be some false system level signals which result in inadvertent erasure or
programming. The device is designed to protect itself from these accidental write cycles.
The state machine will be reset as standby mode automatically during power up. In addition, the control register
architecture of the device constrains that the memory contents can only be changed after specific command
sequences have completed successfully.
In the following, there are several features to protect the system from the accidental write cycles during VCC
power-up and power-down or from system noise.
• Valid command length checking: The command length will be checked whether it is at byte base and complet-
ed on byte boundary.
• Write Enable (WREN) command: WREN command is required to set the Write Enable Latch bit (WEL) before
other command to change data. The WEL bit will return to reset stage under following situation:
- Power-up
- Write Disable (WRDI) command completion
- Write Status Register (WRSR) command completion
- Page Program (PP, 4PP) command completion
- Continuous Program mode (CP) instruction completion
- Sector Erase (SE) command completion
- Block Erase (BE, BE32K) command completion
- Chip Erase (CE) command completion
- Single Block Lock/Unlock (SBLK/SBULK) instruction completion
- Gang Block Lock/Unlock (GBLK/GBULK) instruction completion
• Deep Power Down Mode: By entering deep power down mode, the flash device also is under protected from
writing all commands except Release from Deep Power Down mode command (RDP) and Read Electronic
Signature command (RES).
I. Block lock protection
- The Software Protected Mode (SPM) uses (BP3, BP2, BP1, BP0) bits to allow part of memory to be pro-
tected as read only. The protected area definition is shown as table of "Table 2. Protected Area Sizes", the
protected areas are more flexible which may protect various areas by setting value of BP0-BP3 bits.
- MX25L3273E provides individual block (or sector) write protect & unprotect. User may enter the mode with
WPSEL command and conduct individual block (or sector) write protect with SBLK instruction, or SBULK for
individual block (or sector) unprotect. Under the mode, user may conduct whole chip (all blocks) protect with
GBLK instruction and unlock the whole chip with GBULK instruction.


Similar Part No. - MX25L3273EMI10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3275E MCNIX-MX25L3275E Datasheet
1Mb / 87P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L3275EM2I10G MCNIX-MX25L3275EM2I10G Datasheet
1Mb / 87P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L3275EMI10G MCNIX-MX25L3275EMI10G Datasheet
1Mb / 87P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L3275EZNI10G MCNIX-MX25L3275EZNI10G Datasheet
1Mb / 87P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
More results

Similar Description - MX25L3273EMI10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3275E MCNIX-MX25L3275E Datasheet
1Mb / 87P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U3235F MCNIX-MX25U3235F Datasheet
1Mb / 90P
   1.8V 32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L3233F MCNIX-MX25L3233F Datasheet
1Mb / 84P
   3V, 32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U3235E MCNIX-MX25U3235E Datasheet
1Mb / 86P
   32M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6433F MCNIX-MX25L6433F Datasheet
1Mb / 83P
   64M-BIT [x 1 / x 2 / x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L1673E MCNIX-MX25L1673E Datasheet
992Kb / 65P
   16M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6473E MCNIX-MX25L6473E Datasheet
1Mb / 86P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX66L51235F MCNIX-MX66L51235F Datasheet
1Mb / 107P
   3V 512M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U12835F MCNIX-MX25U12835F Datasheet
1Mb / 96P
   1.8V 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L12835FZ2I-10G MCNIX-MX25L12835FZ2I-10G Datasheet
1Mb / 84P
   3V, 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com