Electronic Components Datasheet Search |
|
MAX6310UKD-T Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
MAX6310UKD-T Datasheet(HTML) 2 Page - Maxim Integrated Products |
2 / 11 page 5-Pin, Multiple-Input, Programmable Reset ICs 2 ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS VCC = +2.5V to +5.5V for the MAX6305/MAX6308/MAX6311, VCC = (VTH + 2.5%) to +5.5V for the MAX6306/MAX6307/MAX6309/ MAX6310/MAX6312/MAX6313; TA = -40°C to +85°C; unless otherwise noted. Typical values are at TA = +25°C.) (Note 1) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. VCC ...........................................................................-0.3V to +6V All Other Pins..............................................-0.3V to (VCC + 0.3V) Input/Output Current, All Pins .............................................20mA Rate of Rise, VCC ............................................................100V/µs Continuous Power Dissipation (TA = +70°C) SOT23 (derate 7.1mW/°C above +70°C) ....................571mW Operating Temperature Range MAX63_ _UK _ _D_-T.........................................0°C to +70°C MAX63_ _EUK _ _D_-T ...................................-40°C to +85°C Storage Temperature Range .............................-65°C to +160°C Lead Temperature (soldering, 10sec) .............................+300°C Soldering Temperature (reflow) Lead (Pb) - free packages............................................+260°C Packages containing lead (Pb).....................................+240°C PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS VCC Range TA = -40°C to +85°C (Note 2) 1.0 5.5 V Supply Current ICC VCC = 5.5V 8 16 µA TA = +25°C VTH - 1.5% VTH VTH + 1.5% MAX6306/MAX6307/ MAX6309/MAX6310/ MAX6312/MAX6313 TA = 0°C to +70°C VTH - 2.5% VTH VTH + 2.5% Reset Threshold (Note 3) VTH MAX6306E/MAX6307/ MAX6309E/MAX6310E/ MAX6312E/MAX6313E TA = -40°C to +85°C VTH - 2.5% VTH VTH + 2.5% V Reset Threshold VTH/°C 40 ppm/°C Reset Threshold VTH HYST 2 x VTH mV D1 1.0 1.4 2.0 D2 20 28 40 D3 140 200 280 Reset Timeout Period tRP D4 1120 1570 2240 ms VCC > 4.25V, ISINK = 3.2mA 0.4 VCC > 2.5V, ISINK = 1.2mA 0.3 VCC > 1.2V, ISINK = 500µA 0.3 VOL MAX6305–MAX6310 VCC > 1.0V, ISINK = 50µA 0.3 V VCC > 4.25V, ISOURCE = 800µA VCC - 1.5 RESET Output Voltage VOH MAX6308/MAX6309/ MAX6310 VCC > 2.5V, ISOURCE = 500µA 0.8 x VCC V VCC > 4.25V, ISINK = 3.2mA 0.4 VOL VCC > 2.5V, ISINK = 1.2mA 0.3 VCC > 1.8V, ISOURCE = 150µA 0.8 x VCC RESET Output Voltage VOH MAX6311/MAX6312/ MAX6313 VCC > 1.0V, ISOURCE = 10µA 0.8 x VCC V |
Similar Part No. - MAX6310UKD-T |
|
Similar Description - MAX6310UKD-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |