Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6415 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6415
Description  Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6415 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6415 Datasheet HTML 1Page - Maxim Integrated Products MAX6415 Datasheet HTML 2Page - Maxim Integrated Products MAX6415 Datasheet HTML 3Page - Maxim Integrated Products MAX6415 Datasheet HTML 4Page - Maxim Integrated Products MAX6415 Datasheet HTML 5Page - Maxim Integrated Products MAX6415 Datasheet HTML 6Page - Maxim Integrated Products MAX6415 Datasheet HTML 7Page - Maxim Integrated Products MAX6415 Datasheet HTML 8Page - Maxim Integrated Products MAX6415 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MAX6412–MAX6420
Low-Power, Single/Dual-Voltage µP Reset Circuits
with Capacitor-Adjustable Reset Timeout Delay
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
General Description
The MAX6412–MAX6420 low-power microprocessor
supervisor circuits monitor system voltages from 1.6V to
5V. These devices are designed to assert a reset signal
whenever the VCC supply voltage or RESET IN falls below
its reset threshold or the manual reset input is asserted.
The reset output remains asserted for the reset timeout
period after VCC and RESET IN rise above the reset
threshold and the manual reset input is deasserted. The
reset timeout is externally set by a capacitor to provide
more flexibility.
The MAX6412/MAX6413/MAX6414 feature fixed thresholds
from 1.575V to 5V in approximately 100mV increments and
a manual reset input. The MAX6415/MAX6416/MAX6417
are offered with an adjustable reset input that can monitor
voltages down to 1.26V and the MAX6418/MAX6419/
MAX6420 are offered with one fixed input and one
adjustable input to monitor dual-voltage systems.
The MAX6412/MAX6415/MAX6418 have an active-low,
push-pull reset output. The MAX6413/MAX6416/
MAX6419 have an active-high, push-pull reset output
and the MAX6414/MAX6417/MAX6420 have an active-
low, open-drain reset output. All of these devices are
offered in a SOT23-5 package and are fully specified
from -40°C to +125°C.
Applications
Automotive
Medical Equipment
Intelligent Instruments
Portable Equipment
Battery-Powered Computers/Controllers
Embedded Controllers
Critical µP Monitoring
Set-Top Boxes
Computers
Features
o Monitor System Voltages from 1.6V to 5V
o Capacitor-Adjustable Reset Timeout Period
o Manual Reset Input
(MAX6412/MAX6413/MAX6414)
o Adjustable Reset Input Option (MAX6415–MAX6420)
o Dual-Voltage Monitoring
(MAX6418/MAX6419/MAX6420)
o Low Quiescent Current (1.7µA, typ)
o 3 RESET Output Options
Push-Pull
RESET
Push-Pull RESET
Open-Drain
RESET
o Guaranteed Reset Valid to VCC = 1V
o Power-Supply Transient Immunity
o Small SOT23-5 Packages
Low-Power, Single/Dual-Voltage µP Reset Circuits
with Capacitor-Adjustable Reset Timeout Delay
Ordering Information
GND
SRT
15
VCC
MAX6412–
MAX6420
SOT23-5
TOP VIEW
2
34
RESET/RESET
RESET IN (MR)
( ) FOR THE MAX6412/MAX6413/MAX6414.
Pin Configuration
19-2336; Rev 5; 8/12
Selector Guide and Typical Operating Circuit appear at end
of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX6412UK_ _-T
-40°C to +125°C
5 SOT23
MAX6413UK_ _-T
-40°C to +125°C
5 SOT23
MAX6414UK_ _-T
-40°C to +125°C
5 SOT23
MAX6415UK-T
-40°C to +125°C
5 SOT23
MAX6416UK-T
-40°C to +125°C
5 SOT23
MAX6417UK-T
-40°C to +125°C
5 SOT23
MAX6418UK_ _-T
-40°C to +125°C
5 SOT23
MAX6419UK_ _-T
-40°C to +125°C
5 SOT23
MAX6420UK_ _-T
-40°C to +125°C
5 SOT23
MAX6420UK_ _/V-T
-40°C to +125°C
5 SOT23
Note: The MAX6412/MAX6413/MAX6414 and MAX6418/
MAX6419/MAX6420 are available with factory-set VCC reset
thresholds from 1.575V to 5.0V in approximately 0.1V incre-
ments. Insert the desired nominal reset threshold suffix (from
Table 1) into the blanks following the letters UK. There are 33
standard versions with a required order increment of 2500
pieces. Sample stock is generally held on standard versions
only (see Standard Versions Table). Required order increment is
10,000 pieces for nonstandard versions. Contact factory for
availability. All devices are available in tape-and-reel only.
Devices are available in both leaded and lead-free packaging.
Specify lead-free by replacing “-T” with “+T” when ordering.
/V denotes an automotive qualified part.


Similar Part No. - MAX6415

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6415 MAXIM-MAX6415 Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6415UK-T MAXIM-MAX6415UK-T Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6415UK-T MAXIM-MAX6415UK-T Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
MAX6415UK-T MAXIM-MAX6415UK-T Datasheet
211Kb / 12P
   Low-Power, Single/Dual-Voltage muP Reset Circuits
Rev 5; 8/12
MAX6415 MAXIM-MAX6415_12 Datasheet
211Kb / 12P
   Low-Power, Single/Dual-Voltage μP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
More results

Similar Description - MAX6415

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6412 MAXIM-MAX6412 Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6412 MAXIM-MAX6412_12 Datasheet
211Kb / 12P
   Low-Power, Single/Dual-Voltage μP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
MAX6746 MAXIM-MAX6746_10 Datasheet
159Kb / 14P
   uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 4; 9/10
MAX6746 MAXIM-MAX6746 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6412 MAXIM-MAX6412_10 Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
logo
SG Micro Corp
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com