Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX25L6406EZNI12G Datasheet(PDF) 5 Page - Macronix International

Part # MX25L6406EZNI12G
Description  64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L6406EZNI12G Datasheet(HTML) 5 Page - Macronix International

  MX25L6406EZNI12G Datasheet HTML 1Page - Macronix International MX25L6406EZNI12G Datasheet HTML 2Page - Macronix International MX25L6406EZNI12G Datasheet HTML 3Page - Macronix International MX25L6406EZNI12G Datasheet HTML 4Page - Macronix International MX25L6406EZNI12G Datasheet HTML 5Page - Macronix International MX25L6406EZNI12G Datasheet HTML 6Page - Macronix International MX25L6406EZNI12G Datasheet HTML 7Page - Macronix International MX25L6406EZNI12G Datasheet HTML 8Page - Macronix International MX25L6406EZNI12G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
5
MX25L6406E
P/N: PM1577
REV. 1.8, NOV. 12, 2013
64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
1. FEATURES
GENERAL
• Single Power Supply Operation
- 2.7 to 3.6 volt for read, erase, and program operations
• Serial Peripheral Interface compatible -- Mode 0 and Mode 3
• 67,108,864 x 1 bit structure or 33,554,432 x 2 bits (Dual Output mode) structure
• 2048 Equal Sectors with 4K byte each
- Any Sector can be erased individually
• 128 Equal Blocks with 64K byte each
- Any Block can be erased individually
• Program Capability
- Byte base
- Page base (256 bytes)
• Latch-up protected to 100mA from -1V to Vcc +1V
PERFORMANCE
• High Performance
- Fast access time: 86MHz serial clock
- Serial clock of Dual Output mode: 80MHz
- Fast program time: 0.6ms(typ.) and 3ms(max.)/page
- Byte program time: 9us (typ.)
- Fast erase time: 40ms(typ.) /sector; 0.4s(typ.)/block
• Low Power Consumption
- Low active read current: 25mA(max.) at 86MHz
- Low active programming current: 15mA (typ.)
- Low active sector erase current: 9mA (typ.)
- Low standby current: 12uA (typ.)
- Deep power-down mode 2uA (typ.)
• Typical 100,000 erase/program cycles
• 20 years of data retention
SOFTWARE FEATURES
• Input Data Format
- 1-byte Command code
• Advanced Security Features
- Block lock protection
The BP3~BP0 status bit defines the size of the area to be software protection against program and erase instruc-
tions
- Additional 512 bit secured OTP for unique identifier
• Auto Erase and Auto Program Algorithm
- Automatically erases and verifies data at selected sector
- Automatically programs and verifies data at selected page by an internal algorithm that automatically times the
program pulse widths (Any page to be programed should have page in the erased state first)
• Status Register Feature
• Electronic Identification
- JEDEC 1-byte manufacturer ID and 2-byte device ID


Similar Part No. - MX25L6406EZNI12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L6406EZNI-12G MCNIX-MX25L6406EZNI-12G Datasheet
2Mb / 50P
   DATASHEET
More results

Similar Description - MX25L6406EZNI12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L6408E MCNIX-MX25L6408E Datasheet
925Kb / 49P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L642B GENERALPLUS-GPR25L642B Datasheet
614Kb / 38P
   64M-Bit [x 1 / x 2] COMS Serial Flash
logo
Macronix International
MX25L3206EM2 MCNIX-MX25L3206EM2 Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L005E GENERALPLUS-GPR25L005E Datasheet
855Kb / 38P
   512K-Bit [x 1/x 2] CMOS Serial Flash
logo
Macronix International
MX25L3206EZUI-12G MCNIX-MX25L3206EZUI-12G Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3208E MCNIX-MX25L3208E Datasheet
760Kb / 47P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L2006E MCNIX-MX25L2006E Datasheet
1Mb / 50P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L8006E MCNIX-MX25L8006E Datasheet
1Mb / 57P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25V2006E MCNIX-MX25V2006E Datasheet
906Kb / 49P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L6433F MCNIX-MX25L6433F Datasheet
1Mb / 83P
   64M-BIT [x 1 / x 2 / x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com