Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU9873FVT-GE2 Datasheet(PDF) 6 Page - Rohm

Part # BU9873FVT-GE2
Description  I2C BUS Serial Interface RTC with High-precision Oscillation Adjustment
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9873FVT-GE2 Datasheet(HTML) 6 Page - Rohm

Back Button BU9873FVT-GE2 Datasheet HTML 2Page - Rohm BU9873FVT-GE2 Datasheet HTML 3Page - Rohm BU9873FVT-GE2 Datasheet HTML 4Page - Rohm BU9873FVT-GE2 Datasheet HTML 5Page - Rohm BU9873FVT-GE2 Datasheet HTML 6Page - Rohm BU9873FVT-GE2 Datasheet HTML 7Page - Rohm BU9873FVT-GE2 Datasheet HTML 8Page - Rohm BU9873FVT-GE2 Datasheet HTML 9Page - Rohm BU9873FVT-GE2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Datasheet
Datasheet
6/37
BU9873
TSZ02201-0919AGZ00010-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
13.Sep.2013 REV.001
www.rohm.com
TSZ22111・15・001
AC Characteristics
Item
Symbol
VDD ≥1.8V
VDD ≥2.5V
Unit
Min
Typ
Max
Min
Typ
Max
SCL Clock Frequency
fSCL
0
100
0
400
kHz
SCL Clock “L” Time
tLOW
4.7
1.3
μs
SCL Clock “H” Time
tHIGH
4.0
0.6
μs
Start Condition Hold Time
tHD:STA
4.0
0.6
μs
Stop Condition Setup Time
tSU:STO
4.0
0.6
μs
Start Condition Setup Time
tSU:STA
4.7
0.6
μs
Data Setup Time
tSU:DAT
250
100
ns
“H” Data Hold Time
tHDH:DAT
0
0
ns
“L” Data Hold Time
tHDL:DAT
35
35
ns
SDA “L” Stable Time After Falling of SCL
tPL:DAT
2.0
0.9
μs
SDA Off Stable Time After Falling of SCL
tPZ:DAT
2.0
0.9
μs
Rising Time of SCL and SDA (Input)
tR
1000
300
ns
Falling Time of SCL and SDA (Input)
tF
300
300
ns
Spike Width that can be Filtered
tSP
50
50
ns
Unless additional specified: VSS=0V, Topt=-40°C to +85°C
(Note1) Not 100% TESTED Condition
Input data level: VIL=0.2×VDD
VIH=0.8×VDD
Input data timing reference level: 0.3×VDD/0.7×VDD
Output data timing reference level: 0.3×VDD/0.7×VDD
Rise/Fall time: ≦20ns
Figure 5. Input and output timing
Figure 6. Start and stop condition
SDA
tSU:STA
tSU:STO
tHD:STA
START BIT
STOP BIT
SCL
SDA
(INPUT)
SDA
tHD:STA
tHD:DAT
tSU:DAT
tPL:DAT
tPZ:DAT
tLOW
tHIGH
tR
tF
SCL
(OUTPUT)


Similar Part No. - BU9873FVT-GE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9877FV ROHM-BU9877FV Datasheet
95Kb / 9P
   Serial interface IC for DIMMs supporting plug & play
More results

Similar Description - BU9873FVT-GE2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T82 STMICROELECTRONICS-M41T82_08 Datasheet
465Kb / 58P
   Serial I2C bus RTC with battery switchover
M41T82 STMICROELECTRONICS-M41T82_10 Datasheet
989Kb / 61P
   Serial I2C bus RTC with battery switchover
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
   Serial I2C bus real-time clock (RTC) with battery switchover
logo
List of Unclassifed Man...
BR24L64 ETC1-BR24L64 Datasheet
99Kb / 2P
   Serial 2 Wire Interface (I2C BUS Type)
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93_07 Datasheet
382Kb / 51P
   Serial SPI bus RTC with battery switchover
M41T93 STMICROELECTRONICS-M41T93_08 Datasheet
446Kb / 51P
   Serial SPI bus RTC with battery switchover
M41ST84W STMICROELECTRONICS-M41ST84W Datasheet
481Kb / 29P
   3.0/3.3V I2C Serial RTC with Supervisory Functions
M41T93 STMICROELECTRONICS-M41T93 Datasheet
416Kb / 49P
   Serial SPI bus RTC with battery switchover
logo
RICOH electronics devic...
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com