Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L18P005S12 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # L18P005S12
Description  UL508,CSA C22.2 No14?멥겗?⒴릦?ャ겇?꾠겍 According to UL508 standard and CSA C22.2 No.14 standard
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L18P005S12 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  L18P005S12 Datasheet HTML 1Page - List of Unclassifed Manufacturers L18P005S12 Datasheet HTML 2Page - List of Unclassifed Manufacturers L18P005S12 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UL,CSA(CAUTION) 3/3
2 1209
UL508,CSAC22.2No14への適合について
According to UL508 standard and CSA C22.2 No.14 standard
電流センサ関連 CURRENT SENSORS
CAUTION
Series
Model
CAUTION
F01P
F01P***S05
The maximum temperature at top of Case shall not be higher than 110°C and
busbar shall not be higher than 108°C in the end-use product.
F02P
F02P***S05
F03P
F03P***S05
L07P
L07P***D15
L07P***S05
-
L18P
L18P***D15
L18P***D15C
L18P***D15-OP
L18P***S05
L18P***S05R
L18P***S12
SL18P***D15
-
L31S
L31S***S05S
-
L34S
L34S***D15
Do not wrap the primary conductor around the core part of the product for
preventing to reduce the required Spacings.
S21S
S21S180D15JN
Do not wrap the primary conductor around the core part of the product to
increase measured current.
S22P
S22P***S05
S22P***S05M2
-
S23P
S23P50/100D15
S23P50/100D15M1
S23P50/100D15M2
Provide two min. 100 by 85 mm, 0.5mm thick cupper conductorcum heat
sink as primary conductor of each side for safe usage. The primary coductor
temperature and PCB should not exceed 100˚C.
S25P
S25P***D15*
Do not wrap the primary conductor around the core part of the product to
increase measured current.
S26P
S26P200D15Y
Do not wrap the primary conductor around the core part of the product to
increase measured current.
S27S
S27S300D15Y
S27S300D15YM
-
S28S
S28S500D24Z
S28S500D24ZM
-


Similar Part No. - L18P005S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L18P015S05 ETC2-L18P015S05 Datasheet
514Kb / 2P
   Hall Effect Current Sensors L18P S05 Series
More results

Similar Description - L18P005S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMD1210 ETC1-SMD1210 Datasheet
85Kb / 2P
   UL 1434 1st Edition CSA C22.2 No. 0 CSA TIL No. CA-3A
logo
Altech corporation
2DU1 ALTECH-2DU1 Datasheet
1Mb / 19P
   Typical UL508 Application
UL1077 ALTECH-UL1077 Datasheet
411Kb / 10P
   UL508 Listed Busbars
logo
List of Unclassifed Man...
DF11-2428SCFA ETC2-DF11-2428SCFA Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
Hirose Electric
DF11-30DS-2DSA06 HIROSE-DF11-30DS-2DSA06 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-4DS-2R26 HIROSE-DF11-4DS-2R26 Datasheet
444Kb / 12P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11 HIROSE-DF11 Datasheet
551Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-4DS-2R26 HIROSE-DF11-4DS-2R26_1 Datasheet
450Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-8DP-2DS52 HIROSE-DF11-8DP-2DS52 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-16DP-2DSA01 HIROSE-DF11-16DP-2DSA01 Datasheet
547Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com