Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7294SF Datasheet(PDF) 7 Page - Rohm

Part # BU7294SF
Description  Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7294SF Datasheet(HTML) 7 Page - Rohm

Back Button BU7294SF Datasheet HTML 3Page - Rohm BU7294SF Datasheet HTML 4Page - Rohm BU7294SF Datasheet HTML 5Page - Rohm BU7294SF Datasheet HTML 6Page - Rohm BU7294SF Datasheet HTML 7Page - Rohm BU7294SF Datasheet HTML 8Page - Rohm BU7294SF Datasheet HTML 9Page - Rohm BU7294SF Datasheet HTML 10Page - Rohm BU7294SF Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200390-1-2
©2013 ROHM Co., Ltd. All rights reserved.
7/27
22.May.2013 Rev.001
TSZ22111・15・001
BU7291G, BU7291SG, BU7294xx, BU7294Sxx
●Typical Performance Curves
○BU7291, BU7291S
(*)The data above is measurement value of typical sample, it is not guaranteed.
BU7291G: -40
C to +85C BU7291SG: -40C to +105C
0
200
400
600
800
1000
1200
-50
-25
0
255075
100
125
AMBIENT TEMPERATURE [°C]
2.4V
5.5V
3.0V
Figure 5.
Supply Current – Ambient Temperature
0
200
400
600
800
1000
1200
234
56
SUPPLY VOLTAGE [V]
-40
C
25
C
85
C
105
C
Figure 4.
Supply Current – Supply Voltage
Figure 2.
Derating curve
85
BU7291G
105
Figure 3.
Derating curve
BU7291SG
0
200
400
600
800
0
255075
100
AMBIENT TEMPERATURE [°C]
0
200
400
600
800
0
25
50
75
100
125
AMBIENT TEMPERATURE [°C]
0.2
0.4
0.6
0.8
0.2
0.4
0.6
0.8


Similar Part No. - BU7294SF

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7294SF-E2 ROHM-BU7294SF-E2 Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
BU7294SFV-E2 ROHM-BU7294SFV-E2 Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
More results

Similar Description - BU7294SF

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BD7561G-TR ROHM-BD7561G-TR Datasheet
2Mb / 34P
   Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
LM7101G ROHM-LM7101G Datasheet
583Kb / 21P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G_14 Datasheet
1Mb / 63P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G Datasheet
309Kb / 7P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G_V01 Datasheet
2Mb / 62P
   Input/Output Full Swing Low Power Operational Amplifiers
24.Mar.2021.Rev.006
BU7205HFV ROHM-BU7205HFV Datasheet
516Kb / 22P
   Ultra Low Supply Current Input/Output Full Swing CMOS Operational Amplifiers
BU7261G ROHM-BU7261G_10 Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com