Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6332-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6332-T
Description  5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6332-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6332-T Datasheet HTML 2Page - Maxim Integrated Products MAX6332-T Datasheet HTML 3Page - Maxim Integrated Products MAX6332-T Datasheet HTML 4Page - Maxim Integrated Products MAX6332-T Datasheet HTML 5Page - Maxim Integrated Products MAX6332-T Datasheet HTML 6Page - Maxim Integrated Products MAX6332-T Datasheet HTML 7Page - Maxim Integrated Products MAX6332-T Datasheet HTML 8Page - Maxim Integrated Products MAX6332-T Datasheet HTML 9Page - Maxim Integrated Products MAX6332-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MAX6316–MAX6322
5-Pin µP Supervisory Circuits with
Watchdog and Manual Reset
6
Maxim Integrated
_______________Detailed Description
A microprocessor’s (µP) reset input starts or restarts the
µP in a known state. The reset output of the MAX6316–
MAX6322 µP supervisory circuits interfaces with the
reset input of the µP, preventing code-execution errors
during power-up, power-down, and brownout condi-
tions (see the
Typical Operating Circuit). The MAX6316/
MAX6317/MAX6318/MAX6320/MAX6321 are also capa-
ble of asserting a reset should the µP become stuck in
an infinite loop.
Reset Output
The MAX6316L/MAX6318LH/MAX6319LH feature an
active-low reset output, while the MAX6317H/
MAX6318_H/MAX6319_H/MAX6321HP/MAX6322HP
feature an active-high reset output. RESET is guaran-
teed to be a logic low and RESET is guaranteed to be a
logic high for VCC down to 1V.
The MAX6316–MAX6322 assert reset when VCC is below
the reset threshold (VRST), when MR is pulled low
(MAX6316_/MAX6317H/MAX6319_H/MAX6320P/
MAX6322HP only), or if the WDI pin is not serviced within
the watchdog timeout period (tWD). Reset remains assert-
ed for the specified reset active timeout period (tRP) after
VCC rises above the reset threshold, after MR transitions
low to high, or after the watchdog timer asserts the reset
(MAX6316_/MAX6317H/MAX6318_H/MAX6320P/
MAX6321HP). After the reset active timeout period (tRP)
expires, the reset output deasserts, and the watchdog
timer restarts from zero (Figure 2).
MAX6316–MAX6322
VCC
VCC
WDI
(ALL EXCEPT
MAX6319/MAX6322)
1.23V
52k
52k
GND
RESET
(ALL EXCEPT
MAX6316/MAX6320P)
RESET
(ALL EXCEPT MAX6317)
MR
(ALL EXCEPT
MAX6318/MAX6321)
RESET
GENERATOR
WATCHDOG
TIMER
WATCHDOG
TRANSITION
DETECTOR
Figure 1. Functional Diagram
VCC
1V
1V
tRD
VRST
VRST
tRD
RESET
GND
RESET
tRP
tRP
GND
Figure 2. Reset Timing Diagram


Similar Part No. - MAX6332-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332 Datasheet
95Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits
Rev 3; 6/12
MAX6332 MAXIM-MAX6332 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
MAX6332UR MAXIM-MAX6332UR Datasheet
147Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits
Rev 2; 12/05
MAX6332UR16D1-T MAXIM-MAX6332UR16D1-T Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
More results

Similar Description - MAX6332-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX6316 MAXIM-MAX6316 Datasheet
176Kb / 16P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
Rev 3; 1/99
MAX6316 MAXIM-MAX6316_V01 Datasheet
1Mb / 15P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
2018
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com