Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7262FVM Datasheet(PDF) 4 Page - Rohm

Part # BU7262FVM
Description  Input/Output Full Swing CMOS Operational Amplifiers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7262FVM Datasheet(HTML) 4 Page - Rohm

  BU7262FVM Datasheet HTML 1Page - Rohm BU7262FVM Datasheet HTML 2Page - Rohm BU7262FVM Datasheet HTML 3Page - Rohm BU7262FVM Datasheet HTML 4Page - Rohm BU7262FVM Datasheet HTML 5Page - Rohm BU7262FVM Datasheet HTML 6Page - Rohm BU7262FVM Datasheet HTML 7Page - Rohm BU7262FVM Datasheet HTML 8Page - Rohm BU7262FVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200230-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
4/43
25.Sep.2013 Rev.001
TSZ22111・15・001
BU7261G
BU7261SG
BU7262xxx
BU7262Sxxx
BU7264xx
BU7264Sxx
Absolute Maximum Ratings
(TA=25℃)
Parameter
Symbol
Rating
Unit
BU7261G
BU7262xxx
BU7264xx
Supply Voltage
VDD-VSS
+7
V
Power Dissipation
PD
SSOP5
0.54
(Note 1,7)
-
-
W
SOP8
-
0.55
(Note 2,7)
-
MSOP8
-
0.47
(Note 3,7)
-
VSON008X2030
-
0.41
(Note 4,7)
-
SOP14
-
-
0.45
(Note 5,7)
SSOP-B14
0.70
(Note 6,7)
Differential Input
Voltage
(Note 8)
VID
VDD - VSS
V
Input Common-mode
Voltage Range
VICM
(VSS - 0.3) to (VDD + 0.3)
V
Input Current
(Note 9)
II
±10
mA
Operating Supply
Voltage
Vopr
+1.8 to +5.5
V
Operating Temperature
Topr
-40 to +85
°C
Storage Temperature
Tstg
-55 to +125
°C
Maximum Junction
Temperature
TJmax
+125
°C
(Note 1)
To use at temperature above TA=25C reduce 5.4mW/°C.
(Note 2)
To use at temperature above TA=25C reduce 5.5mW/°C.
(Note 3)
To use at temperature above TA=25C reduce 4.7mW/°C.
(Note 4)
To use at temperature above TA=25C reduce 4.1mW/°C.
(Note 5)
To use at temperature above TA=25C reduce 4.5mW/°C.
(Note 6)
To use at temperature above TA=25C reduce 7.0mW/°C.
(Note 7)
Mounted on a FR4 glass epoxy PCB 70mm×70mm×1.6mm (Copper foil area less than 3%).
(Note 8)
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input pin voltage is set to more than VSS.
(Note 9)
An excessive input current will flow when input voltages of more than VDD+0.6V or less than VSS-0.6V are applied.
The input current can be set to less than the rated current by adding a limiting resistor.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open
circuit between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case
the IC is operated over the absolute maximum ratings.


Similar Part No. - BU7262FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7262FVM ROHM-BU7262FVM Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
BU7262FVM ROHM-BU7262FVM Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
BU7262FVM ROHM-BU7262FVM Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
BU7262FVM-TR ROHM-BU7262FVM-TR Datasheet
3Mb / 48P
   CMOS Operational Amplifiers
BU7262FVM-TR ROHM-BU7262FVM-TR Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
More results

Similar Description - BU7262FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BD7561G-TR ROHM-BD7561G-TR Datasheet
2Mb / 34P
   Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
LM7101G ROHM-LM7101G Datasheet
583Kb / 21P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G_14 Datasheet
1Mb / 63P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G Datasheet
309Kb / 7P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G_V01 Datasheet
2Mb / 62P
   Input/Output Full Swing Low Power Operational Amplifiers
24.Mar.2021.Rev.006
BU7205HFV ROHM-BU7205HFV Datasheet
516Kb / 22P
   Ultra Low Supply Current Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com