Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1582H6B1BKAM Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1582H6B1BKAM
Description  15 Amp Metered Rackmount Outlet Strip
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1582H6B1BKAM Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1582H6B1BKAM Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15 Amp Metered Rackmount Outlet Strip
Front or Rear Mounted Receptacles
Features
Designed for power distribution for the front or the rear of the unit.
1U horizontal 19" rackmount installation.
Available with lighted on/off switch or red pilot light to indicate power
on.
Available in black powder coat finish.
Specifications
Heavy duty 14 gauge wire cord - 14/3 SJT type for extreme temperature
ranges and integral molded plug.
Includes 15 Amp, 125 VAC circuit breaker to prevent accidental
overload.
Unit includes - easy to read 0.37" high, red LED ammeter (1.38" x 0.88"
display).
Digital ammeter accuracy +/- 0.1 Amps
Units are cURus recognized to Standard UL1363 - file # E166039.
Illuminated
Illuminated
Overall Dimensions
Number
Number
Outlet
Cord
Plug
NEMA
Rack
On/Off Switch
Light Only
of
Outlets of Outlets
Part No.
Part No.
Height Width Depth On Front
On Rear NEMA Type Length (ft) Blade Type Plug Type Units
1582H6A 1BKA M 1582T6A 1BKA M 1.72
19.00
2.66
6
0
5-15R
6
Straight
5-15P
1U
1582H6B1BKA M 1582T6B1BKA M
1.72
19.00
2.66
6
0
5-15R
15
Straight
5-15P
1U
1583H6A 1BKA M 1583T6A 1BKA M 1.72
19.00
2.66
0
6
5-15R
6
Straight
5-15P
1U
1583H6B1BKA M 1583T6B1BKA M
1.72
19.00
2.66
0
6
5-15R
15
Straight
5-15P
1U
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.


Similar Part No. - 1582H6B1BKAM

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1582H6B1BKAM HAMMOND-1582H6B1BKAM Datasheet
187Kb / 1P
   Black Painted Steel
More results

Similar Description - 1582H6B1BKAM

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1589H6C1BKRFAM HAMMOND-1589H6C1BKRFAM Datasheet
47Kb / 1P
   20 Amp Metered Horizontal Rackmount Outlet Strip
logo
Bud Industries, Inc.
POS-194-S BUD-POS-194-S Datasheet
51Kb / 1P
   RACKMOUNT POWER OUTLET STRIP (15 AMP) (SURGE SUPPRESSED)
POS-195-S BUD-POS-195-S Datasheet
51Kb / 1P
   RACKMOUNT POWER OUTLET STRIP (15 AMP) (SURGE SUPPRESSED)
POS-203 BUD-POS-203 Datasheet
57Kb / 1P
   RACKMOUNT POWER OUTLET STRIP (20 AMP)
POS-204 BUD-POS-204 Datasheet
56Kb / 1P
   RACKMOUNT POWER OUTLET STRIP (20 AMP)
POS-201 BUD-POS-201 Datasheet
48Kb / 1P
   RACKMOUNT POWER OUTLET STRIP (20 AMP)
POS-202 BUD-POS-202 Datasheet
47Kb / 1P
   RACKMOUNT POWER OUTLET STRIP (20 AMP)
logo
Hammond Manufacturing L...
1583-S HAMMOND-1583-S Datasheet
49Kb / 2P
   15 Amp Horizontal Rackmount Surge Strip
1585-6-7-8-S HAMMOND-1585-6-7-8-S Datasheet
57Kb / 2P
   15 Amp Vertical Rackmount Surge Strip
1582-S HAMMOND-1582-S Datasheet
48Kb / 2P
   15 Amp Horizontal Rackmount Surge Strip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com