Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6721 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6721
Description  Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6721 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6721 Datasheet HTML 1Page - Maxim Integrated Products MAX6721 Datasheet HTML 2Page - Maxim Integrated Products MAX6721 Datasheet HTML 3Page - Maxim Integrated Products MAX6721 Datasheet HTML 4Page - Maxim Integrated Products MAX6721 Datasheet HTML 5Page - Maxim Integrated Products MAX6721 Datasheet HTML 6Page - Maxim Integrated Products MAX6721 Datasheet HTML 7Page - Maxim Integrated Products MAX6721 Datasheet HTML 8Page - Maxim Integrated Products MAX6721 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Dual/Triple Ultra-Low-Voltage SOT23 µP
Supervisory Circuits
4
_______________________________________________________________________________________
Note 1: Devices tested at +25°C. Overtemperature limits are guaranteed by design and not production tested.
Note 2: Parameter guaranteed by design.
ELECTRICAL CHARACTERISTICS (continued)
(VCC1 = VCC2 = 0.8V to 5.5V, GND = 0, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RESET/POWER-FAIL OUTPUTS
VCC1 or VCC2
≥ 0.8V, ISINK = 1µA,
output asserted
0.3
VCC1 or VCC2
≥ 1.0V, ISINK = 50µA,
output asserted
0.3
VCC1 or VCC2
≥ 1.2V, ISINK = 100µA,
output asserted
0.3
VCC1 or VCC2
≥ 2.7V, ISINK = 1.2mA,
output asserted
0.3
RST/RST1/RST2/PFO
Output LOW
(Push-Pull or Open-Drain)
VOL
VCC1 or VCC2
≥ 4.5V, ISINK = 3.2mA,
output asserted
0.4
V
VCC1
≥ 1.8V, ISOURCE = 200µA, output not
asserted
0.8
VCC1
VCC1
≥ 2.7V, ISOURCE = 500µA, output not
asserted
0.8
VCC1
RST/RST1/PFO
Output HIGH
(Push-Pull Only)
VOH
VCC1
≥ 4.5V, ISOURCE = 800µA, output not
asserted
0.8
VCC1
V
VCC2
≥ 1.8V, ISOURCE = 200µA, output not
asserted
0.8
VCC2
VCC2
≥ 2.7V, ISOURCE = 500µA, output not
asserted
0.8
VCC2
RST2
Output HIGH
(Push-Pull Only)
VOH
VCC2
≥ 4.5V, ISOURCE = 800µA, output not
asserted
0.8
VCC2
V
VCC1
≥ 1.0V, ISOURCE = 1µA, reset asserted
0.8
VCC1
VCC1
≥ 1.8V, ISOURCE = 150µA,
reset asserted
0.8
VCC1
VCC1
≥ 2.7V, ISOURCE = 500µA,
reset asserted
0.8
VCC1
RST
Output HIGH
(Push-Pull Only)
VOH
VCC1
≥ 4.5V, ISOURCE = 800µA,
reset asserted
0.8
VCC1
V
VCC1 or VCC2
≥ 1.8V, ISINK = 500µA,
reset not asserted
0.3
VCC1 or VCC2
≥ 2.7V, ISINK = 1.2mA,
reset not asserted
0.3
RST
Output LOW
(Push-Pull or Open Drain)
VOL
VCC1 or VCC2
≥ 4.5V, ISINK = 3.2mA,
reset not asserted
0.4
V
RST/RST1/RST2/PFO Output
Open-Drain Leakage Current
Output not asserted
0.5
µA
RST Output Open-Drain
Leakage Current
Output asserted
0.5
µA


Similar Part No. - MAX6721

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6721 MAXIM-MAX6721 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6721 MAXIM-MAX6721 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23
Rev 5; 12/05
MAX6721A MAXIM-MAX6721A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
More results

Similar Description - MAX6721

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6717UKSVD3-T MAXIM-MAX6717UKSVD3-T Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23
Rev 5; 12/05
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6736 MAXIM-MAX6736 Datasheet
236Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com