Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6319LHUK46C-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6319LHUK46C-T
Description  5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6319LHUK46C-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6319LHUK46C-T Datasheet HTML 1Page - Maxim Integrated Products MAX6319LHUK46C-T Datasheet HTML 2Page - Maxim Integrated Products MAX6319LHUK46C-T Datasheet HTML 3Page - Maxim Integrated Products MAX6319LHUK46C-T Datasheet HTML 4Page - Maxim Integrated Products MAX6319LHUK46C-T Datasheet HTML 5Page - Maxim Integrated Products MAX6319LHUK46C-T Datasheet HTML 6Page - Maxim Integrated Products MAX6319LHUK46C-T Datasheet HTML 7Page - Maxim Integrated Products MAX6319LHUK46C-T Datasheet HTML 8Page - Maxim Integrated Products MAX6319LHUK46C-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
______________________________________________________________Pin Description
MAX6316–MAX6322
5-Pin µP Supervisory Circuits with
Watchdog and Manual Reset
5
Maxim Integrated
1
1
MAX6316M/MAX6318MH/MAX6319MH:
Bidirectional, Active-Low, Reset Output.
Intended to interface directly to microprocessors
with bidirectional resets such as the Motorola
68HC11.
MAX6320P/MAX6321HP/MAX6322HP:
Open-Drain, Active-Low, Reset Output. NMOS out-
put (sinks current only). Connect a pullup resistor
from RESET to any supply voltage up to 6V.
MAX6316L/MAX6318LH/MAX6319LH:
Active-Low, Reset Output. CMOS push/pull
output (sources and sinks current).
RESET
1
4
5
3
2
MAX6319LH
MAX6319MH
MAX6322HP
PIN
4
5
3
2
MAX6318LH
MAX6318MH
MAX6321HP
3
4
5
1
2
MAX6317H
Active-Low, Manual Reset Input. Pull low to force a
reset. Reset remains asserted for the duration of
the Reset Timeout Period after MR transitions from
low to high. Leave unconnected or connected to
VCC if not used.
MR
3
Watchdog Input. Triggers a reset if it remains
either high or low for the duration of the watchdog
timeout period. The internal watchdog timer clears
whenever a reset asserts or whenever WDI sees a
rising or falling edge. To disable the watchdog fea-
ture, leave WDI unconnected or three-state the dri-
ver connected to WDI.
WDI
4
Supply Voltage. Reset is asserted when VCC
drops below the Reset Threshold Voltage (VRST).
Reset remains asserted until VCC rises above
VRST and for the duration of the Reset Timeout
Period (tRP) once VCC rises above VRST.
VCC
5
Active-High, Reset Output. CMOS push/pull output
(sources and sinks current). Inverse of RESET.
RESET
Ground
GND
2
MAX6316L
MAX6316M
MAX6320P
FUNCTION
NAME


Similar Part No. - MAX6319LHUK46C-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6319LHUK46C-T MAXIM-MAX6319LHUK46C-T Datasheet
176Kb / 16P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
Rev 3; 1/99
More results

Similar Description - MAX6319LHUK46C-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX6316 MAXIM-MAX6316 Datasheet
176Kb / 16P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
Rev 3; 1/99
MAX6316 MAXIM-MAX6316_V01 Datasheet
1Mb / 15P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
2018
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com