Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6420UK22-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6420UK22-T
Description  Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6420UK22-T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6420UK22-T Datasheet HTML 3Page - Maxim Integrated Products MAX6420UK22-T Datasheet HTML 4Page - Maxim Integrated Products MAX6420UK22-T Datasheet HTML 5Page - Maxim Integrated Products MAX6420UK22-T Datasheet HTML 6Page - Maxim Integrated Products MAX6420UK22-T Datasheet HTML 7Page - Maxim Integrated Products MAX6420UK22-T Datasheet HTML 8Page - Maxim Integrated Products MAX6420UK22-T Datasheet HTML 9Page - Maxim Integrated Products MAX6420UK22-T Datasheet HTML 10Page - Maxim Integrated Products MAX6420UK22-T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Dual-Voltage Monitoring
(MAX6418/MAX6419/MAX6420)
The MAX6418/MAX6419/MAX6420 contain both facto-
ry-trimmed threshold voltages and an adjustable reset
threshold input, allowing the monitoring of two voltages,
VCC and VMON_TH (see Figure 4). Reset is asserted
when either of the voltages falls below its respective
threshold voltage.
Application Information
Selecting a Reset Capacitor
The reset timeout period is adjustable to accommodate
a variety of µP applications. Adjust the reset timeout
period (tRP) by connecting a capacitor (CSRT) between
SRT and ground. Calculate the reset timeout capacitor
as follows:
CSRT = (tRP - 275µs) / (2.71  106)
where tRP is in seconds and CSRT is in Farads
The reset delay time is set by a current/capacitor-con-
trolled ramp compared to an internal 0.65V reference.
An internal 240nA ramp current source charges the
external capacitor. The charge to the capacitor is
cleared when a reset condition is detected. Once the
reset condition is removed, the voltage on the capacitor
ramps according to the formula: dV/dt = I/C. The CSRT
capacitor must ramp to 0.65V to deassert the reset.
CSRT must be a low-leakage (<10nA) type capacitor,
ceramic is recommended.
Operating as a Voltage Detector
The MAX6412–MAX6420 can be operated in a voltage
detector mode by leaving SRT unconnected. The reset
delay times for VCC rising above or falling below the
threshold are not significantly different. The reset output
is deasserted smoothly without false pulses.
Low-Power, Single/Dual-Voltage µP Reset Circuits
with Capacitor-Adjustable Reset Timeout Delay
MAX6412–MAX6420
Maxim Integrated
7
RESET
CIRCUITRY
LASER-TRIMMED
RESISTORS
VCC
VCC
1.26V
RESET IN
GND
R1
R2
SRT
CSRT
(RESET)
RESET
VMON_TH
MAX6418
MAX6419
MAX6420
MAX6420
ONLY
RL
µP
Figure 4. MAX6418/MAX6419/MAX6420 Monitoring Two Voltages


Similar Part No. - MAX6420UK22-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6420UK22-T MAXIM-MAX6420UK22-T Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
More results

Similar Description - MAX6420UK22-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6412 MAXIM-MAX6412 Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6412 MAXIM-MAX6412_12 Datasheet
211Kb / 12P
   Low-Power, Single/Dual-Voltage μP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
MAX6746 MAXIM-MAX6746_10 Datasheet
159Kb / 14P
   uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 4; 9/10
MAX6746 MAXIM-MAX6746 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6412 MAXIM-MAX6412_10 Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
logo
SG Micro Corp
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com