Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX25L8006EM2I12G Datasheet(PDF) 11 Page - Macronix International

Part # MX25L8006EM2I12G
Description  8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L8006EM2I12G Datasheet(HTML) 11 Page - Macronix International

Back Button MX25L8006EM2I12G Datasheet HTML 7Page - Macronix International MX25L8006EM2I12G Datasheet HTML 8Page - Macronix International MX25L8006EM2I12G Datasheet HTML 9Page - Macronix International MX25L8006EM2I12G Datasheet HTML 10Page - Macronix International MX25L8006EM2I12G Datasheet HTML 11Page - Macronix International MX25L8006EM2I12G Datasheet HTML 12Page - Macronix International MX25L8006EM2I12G Datasheet HTML 13Page - Macronix International MX25L8006EM2I12G Datasheet HTML 14Page - Macronix International MX25L8006EM2I12G Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
11
P/N: PM1613
REV. 1.4, NOV. 06, 2013
MX25L8006E
DATA PROTECTION
During power transition, there may be some false system level signals which result in inadvertent erasure or
programming. The device is designed to protect itself from these accidental write cycles.
The state machine will be reset as standby mode automatically during power up. In addition, the control register
architecture of the device constrains that the memory contents can only be changed after specific command
sequences have completed successfully.
In the following, there are several features to protect the system from the accidental write cycles during VCC power-
up and power-down or from system noise.
• Valid command length checking: The command length will be checked whether it is at byte base and completed
on byte boundary.
• Write Enable (WREN) command: WREN command is required to set the Write Enable Latch bit (WEL) before
other command to change data. The WEL bit will return to reset stage under following situation:
- Power-up
- Write Disable (WRDI) command completion
- Write Status Register (WRSR) command completion
- Page Program (PP) command completion
- Sector Erase (SE) command completion
- Block Erase (BE) command completion
- Chip Erase (CE) command completion
• Deep Power Down Mode: By entering deep power down mode, the flash device also is under protected from
writing all commands except Release from deep power down mode command (RDP) and Read Electronic Sig-
nature command (RES).
• Advanced Security Features: there are some protection and security features which protect content from inad-
vertent write and hostile access.
I. Block lock protection
- The Software Protected Mode (SPM):
MX25L8006E: use (BP2, BP1, BP0) bits to allow part of memory to be protected as read only. The proected area
definition is shown as table of "Protected Area Sizes", the protected areas are more flexible which may protect
various area by setting value of BP0-BP2 bits.
Please refer to table of "protected area sizes".
- The Hardware Proteced Mode (HPM) uses WP# to protect the MX25L8006E:BP2-BP0 bits and SRWD bit.


Similar Part No. - MX25L8006EM2I12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L8006EM2 MCNIX-MX25L8006EM2 Datasheet
1Mb / 57P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
More results

Similar Description - MX25L8006EM2I12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L8008E MCNIX-MX25L8008E Datasheet
668Kb / 52P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25V8006E MCNIX-MX25V8006E Datasheet
787Kb / 52P
   8M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L8006EM2 MCNIX-MX25L8006EM2 Datasheet
1Mb / 57P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L0805E GENERALPLUS-GPR25L0805E Datasheet
1Mb / 41P
   8M-bit [x 1/x 2/x 4] CMOS Serial Flash
logo
Macronix International
MX25L8036E MCNIX-MX25L8036E Datasheet
654Kb / 49P
   8M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L8035E MCNIX-MX25L8035E Datasheet
633Kb / 46P
   8M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L8005 MCNIX-MX25L8005 Datasheet
834Kb / 44P
   8M-BIT [x 1] CMOS SERIAL FLASH
MX25L802 MCNIX-MX25L802 Datasheet
281Kb / 24P
   8M-BIT [8M x 1] CMOS SERIAL FLASH EEPROM
MX25V8005 MCNIX-MX25V8005 Datasheet
479Kb / 40P
   8M-BIT [x 1] 2.5V CMOS SERIAL FLASH
MX25L6406E MCNIX-MX25L6406E Datasheet
1Mb / 60P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com