Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6721UTD-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6721UTD-T
Description  Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6721UTD-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6721UTD-T Datasheet HTML 2Page - Maxim Integrated Products MAX6721UTD-T Datasheet HTML 3Page - Maxim Integrated Products MAX6721UTD-T Datasheet HTML 4Page - Maxim Integrated Products MAX6721UTD-T Datasheet HTML 5Page - Maxim Integrated Products MAX6721UTD-T Datasheet HTML 6Page - Maxim Integrated Products MAX6721UTD-T Datasheet HTML 7Page - Maxim Integrated Products MAX6721UTD-T Datasheet HTML 8Page - Maxim Integrated Products MAX6721UTD-T Datasheet HTML 9Page - Maxim Integrated Products MAX6721UTD-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Dual/Triple Ultra-Low-Voltage SOT23 µP
Supervisory Circuits
6
_______________________________________________________________________________________
Pin Description
22.8
23.0
23.2
23.4
23.6
23.8
24.0
24.2
24.4
-40
-15
10
35
60
85
RESET INPUT TO RESET OUTPUT DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
30mV OVERDRIVE
2.0
2.1
2.2
2.4
2.3
-40
10
-15
35
60
85
POWER-FAIL INPUT TO POWER-FAIL
OUTPUT DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
30mV OVERDRIVE
0
0
VRST
2V/div
MAX6715-29 toc12
50ns/div
MR TO RESET OUTPUT DELAY
VMR
2V/div
Typical Operating Characteristics (continued)
(VCC1 = 5V, VCC2 = 3.3V, TA = +25°C, unless otherwise noted.)
PIN
MAX6715/
MAX6716
MAX6717/
MAX6718
MAX6719/
MAX6720
MAX6721/
MAX6722
MAX6723/
MAX6724
MAX6725/
MAX6726
MAX6727
MAX6728/
MAX6729
NAME
FUNCTION
1
111
11
1, 4
1
RST/
RST1
Active-Low Reset Output,
Open-Drain or Push-Pull.
RST/RST1 changes from
high to low when VCC1 or
VCC2 drops below the
selected reset thresholds,
RSTIN is below threshold,
MR is pulled low, or the
watchdog triggers a
reset. RST/RST1 remains
low for the reset timeout
period after VCC1/
VCC2/RSTIN exceed the
device reset thresholds,
MR goes low to high, or
the watchdog triggers a
reset. Open-drain outputs
require an external pullup
resistor. Push-pull
outputs are referenced to
VCC1.


Similar Part No. - MAX6721UTD-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6721 MAXIM-MAX6721 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6721 MAXIM-MAX6721 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23
Rev 5; 12/05
MAX6721A MAXIM-MAX6721A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
More results

Similar Description - MAX6721UTD-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6717UKSVD3-T MAXIM-MAX6717UKSVD3-T Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23
Rev 5; 12/05
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6736 MAXIM-MAX6736 Datasheet
236Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com