Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6320PUK-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6320PUK-T
Description  5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6320PUK-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6320PUK-T Datasheet HTML 1Page - Maxim Integrated Products MAX6320PUK-T Datasheet HTML 2Page - Maxim Integrated Products MAX6320PUK-T Datasheet HTML 3Page - Maxim Integrated Products MAX6320PUK-T Datasheet HTML 4Page - Maxim Integrated Products MAX6320PUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX6320PUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX6320PUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX6320PUK-T Datasheet HTML 8Page - Maxim Integrated Products MAX6320PUK-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
19-0496; Rev 11; 2/13
MAX6316–MAX6322
5-Pin µP Supervisory Circuits with
Watchdog and Manual Reset
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
___________________________________________________________________Selector Guide
________________General Description
The MAX6316–MAX6322 family of microprocessor (µP)
supervisory circuits monitors power supplies and
microprocessor activity in digital systems. It offers sev-
eral combinations of push/pull, open-drain, and bidirec-
tional (such as Motorola 68HC11) reset outputs, along
with watchdog and manual reset features. The
Selector
Guide below lists the specific functions available from
each device. These devices are specifically designed
to ignore fast negative transients on VCC. Resets are
guaranteed valid for VCC down to 1V.
These devices are available in 26 factory-trimmed reset
threshold voltages (from 2.5V to 5V, in 100mV incre-
ments), featuring four minimum power-on reset timeout
periods (from 1ms to 1.12s), and four watchdog timeout
periods (from 6.3ms to 25.6s). Thirteen standard ver-
sions are available with an order increment requirement
of 2500 pieces (see
Standard Versions table); contact
the factory for availability of other versions, which have
an order increment requirement of 10,000 pieces.
The MAX6316–MAX6322 are offered in a miniature
5-pin SOT23 package.
________________________Applications
Portable Computers
Computers
Controllers
Intelligent Instruments
Portable/Battery-Powered Equipment
Embedded Control Systems
____________________________Features
o Small 5-Pin SOT23 Package
o Available in 26 Reset Threshold Voltages
2.5V to 5V, in 100mV Increments
o Four Reset Timeout Periods
1ms, 20ms, 140ms, or 1.12s (min)
o Four Watchdog Timeout Periods
6.3ms, 102ms, 1.6s, or 25.6s (typ)
o Four Reset Output Stages
Active-High, Push/Pull
Active-Low, Push/Pull
Active-Low, Open-Drain
Active-Low, Bidirectional
o Guaranteed Reset Valid to VCC = 1V
o Immune to Short Negative VCC Transients
o Low Cost
o No External Components
_______________Ordering Information
Ordering Information continued at end of data sheet.
ACTIVE-LOW
OPEN-DRAIN
MAX6316L
MAX6316M
MAX6317H



MAX6321HP




MAX6318LH

MAX6318MH

MAX6319LH

MAX6319MH

MAX6320P


ACTIVE-LOW
PUSH/PULL



ACTIVE-HIGH
PUSH/PULL





ACTIVE-LOW
BIDIRECTIONAL



PART
WATCHDOG
INPUT
MANUAL
RESET
INPUT


MAX6322HP


RESET OUTPUTS*


*
The MAX6318/MAX6319/MAX6321/MAX6322 feature two types of reset output on each device.
Typical Operating Circuit and Pin Configurations appear at
end of data sheet.
Devices are available in both leaded and lead(Pb)-free packaging.
Specify lead-free by replacing “-T” with “+T” when ordering.
/V Denotes an automotive-qualified part.
PART
TEMP RANGE
PIN-PACKAGE
MAX6316LUK__ __- T
-40°C to +125°C
5 SOT23
MAX6316LUK__ __/ V + T
-40°C to +125°C
5 SOT23
MAX6316MUK__ __- T
-40°C to +125°C
5 SOT23
MAX6317HUK__ __- T
-40°C to +125°C
5 SOT23
MAX6318HUK__ __- T
-40°C to +125°C
5 SOT23
MAX6318MHUK__ __- T
-40°C to +125°C
5 SOT23


Similar Part No. - MAX6320PUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6320PUK-T MAXIM-MAX6320PUK-T Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
More results

Similar Description - MAX6320PUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX6316 MAXIM-MAX6316 Datasheet
176Kb / 16P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
Rev 3; 1/99
MAX6316 MAXIM-MAX6316_V01 Datasheet
1Mb / 15P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
2018
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com