Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SAR542F3 Datasheet(PDF) 6 Page - Rohm

Part # 2SAR542F3
Description  PNP -3.0A -30V Middle Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SAR542F3 Datasheet(HTML) 6 Page - Rohm

  2SAR542F3 Datasheet HTML 1Page - Rohm 2SAR542F3 Datasheet HTML 2Page - Rohm 2SAR542F3 Datasheet HTML 3Page - Rohm 2SAR542F3 Datasheet HTML 4Page - Rohm 2SAR542F3 Datasheet HTML 5Page - Rohm 2SAR542F3 Datasheet HTML 6Page - Rohm 2SAR542F3 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2SAR542F3
     
Datasheet
l
lDimensions
                                                                                           
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
6/6
20140128 - Rev.001


Similar Part No. - 2SAR542F3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR542F3 ROHM-2SAR542F3 Datasheet
1Mb / 10P
   PNP -3.0A -30V Middle Power Transistor
More results

Similar Description - 2SAR542F3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR542F3 ROHM-2SAR542F3 Datasheet
1Mb / 10P
   PNP -3.0A -30V Middle Power Transistor
2SCR542F3 ROHM-2SCR542F3 Datasheet
1Mb / 8P
   NPN 3.0A 30V Middle Power Transistor
2SAR533P ROHM-2SAR533P_13 Datasheet
380Kb / 8P
   PNP -3.0A -50V Middle Power Transistor
2SAR573D ROHM-2SAR573D Datasheet
809Kb / 7P
   PNP -3.0A -50V Middle Power Transistor
2SAR533P ROHM-2SAR533P_14 Datasheet
828Kb / 8P
   PNP -3.0A -50V Middle Power Transistor
2SAR512R ROHM-2SAR512R Datasheet
1Mb / 10P
   PNP -2.0A -30V Middle Power Transistor
2SAR512RHZG ROHM-2SAR512RHZG Datasheet
1Mb / 9P
   PNP -2.0A -30V Middle Power Transistor
20190325 - Rev.001
2SAR293P ROHM-2SAR293P_13 Datasheet
428Kb / 8P
   PNP -1.0A -30V Middle Power Transistor
2SAR562F3 ROHM-2SAR562F3 Datasheet
365Kb / 8P
   PNP -6A -30V Middle Power Transistor
2SAR542P ROHM-2SAR542P Datasheet
769Kb / 8P
   PNP -5.0A -30V Middle Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com