Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1582H6C1 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 1582H6C1
Description  Barre d alimentation pour montage horizontal sur b창ti
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1582H6C1 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  1582H6C1 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1582H6C1 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Black Finish
Illuminated
Illuminated
Overall Dimensions
Number Number
Outlet
Rotated
Cord
Plug
NEMA
Rack
On/Off Switch
Light Only
of
Outlets
of
Outlets
Part No.
Part No.
Height Width Depth On Front On Rear
NEMA
Type
Outlets
Length
(ft)
Blade
Type
Plug
Type
Units
1582H6A 1BK
1582T6A 1BK
1.72
19.00
2.66
6
0
5-15R
No
6
Straight
5-15P
1U
1582H6A 1BKRA 1582T6A 1BKRA
1.72
19.00
2.66
6
0
5-15R
Yes
6
Straight
5-15P
1U
1582H6B1BK
1582T6B1BK
1.72
19.00
2.66
6
0
5-15R
No
15
Straight
5-15P
1U
1582H6B1BKRA 1582T6B1BKRA
1.72
19.00
2.66
6
0
5-15R
Yes
15
Straight
5-15P
1U
1582H6C1BK
1582T6C1BK
1.72
19.00
2.66
6
0
5-15R
No
6
Locking
L5-15P
1U
1582H6C1BKRA 1582T6C1BKRA
1.72
19.00
2.66
6
0
5-15R
Yes
6
Locking
L5-15P
1U
1582H6D1BK
1582T6D1BK
1.72
19.00
2.66
6
0
5-15R
No
15
Locking
L5-15P
1U
1582H6D1BKRA 1582T6D1BKRA
1.72
19.00
2.66
6
0
5-15R
Yes
15
Locking
L5-15P
1U
1582H8A 1BK
1582T8A 1BK
1.72
19.00
2.66
8
0
5-15R
No
6
Straight
5-15P
1U
1582H8B1BK
1582T8B1BK
1.72
19.00
2.66
8
0
5-15R
No
15
Straight
5-15P
1U
1582H8C1BK
1582T8C1BK
1.72
19.00
2.66
8
0
5-15R
No
6
Locking
L5-15P
1U
1582H8D1BK
1582T8D1BK
1.72
19.00
2.66
8
0
5-15R
No
15
Locking
L5-15P
1U
ASA 61 Grey Finish
Illuminated
Illuminated
Overall Dimensions
Number
Number
Outlet
Rotated
Cord
Plug
NEMA
Rack
On/Off
Switch
Light Only
of
Outlets
of
Outlets
Part No.
Part No.
Height Width Depth On Front
On Rear
NEMA
Type
Outlets
Length
(ft)
Blade
Type
Plug
Type
Units
1582H6A 1
1582T6A 1
1.72
19.00
2.66
6
0
5-15R
No
6
Straight
5-15P
1U
1582H6B1
1582T6B1
1.72
19.00
2.66
6
0
5-15R
No
15
Straight
5-15P
1U
1582H6C1
1582T6C1
1.72
19.00
2.66
6
0
5-15R
No
6
Locking
L5-15P
1U
1582H6D1
1582T6D1
1.72
19.00
2.66
6
0
5-15R
No
15
Locking
L5-15P
1U
1582H8A 1
1582T8A 1
1.72
19.00
2.66
8
0
5-15R
No
6
Straight
5-15P
1U
1582H8B1
1582T8B1
1.72
19.00
2.66
8
0
5-15R
No
15
Straight
5-15P
1U
1582H8C1
1582T8C1
1.72
19.00
2.66
8
0
5-15R
No
6
Locking
L5-15P
1U
1582H8D1
1582T8D1
1.72
19.00
2.66
8
0
5-15R
No
15
Locking
L5-15P
1U
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.


Similar Part No. - 1582H6C1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1582H6C1 HAMMOND-1582H6C1 Datasheet
189Kb / 1P
   Black Painted Steel
1582H6C1BK HAMMOND-1582H6C1BK Datasheet
189Kb / 1P
   Black Painted Steel
1582H6C1BKRA HAMMOND-1582H6C1BKRA Datasheet
186Kb / 1P
   Black Painted Steel
1582H6C1S HAMMOND-1582H6C1S Datasheet
48Kb / 2P
   15 Amp Horizontal Rackmount Surge Strip
1582H6C1S HAMMOND-1582H6C1S Datasheet
195Kb / 1P
   Black Painted Steel
More results

Similar Description - 1582H6C1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1583 HAMMOND-1583 Datasheet
90Kb / 3P
   Barre d alimentation pour montage horizontal sur b창ti
1585-6-7-8 HAMMOND-1585-6-7-8 Datasheet
122Kb / 4P
   Barres d alimentation de 15 A pour montage vertical sur bati
1418SWF HAMMOND-1418SWF Datasheet
83Kb / 2P
   Cadres pivotants pour armoires autoportantes pour montage sur b창ti de 19 po
IMEDMR HAMMOND-IMEDMR Datasheet
45Kb / 1P
   Rails pour montage sur porte
1584 HAMMOND-1584 Datasheet
71Kb / 2P
   Barre d alimentation robuste
DNDM HAMMOND-DNDM Datasheet
75Kb / 1P
   TABLETTE CENTREE, POUR MONTAGE SUR DEUX MONTANTS
RSLIDE HAMMOND-RSLIDE Datasheet
56Kb / 1P
   Glissieres pour equipement, pour montage sur quatre montants
RSUS HAMMOND-RSUS Datasheet
56Kb / 1P
   Tablette pour chassis fixe, pour montage sur quatre montants
DNRMA HAMMOND-DNRMA Datasheet
52Kb / 1P
   TABLETTE REGLABLE, POUR MONTAGE SUR DEUX MONTANTS
RDS HAMMOND-RDS Datasheet
52Kb / 1P
   Interrupteurs a distance pour montage sur porte
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com