Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6726KAD-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6726KAD-T
Description  Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6726KAD-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6726KAD-T Datasheet HTML 5Page - Maxim Integrated Products MAX6726KAD-T Datasheet HTML 6Page - Maxim Integrated Products MAX6726KAD-T Datasheet HTML 7Page - Maxim Integrated Products MAX6726KAD-T Datasheet HTML 8Page - Maxim Integrated Products MAX6726KAD-T Datasheet HTML 9Page - Maxim Integrated Products MAX6726KAD-T Datasheet HTML 10Page - Maxim Integrated Products MAX6726KAD-T Datasheet HTML 11Page - Maxim Integrated Products MAX6726KAD-T Datasheet HTML 12Page - Maxim Integrated Products MAX6726KAD-T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Detailed Description
Supply Voltages
The MAX6715–MAX6729 microprocessor (µP) supervi-
sory circuits maintain system integrity by alerting the µP
to fault conditions. These ICs are optimized for systems
that monitor two or three supply voltages. The output-
reset state is guaranteed to remain valid while either
VCC1 or VCC2 is above 0.8V.
Threshold Levels
Input voltage threshold level combinations are indicat-
ed by a two-letter code in the Reset Voltage Threshold
Suffix Guide (Table 1). Contact factory for availability of
other voltage threshold combinations.
Reset Outputs
The MAX6715–MAX6729 provides an active-low reset
output (RST) and the MAX6725/MAX6726 provides
both an active-high (RST) and an active-low reset out-
put (RST). RST, RST, RST1, and RST2 are asserted
when the voltage at either VCC1 or VCC2 falls below the
voltage threshold level, RSTIN drops below threshold,
or MR is pulled low. Once reset is asserted it stays low
for the reset timeout period (see Table 2). If VCC1,
VCC2, or RSTIN goes below the reset threshold before
the reset timeout period is completed, the internal timer
Dual/Triple Ultra-Low-Voltage SOT23 µP
Supervisory Circuits
_______________________________________________________________________________________
9
Pin Description (continued)
PIN
MAX6715/
MAX6716
MAX6717/
MAX6718
MAX6719/
MAX6720
MAX6721/
MAX6722
MAX6723/
MAX6724
MAX6725/
MAX6726
MAX6727
MAX6728/
MAX6729
NAME
FUNCTION
——
———
——
4
PFO
Active-Low Power-Fail
Monitor Output, Open-
Drain or Push-Pull. PFO is
asserted low when PFI is
less than 0.626V. PFO
deasserts without a reset
timeout period. Open-
drain outputs require an
external pullup resistor.
Push-pull outputs are
referenced to VCC1.
——
———
4
RST
Active-High Reset
Output, Open-Drain or
Push-Pull. RST changes
from low to high when
VCC1 or VCC2 drops
below selected reset
thresholds, RSTIN is
below threshold, MR is
pulled low, or the
watchdog triggers a
reset. RST remains HIGH
for the reset timeout
period after VCC1/
VCC 2/RSTIN exceed the
device reset thresholds,
MR goes low to high, or
the watchdog triggers a
reset. Open-drain outputs
require an external pullup
resistor. Push-pull
outputs are referenced to
VCC1.


Similar Part No. - MAX6726KAD-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6726 MAXIM-MAX6726 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6726 MAXIM-MAX6726 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23
Rev 5; 12/05
MAX6726A MAXIM-MAX6726A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
More results

Similar Description - MAX6726KAD-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6717UKSVD3-T MAXIM-MAX6717UKSVD3-T Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23
Rev 5; 12/05
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6736 MAXIM-MAX6736 Datasheet
236Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com