Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8867EUKXY-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8867EUKXY-T
Description  Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8867EUKXY-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8867EUKXY-T Datasheet HTML 1Page - Maxim Integrated Products MAX8867EUKXY-T Datasheet HTML 2Page - Maxim Integrated Products MAX8867EUKXY-T Datasheet HTML 3Page - Maxim Integrated Products MAX8867EUKXY-T Datasheet HTML 4Page - Maxim Integrated Products MAX8867EUKXY-T Datasheet HTML 5Page - Maxim Integrated Products MAX8867EUKXY-T Datasheet HTML 6Page - Maxim Integrated Products MAX8867EUKXY-T Datasheet HTML 7Page - Maxim Integrated Products MAX8867EUKXY-T Datasheet HTML 8Page - Maxim Integrated Products MAX8867EUKXY-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Low-Noise, Low-Dropout,
150mA Linear Regulators in SOT23
_______________________________________________________________________________________
5
1ms/div
COUT = 10
µF, CBP = 0.1µF, ILOAD = 10mA
MAX886 E_K25
10Hz TO 100kHz OUTPUT NOISE
VOUT
50
µV/div
3.01V
3.00V
2.99V
50mA
0mA
VOUT
ILOAD
MAX886 E_K30, VIN = VOUT + 0.5V,
CIN = 10
µF, ILOAD = 0mA TO 50mA
10
µs/div
LOAD-TRANSIENT RESPONSE
MAX8867/8-19
100
0.01
080
100
120
20
40
60
140
REGION OF STABLE COUT ESR
vs. LOAD CURRENT
0.1
LOAD CURRENT (mA)
1
10
COUT = 1
µF
STABLE REGION
COUT = 10
µF
3.01V
3.00V
2.99V
50mA
0mA
VOUT
ILOAD
MAX886 E_K30, VIN = VOUT + 0.1V,
CIN = 10
µF, ILOAD = 0mA TO 50mA
10
µs/div
LOAD-TRANSIENT RESPONSE
NEAR DROPOUT
MAX8867/8-20
____________________________Typical Operating Characteristics (continued)
(VIN = VOUT(NOMINAL) + 0.5V, CIN = 1µF, COUT = 1µF, CBP = 0.01µF, TA = +25°C, unless otherwise noted.)
4V
3V
3.001V
2.999V
VOUT
MAX886 E_K30, ILOAD = 50mA
100
µs/div
LINE-TRANSIENT RESPONSE
MAX8867/8-18
VIN
VOUT
VSHDN
NO LOAD
500
µs/div
MAX8868
ENTERING SHUTDOWN
MAX8867/8-25
2V
0V
0V
1V
0V
0V
2V
2V
5
µs/div
MAX886 E_K25
SHUTDOWN EXIT DELAY
MAX8867-21
ILOAD = 50mA
VSHDN
VOUT
CBP = 0.01
µF
CBP = 0.1
µF
0V
0V
4V
2V
2V
5
µs/div
MAX886 E_K50
SHUTDOWN EXIT DELAY
MAX8867-23
ILOAD = 50mA
VSHDN
VOUT
CBP = 0.01
µF
CBP = 0.1
µF


Similar Part No. - MAX8867EUKXY-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8867EUKXY-T MAXIM-MAX8867EUKXY-T Datasheet
114Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
More results

Similar Description - MAX8867EUKXY-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8867 MAXIM-MAX8867 Datasheet
114Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
MAX8882 MAXIM-MAX8882 Datasheet
244Kb / 8P
   Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23
logo
SG Micro Corp
SG2001 SGMICRO-SG2001 Datasheet
586Kb / 11P
   150mA, Low Power, Low Noise Low Dropout, Linear Regulators
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8887 MAXIM-MAX8887 Datasheet
221Kb / 8P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 2; 6/04
MAX8887 MAXIM-MAX8887_09 Datasheet
199Kb / 9P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 4; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com