Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX25L12865E Datasheet(PDF) 5 Page - Macronix International

Part # MX25L12865E
Description  64/128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L12865E Datasheet(HTML) 5 Page - Macronix International

  MX25L12865E Datasheet HTML 1Page - Macronix International MX25L12865E Datasheet HTML 2Page - Macronix International MX25L12865E Datasheet HTML 3Page - Macronix International MX25L12865E Datasheet HTML 4Page - Macronix International MX25L12865E Datasheet HTML 5Page - Macronix International MX25L12865E Datasheet HTML 6Page - Macronix International MX25L12865E Datasheet HTML 7Page - Macronix International MX25L12865E Datasheet HTML 8Page - Macronix International MX25L12865E Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 85 page
background image
5
MX25L6465E
MX25L12865E
P/N: PM1557
REV. 1.4, FEB. 10, 2012
64/128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
FEATURES
GENERAL
• Serial Peripheral Interface compatible -- Mode 0 and Mode 3
• 64Mb: 67,108,864 x 1 bit structure or 33,554,432 x 2 bits (two I/O mode) structure or 16,777,216 x 4 bits (four I/
O mode) structure
128Mb: 134,217,728 x 1 bit structure or 67,108,864 x 2 bits (two I/O mode) structure or 33,554,432 x 4 bits (four
I/O mode) structure
• 4096 Equal Sectors with 4K bytes each
- Any Sector can be erased individually
• 512 Equal Blocks with 32K bytes each
- Any Block can be erased individually
• 256 Equal Blocks with 64K bytes each
- Any Block can be erased individually
• Power Supply Operation
- 2.7 to 3.6 volt for read, erase, and program operations
• Latch-up protected to 100mA from -1V to Vcc +1V
PERFORMANCE
• High Performance
VCC = 2.7~3.6V
- Normal read
- 50MHz
- Fast read (Normal Serial Mode)
- 1 I/O: 104MHz with 8 dummy cycles
- 2 I/O: 70MHz with 4 dummy cycles
- 4 I/O: 70MHz with 6 dummy cycles
- Fast read (Double Transfer Rate Mode)
- 1 I/O: 50MHz with 6 dummy cycles
- 2 I/O: 50MHz with 6 dummy cycles
- 4 I/O: 50MHz with 8 dummy cycles
- Fast program time: 1.4ms(typ.) and 5ms(max.)/page (256-byte per page)
- Byte program time: 9us (typical)
- Continuously Program mode (automatically increase address under word program mode)
- Fast erase time: 60ms (typ.)/sector (4K-byte per sector) ; 0.7s(typ.) /block (64K-byte per block); 50s(typ.) /chip
for 64Mb, 80s(typ.) /chip for 128Mb
• Low Power Consumption
- Low active read current: 19mA(max.) at 104MHz, 15mA(max.) at 66MHz and 10mA(max.) at 33MHz
- Low active programming current: 25mA (max.)
- Low active erase current: 25mA (max.)
- Low standby current: 50uA (max.)/64Mb, 100uA (max.)/128Mb
- Deep power down current: 128Mb is 40uA (max.), 64Mb is 20uA (max.)
• Typical 100,000 erase/program cycles


Similar Part No. - MX25L12865E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L12865EMI10G MCNIX-MX25L12865EMI10G Datasheet
2Mb / 85P
   64/128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L12865EZNI10G MCNIX-MX25L12865EZNI10G Datasheet
2Mb / 85P
   64/128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
More results

Similar Description - MX25L12865E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L6465E MCNIX-MX25L6465E Datasheet
2Mb / 85P
   64/128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L12836E MCNIX-MX25L12836E Datasheet
1Mb / 69P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L12855E MCNIX-MX25L12855E Datasheet
3Mb / 70P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L12835E MCNIX-MX25L12835E Datasheet
1Mb / 87P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L25735E MCNIX-MX25L25735E Datasheet
1Mb / 71P
   256M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L6436E MCNIX-MX25L6436E Datasheet
1Mb / 68P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L25635E MCNIX-MX25L25635E Datasheet
1Mb / 74P
   256M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L25835E MCNIX-MX25L25835E Datasheet
2Mb / 85P
   256M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L6445E MCNIX-MX25L6445E Datasheet
2Mb / 72P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L1636D MCNIX-MX25L1636D Datasheet
2Mb / 48P
   16M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com