Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX25L6465EM2I10G Datasheet(PDF) 10 Page - Macronix International

Part # MX25L6465EM2I10G
Description  64/128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L6465EM2I10G Datasheet(HTML) 10 Page - Macronix International

Back Button MX25L6465EM2I10G Datasheet HTML 6Page - Macronix International MX25L6465EM2I10G Datasheet HTML 7Page - Macronix International MX25L6465EM2I10G Datasheet HTML 8Page - Macronix International MX25L6465EM2I10G Datasheet HTML 9Page - Macronix International MX25L6465EM2I10G Datasheet HTML 10Page - Macronix International MX25L6465EM2I10G Datasheet HTML 11Page - Macronix International MX25L6465EM2I10G Datasheet HTML 12Page - Macronix International MX25L6465EM2I10G Datasheet HTML 13Page - Macronix International MX25L6465EM2I10G Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
10
MX25L6465E
MX25L12865E
P/N: PM1557
REV. 1.4, FEB. 10, 2012
DATA PROTECTION
MX25L6465E/12865E is designed to offer protection against accidental erasure or programming caused by spuri-
ous system level signals that may exist during power transition. During power up the device automatically resets
the state machine in the standby mode. In addition, with its control register architecture, alteration of the memory
contents only occurs after successful completion of specific command sequences. The device also incorporates
several features to prevent inadvertent write cycles resulting from VCC power-up and power-down transition or sys-
tem noise.
• Valid command length checking: The command length will be checked whether it is at byte base and completed
on byte boundary.
• Write Enable (WREN) command: WREN command is required to set the Write Enable Latch bit (WEL) before
other command to change data. The WEL bit will return to reset stage under following situation:
- Power-up
- Write Disable (WRDI) command completion
- Write Status Register (WRSR) command completion
- Page Program (PP, 4PP) command completion
- Continuously Program mode (CP) instruction completion
- Sector Erase (SE) command completion
- Block Erase (BE, BE32K) command completion
- Chip Erase (CE) command completion
- Single Block Lock/Unlock (SBLK/SBULK) instruction completion
- Gang Block Lock/Unlock (GBLK/GBULK) instruction completion
• Deep Power Down Mode: By entering deep power down mode, the flash device also is under protected from
writing all commands except Release from Deep Power Down mode command (RDP) and Read Electronic Sig-
nature command (RES).
I. Block lock protection
- The Software Protected Mode (SPM) uses (BP3, BP2, BP1, BP0) bits to allow part of memory to be protected
as read only. The protected area definition is shown as table of "Protected Area Sizes", the protected areas are
more flexible which may protect various area by setting value of BP0-BP3 bits. Please refer to table of "Protect-
ed Area Sizes".
- The Hardware Protected Mode (HPM) use WP#/SIO2 to protect the (BP3, BP2, BP1, BP0) bits and SRWD bit.
If the system goes into four I/O mode, the feature of HPM will be disabled.
- MX25L6465E/12865E provide individual block (or sector) write protect & unprotect. User may enter the mode
with WPSEL command and conduct individual block (or sector) write protect with SBLK instruction, or SBULK
for individual block (or sector) unprotect. Under the mode, user may conduct whole chip (all blocks) protect with
GBLK instruction and unlock the whole chip with GBULK instruction.


Similar Part No. - MX25L6465EM2I10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L6465EM2I10G MCNIX-MX25L6465EM2I10G Datasheet
2Mb / 85P
   64/128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
More results

Similar Description - MX25L6465EM2I10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L6465E MCNIX-MX25L6465E Datasheet
2Mb / 85P
   64/128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L12836E MCNIX-MX25L12836E Datasheet
1Mb / 69P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L12855E MCNIX-MX25L12855E Datasheet
3Mb / 70P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L12835E MCNIX-MX25L12835E Datasheet
1Mb / 87P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L25735E MCNIX-MX25L25735E Datasheet
1Mb / 71P
   256M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L6436E MCNIX-MX25L6436E Datasheet
1Mb / 68P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L25635E MCNIX-MX25L25635E Datasheet
1Mb / 74P
   256M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L25835E MCNIX-MX25L25835E Datasheet
2Mb / 85P
   256M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L6445E MCNIX-MX25L6445E Datasheet
2Mb / 72P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L1636D MCNIX-MX25L1636D Datasheet
2Mb / 48P
   16M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com