Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9034 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9034
Description  Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9034 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9034 Datasheet HTML 1Page - Maxim Integrated Products MAX9034 Datasheet HTML 2Page - Maxim Integrated Products MAX9034 Datasheet HTML 3Page - Maxim Integrated Products MAX9034 Datasheet HTML 4Page - Maxim Integrated Products MAX9034 Datasheet HTML 5Page - Maxim Integrated Products MAX9034 Datasheet HTML 6Page - Maxim Integrated Products MAX9034 Datasheet HTML 7Page - Maxim Integrated Products MAX9034 Datasheet HTML 8Page - Maxim Integrated Products MAX9034 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
19-1767; Rev 2; 8/12
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
MAX9030/MAX9031/
MAX9032/MAX9034
Low-Cost, Ultra-Small, Single/Dual/Quad
Single-Supply Comparators
General Description
The MAX9030/MAX9031/MAX9032/MAX9034 single/
dual/quad comparators are optimized for single-supply
applications from +2.5V to +5.5V but can also be oper-
ated from dual supplies. These comparators have a
188ns propagation delay and consume 35µA of supply
current per comparator over the -40°C to +125°C oper-
ating temperature range. The combination of low-
power, single-supply operation down to +2.5V, and
ultra-small footprint makes these devices ideal for
portable applications.
The MAX9030 is a low-cost single comparator with
shutdown. The MAX9031, MAX9032, and MAX9034 are
low-cost single, dual, and quad comparators without
shutdown, respectively. The comparators’ 4mV of built-
in hysteresis provides noise immunity and prevents
oscillations even with a slow-moving input signal. The
input common-mode range extends from the negative
supply to within 1.1V of the positive supply. The design
of the comparator output stage substantially reduces
switching current during output transitions, virtually
eliminating power-supply glitches.
The MAX9030 single comparator with shutdown is avail-
able in the space-saving 6-pin SC70 and SOT23 pack-
ages. The MAX9031 single comparator is available in tiny
5-pin SC70 and SOT23 packages. The MAX9032 dual
comparator is available in 8-pin SOT23 and µMAX®
packages, and the MAX9034 quad comparator is avail-
able in a 14-pin TSSOP package.
________________________Applications
Features
o Low-Cost Solution Available in Space-Saving
SC70 Packages (MAX9030/MAX9031)
o +2.5 to +5.5V Single-Supply Voltage Range
o Comparator Output Swings Rail-to-Rail
o Internal 4mV Comparator Hysteresis
o 188ns Propagation Delay
o Low 35µA Supply Current
o No Phase Reversal for Overdriven Inputs
o Space-Saving Packages
5-Pin SC70 (MAX9031)
6-Pin SC70 (MAX9030)
8-Pin SOT23 (MAX9032)
14-Pin TSSOP (MAX9034)
TOP VIEW
VSS
OUT
IN-
15
VDD
IN+
MAX9031
SC70/SOT23
2
34
INB-
INB+
VSS
1
2
8
7
VDD
OUTB
INA-
INA+
OUTA
SOT23/
µMAX/SO
3
4
6
5
MAX9032
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUTD
IND-
IND+
VSS
VDD
INA+
INA-
OUTA
MAX9034
INC+
INC-
OUTC
OUTB
INB-
INB+
TSSOP/SO
VSS
OUT
IN-
1
6VDD
5
IN+
MAX9030
SC70/SOT23
2
34
SHDN
Pin Configurations
Ordering Information
+
Denotes a lead-free(Pb)/RoHS-compliant package.
T = Tape and reel.
/V denotes an automotive qualified package.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
Battery-Powered
Portable Systems
Mobile Communications
Sensor Signal Detection
Photodiode Preamps
Digital Line Receivers
Keyless Entry Systems
Threshold Detectors/
Discriminators
Typical Application Circuit appears at end of data sheet.
PART
TEMP. RANGE
PIN-PACKAGE
MAX9030AXT+T
-40
°C to +125°C
6 SC70
MAX9030AUT+T
-40
°C to +125°C
6 SOT23
MAX9031AXK+T
-40
°C to +125°C
5 SC70
MAX9031AUK+T
-40
°C to +125°C
5 SOT23
MAX9032AKA+T
-40
°C to +125°C
8 SOT23
MAX9032AUA+
-40
°C to +125°C
8 µMAX
MAX9032ASA+
-40
°C to +125°C
8 SO
MAX9032ASA/V+
-40
°C to +125°C
8 SO
MAX9034AUD+
-40
°C to +125°C
14 TSSOP
MAX9034ASD+
-40
°C to +125°C
14 SO


Similar Part No. - MAX9034

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9034 MAXIM-MAX9034 Datasheet
344Kb / 11P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
2012
MAX9034 MAXIM-MAX9034 Datasheet
249Kb / 10P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
MAX9034ASD MAXIM-MAX9034ASD Datasheet
344Kb / 11P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
2012
MAX9034ASD++ MAXIM-MAX9034ASD+ Datasheet
249Kb / 10P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
MAX9034AUD MAXIM-MAX9034AUD Datasheet
344Kb / 11P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
2012
More results

Similar Description - MAX9034

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9030 MAXIM-MAX9030 Datasheet
344Kb / 11P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
2012
MAX9030 MAXIM-MAX9030_10 Datasheet
249Kb / 10P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
MAX9030 MAXIM-MAX9030_12 Datasheet
238Kb / 9P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 2; 8/12
MAX9021 MAXIM-MAX9021 Datasheet
353Kb / 8P
   Micropower, Ultra-Small, Single/Dual/Quad, Single-Supply Comparators
Rev 1; 7/01
MAX9075 MAXIM-MAX9075 Datasheet
108Kb / 8P
   Low-Cost, Ultra-Small, 3關A Single-Supply Comparators
Rev 0; 10/99
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com