Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX887EZK18-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX887EZK18-T
Description  Regulators with 2982 Pinout
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX887EZK18-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX887EZK18-T Datasheet HTML 1Page - Maxim Integrated Products MAX887EZK18-T Datasheet HTML 2Page - Maxim Integrated Products MAX887EZK18-T Datasheet HTML 3Page - Maxim Integrated Products MAX887EZK18-T Datasheet HTML 4Page - Maxim Integrated Products MAX887EZK18-T Datasheet HTML 5Page - Maxim Integrated Products MAX887EZK18-T Datasheet HTML 6Page - Maxim Integrated Products MAX887EZK18-T Datasheet HTML 7Page - Maxim Integrated Products MAX887EZK18-T Datasheet HTML 8Page - Maxim Integrated Products MAX887EZK18-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Low-Noise, Low-Dropout, 150mA Linear
Regulators with '2982 Pinout
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = VOUT(NOMINAL) + 0.5V or 2.5V (whichever is greater), TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA =
+25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ....................................................................-7V to +7V
Output Short-Circuit Duration ............................................Infinite
SHDN to GND..............................................................-7V to +7V
SHDN to IN ...............................................................-7V to +0.3V
OUT, BP to GND ..........................................-0.3V to (VIN + 0.3V)
Continuous Power Dissipation (TA = +70°C)
SOT23-5 Regular (derate 7.1mW/°C above +70°C) ....571mW
SOT23-5 Thin (derate 9.1mW/°C above +70°C) ..........727mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
θJB (Regular)..................................................................140°C/W
θJB (Thin)........................................................................110°C/W
Storage Temperature.........................................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
2.5
6.5
V
IOUT = 0.1mA, TA = +25°C, VOUT
≥ 2.5V
-1.4
1.4
IOUT = 0.1mA to 120mA, TA = -40°C to +85°C,
VOUT
≥ 2.5V
-3
2
IOUT = 0.1mA, TA = +25°C, VOUT < 2.5V
-3
3
Output Voltage Accuracy
IOUT = 0.1mA to 120mA, TA = -40°C to +85°C,
VOUT < 2.5V
-3.5
3.5
%
Maximum Output Current
150
mA
Current Limit
ILIM
160
390
mA
No load
85
180
Ground Pin Current
IQ
IOUT = 150mA
100
µA
IOUT = 1mA
1.1
IOUT = 50mA
55
120
Dropout Voltage (Note 2)
IOUT = 150mA
165
mV
Line Regulation
∆VLNR
VIN = 2.5V or (VOUT + 0.1V) to 6.5V,
IOUT = 1mA
-0.15
0
0.15
%/V
Load Regulation
∆VLDR
IOUT = 0.1mA to 120mA, COUT = 1µF
0.01
0.04
%/mA
COUT = 10µF
30
Output Voltage Noise
en
f = 10Hz to 100kHz,
CBP = 0.01µF
COUT = 100µF
20
µVRMS
SHUTDOWN
VIH
VIN = 2.5V to 5.5V
2.0
V
SHDN Input Threshold
VIL
VIN = 2.5V to 5.5V
0.4
TA = +25°C
0.01
100
SHDN Input Bias Current
ISHDN
VSHDN = VIN
TA = +85°C
0.5
µA
TA = +25°C
0.01
1
Shutdown Supply Current
IQ(SHDN)
VOUT = 0V
TA = +85°C
0.2
µA
TA = +25°C
30
150
Shutdown Exit Delay
(Note 3)
CBP = 0.1µF
COUT = 1µF, no load
TA = -40°C to +85°C
300
µs
Resistance Shutdown Discharge
MAX8878 only
300


Similar Part No. - MAX887EZK18-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX887EZK18-T MAXIM-MAX887EZK18-T Datasheet
392Kb / 10P
   Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout
Rev 2; 1/01
More results

Similar Description - MAX887EZK18-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8877EUK15 MAXIM-MAX8877EUK15 Datasheet
392Kb / 10P
   Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout
Rev 2; 1/01
MAX8878EUK50 MAXIM-MAX8878EUK50 Datasheet
392Kb / 10P
   Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout
Rev 2; 1/01
MAX8877 MAXIM-MAX8877 Datasheet
111Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators with ??982 Pinout
logo
Total Power Internation...
MSLU400 TOTAL-POWER-MSLU400 Datasheet
448Kb / 4P
   SMD Package with Industry Standard Pinout
MSAU300 TOTAL-POWER-MSAU300 Datasheet
475Kb / 4P
   SMD Package with Industry Standard Pinout
MSLU300 TOTAL-POWER-MSLU300 Datasheet
459Kb / 4P
   SMD Package with Industry Standard Pinout
MSAU200 TOTAL-POWER-MSAU200_17 Datasheet
409Kb / 4P
   SMD Package with Industry Standard Pinout
MSIW1000 TOTAL-POWER-MSIW1000 Datasheet
420Kb / 4P
   SMD Package with Industry Standard Pinout
MSKW2000 TOTAL-POWER-MSKW2000 Datasheet
431Kb / 5P
   SMD Package with Industry Standard Pinout
MAU300 TOTAL-POWER-MAU300_17 Datasheet
472Kb / 4P
   SIP Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com