Electronic Components Datasheet Search |
|
MAX887EZK18-T Datasheet(PDF) 6 Page - Maxim Integrated Products |
|
MAX887EZK18-T Datasheet(HTML) 6 Page - Maxim Integrated Products |
6 / 10 page _______________Detailed Description The MAX8877/MAX8878 are low-noise, low-dropout, low-quiescent-current linear regulators designed pri- marily for battery-powered applications. The parts are available with preset output voltages ranging from 1.5V to 5V, in 100mV increments. These devices can supply loads up to 150mA. As illustrated in Figure 1, the MAX8877/MAX8878 consist of a 1.25V reference, error amplifier, P-channel pass transistor, and internal feed- back voltage divider. The 1.25V bandgap reference is connected to the error amplifier’s inverting input. The error amplifier compares this reference with the feedback voltage and amplifies the difference. If the feedback voltage is lower than the reference voltage, the pass-transistor gate is pulled lower, which allows more current to pass to the output and increases the output voltage. If the feedback volt- age is too high, the pass-transistor gate is pulled up, allowing less current to pass to the output. The output voltage is fed back through an internal resistor voltage divider connected to the OUT pin. An external bypass capacitor connected to the BP pin reduces noise at the output. Additional blocks include a current limiter, reverse battery protection, thermal sen- sor, and shutdown logic. The MAX8878 also includes an auto-discharge function, which actively discharges the output voltage to ground when the device is placed in shutdown mode. Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 6 _______________________________________________________________________________________ SHUTDOWN AND POWER-ON CONTROL ERROR AMP 1.25V REF P N * OUT BP * AUTO-DISCHARGE, MAX8878 ONLY GND IN SHDN MAX8877 MAX8878 MOS DRIVER WITH ILIMIT THERMAL SENSOR REVERSE BATTERY PROTECTION Figure 1. Functional Diagram ______________________________________________________________Pin Description PIN NAME FUNCTION 1IN Regulator Input. Supply voltage can range from 2.5V to 6.5V. Bypass with a 1 µF capacitor to GND (see Capacitor Selection and Regulator Stability section). 2 GND Ground. This pin also functions as a heatsink. Solder to a large pad or the circuit-board ground plane to maximize power dissipation. 3 SHDN Active-Low Shutdown Input. A logic low reduces the supply current to 10nA. On the MAX8878, a logic low also causes the output voltage to discharge to GND. Connect to IN for normal operation. 4BP Reference-Noise Bypass. Bypass with a low-leakage, 0.01 µF ceramic capacitor for reduced noise at the output. 5 OUT Regulator Output. Sources up to 150mA. Bypass with a 1 µF (<0.2Ω typical ESR) capacitor to GND for VOUT ≥ 2.5V and 3.3µF for VOUT < 2.5V. |
Similar Part No. - MAX887EZK18-T |
|
Similar Description - MAX887EZK18-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |