Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9584AUA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9584AUA
Description  Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9584AUA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9584AUA Datasheet HTML 1Page - Maxim Integrated Products MAX9584AUA Datasheet HTML 2Page - Maxim Integrated Products MAX9584AUA Datasheet HTML 3Page - Maxim Integrated Products MAX9584AUA Datasheet HTML 4Page - Maxim Integrated Products MAX9584AUA Datasheet HTML 5Page - Maxim Integrated Products MAX9584AUA Datasheet HTML 6Page - Maxim Integrated Products MAX9584AUA Datasheet HTML 7Page - Maxim Integrated Products MAX9584AUA Datasheet HTML 8Page - Maxim Integrated Products MAX9584AUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX9583/MAX9584/MAX9585 are small, low-power,
multichannel video amplifiers with integrated reconstruc-
tion filters. Specially suited for standard-definition video
signals, these devices are ideal for a wide range of
television, set-top box, and portable applications.
The MAX9583/MAX9584/MAX9585 inputs can be
directly connected to the outputs of a video digital-to-
analog converter (DAC). The reconstruction filter typical-
ly has ±1dB passband flatness at 8.5MHz and 55dB
attenuation at 27MHz. The amplifiers have a 2V/V gain
and the outputs can be DC-coupled to a 75Ω load which
is the equivalent of two video loads, or AC-coupled to a
150Ω load.
The MAX9583/MAX9584/MAX9585 operate from a 2.7V to
3.6V single supply and are specified over the -40°C to
+125°C automotive temperature range. The MAX9583 is
offered in a small, 6-pin thin SOT23 package. The
MAX9584 is offered in a small, 8-pin µMAX® package,
and the MAX9585 is offered in a small, 10-pin µMAX
package.
Applications
Set-Top Boxes
Televisions
Portable
Features
o Dual- (MAX9583), Triple- (MAX9584),
and Quad- (MAX9585) Channel Devices
o 8.5MHz, ±1dB Passband
o 55dB Attenuation at 27MHz
o Fixed Gain of 2V/V
o Low Power: 3.5mA per Channel
o 2.7V to 3.6V Single-Supply Operation
o Small SOT23 and µMAX Packages
Dual, Triple, and Quad Standard-Definition Video
Filter Amplifiers with DC-Coupled Input Buffers
________________________________________________________________
Maxim Integrated Products
1
INA
OUTA
LPF
AV = 2V/V
MAX9584
0
TO
50mV
300mV
TO 400mV
BUFFER
INB
OUTB
LPF
AV = 2V/V
INC
OUTC
LPF
AV = 2V/V
BUFFER
BUFFER
Block Diagrams
19-0817; Rev 5; 10/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Pin Configurations and Selector Guide located at end of
data sheet.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
Ordering Information
Note: All devices are specified over the -40°C to +125°C operat-
ing temperature range.
+
Denotes a lead-free package.
T = Tape and reel.
PART
PIN-PACKAGE
CHANNELS
PKG
CODE
MAX9583AZT+T
6 Thin SOT23-6
2
Z6+1
MAX9584AUA+T
8 µMAX-8
3
U8+1
MAX9585AUB+T
10 µMAX-10
4
U10+2
Block Diagrams continued at end of data sheet.


Similar Part No. - MAX9584AUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9584AUA+T MAXIM-MAX9584AUA+T Datasheet
339Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 3; 7/07
MAX9584AUA+T MAXIM-MAX9584AUA+T Datasheet
336Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
More results

Similar Description - MAX9584AUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9583 MAXIM-MAX9583 Datasheet
339Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 3; 7/07
MAX9583_0710 MAXIM-MAX9583_0710 Datasheet
336Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
MAX9586 MAXIM-MAX9586 Datasheet
413Kb / 18P
   Single, Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with AC-Coupled Input Buffers
Rev 3; 6/07
MAX9586_0710 MAXIM-MAX9586_0710 Datasheet
428Kb / 18P
   Single, Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with AC-Coupled Input Buffers
Rev 5; 10/07
logo
Cadeka Microcircuits LL...
CLC3800 CADEKA-CLC3800 Datasheet
926Kb / 11P
   Triple, Standard Definition Video Amplifiers
CLC3800 CADEKA-CLC3800_10 Datasheet
1Mb / 17P
   Triple, Standard Definition Video Amplifiers
logo
Maxim Integrated Produc...
MAX9517 MAXIM-MAX9517 Datasheet
347Kb / 22P
   Standard-Definition Video Filter Amplifiers with Dual SPST Switches
Rev 0; 9/07
MAX7428 MAXIM-MAX7428 Datasheet
444Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
19-2119; Rev 2; 9/02
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com