Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9017B Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9017B
Description  SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9017B Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9017B Datasheet HTML 7Page - Maxim Integrated Products MAX9017B Datasheet HTML 8Page - Maxim Integrated Products MAX9017B Datasheet HTML 9Page - Maxim Integrated Products MAX9017B Datasheet HTML 10Page - Maxim Integrated Products MAX9017B Datasheet HTML 11Page - Maxim Integrated Products MAX9017B Datasheet HTML 12Page - Maxim Integrated Products MAX9017B Datasheet HTML 13Page - Maxim Integrated Products MAX9017B Datasheet HTML 14Page - Maxim Integrated Products MAX9017B Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MAX9015–MAX9020
SOT23, Dual, Precision, 1.8V, Nanopower
Comparators With/Without Reference
11
Maxim Integrated
Detailed Description
The MAX9015–MAX9018 feature an on-board 1.24V
±0.5% (±1.45% for the B grade) reference, yet draw an
ultra-low supply current. The MAX9019/MAX9020
(duals without reference) consume just 850nA of supply
current. All devices are guaranteed to operate down to
1.8V supply. Their common-mode input voltage range
extends 200mV beyond-the-rails. An internal 4mV hys-
teresis ensures clean output switching, even with slow-
moving input signals. Large internal output drivers
swing rail-to-rail with up to ±6mA loads (MAX9015/
MAX9017/MAX9019).
The output stage employs a unique design that mini-
mizes supply-current surges while switching, which vir-
tually eliminates the supply glitches typical of many
other comparators. The MAX9015/MAX9017/MAX9019
have a push-pull output stage that sinks as well as
sources current. The MAX9016/MAX9018/MAX9020
have an open-drain output stage that can be pulled
beyond VCC up to 5.5V above VEE. These open-drain
versions are ideal for implementing wire-ORed output
logic functions.
Input Stage Circuitry
The input common-mode voltage ranges extend from
VEE - 0.2V to VCC + 0.2V. These comparators operate
at any differential input voltage within these limits. Input
bias current is typically ±150pA at the trip point, if the
input voltage is between the supply rails. Comparator
inputs are protected from overvoltage by internal ESD
protection diodes connected to the supply rails. As the
input voltage exceeds the supply rails, these ESD pro-
tection diodes become forward biased and begin to
conduct increasing input bias current (see the Input
Bias Current vs. Input Bias Voltage graph in the
Typical
Operating Characteristics).
Output Stage Circuitry
The MAX9015–MAX9020 feature a unique break-
before-make output stage capable of driving
±8mA
loads rail-to-rail. Many comparators consume orders of
magnitude more current during switching than during
steady-state operation. However, with the MAX9015–
MAX9020 family of comparators, the supply-current
change during an output transition is extremely small.
In the
Typical Operating Characteristics, the Supply
Current vs. Output Transition Frequency graphs show
the minimal supply-current increase as the output
switching frequency approaches 1kHz. This character-
istic reduces the need for power-supply filter capaci-
tors to reduce glitches created by comparator
switching currents. In battery-powered applications,
this characteristic results in a substantial increase in
battery life.
Reference (MAX9015–MAX9018)
The MAX9015–MAX9018s’ internal +1.24V reference
has a typical temperature coefficient of 40ppm/°C over
the full -40°C to +85°C temperature range. The refer-
ence is a very-low-power bandgap cell, with a typical
35k
Ω output impedance. REF can source and sink up
to 100nA to external circuitry. For applications needing
increased drive, buffer REF with a low input-bias cur-
rent op amp such as the MAX4162. Most applications
require no REF bypass capacitor. For noisy environ-
ments or fast transients, connect a 1nF to 10nF ceramic
capacitor from REF to GND.
Applications Information
Low-Voltage, Low-Power Operation
The MAX9015–MAX9020 are ideally suited for use with
most battery-powered systems. Table 1 lists a variety of
battery types, capacities, and approximate operating
times for the MAX9015–MAX9020, assuming nominal
conditions.
Table 1. Battery Applications Using the MAX9015–MAX9020
BATTERY
TYPE
RECHARGEABLE
VFRESH
(V)
VEND-OF-
LIFE (V)
CAPACITY,
AA SIZE
(mA-hr)
MAX9015A/
MAX9016A
OPERATING
TIME (hr)
MAX9017/
MAX9018
OPERATING
TIME (hr)
MAX9019/
MAX9020
OPERATING
TIME (hr)
Alkaline (2 cells)
No
3.0
1.8
2000
2000k
1540k
1333k
Nickel-cadmium
(2 cells)
Yes
2.4
1.8
750
750k
570k
500k
Nickel-metal-hydride
(2 cells)
Yes
2.4
1.8
1000
1000k
770k
660k
Lithium-ion (1 cell)
Yes
3.6
2.9
1000
1000k
770k
660k


Similar Part No. - MAX9017B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9017B MAXIM-MAX9017B Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9017BEKA-T MAXIM-MAX9017BEKA-T Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9017BEKA-T MAXIM-MAX9017BEKA-T Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
More results

Similar Description - MAX9017B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
TLV3012 BURR-BROWN-TLV3012 Datasheet
236Kb / 13P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV3011-EP TI1-TLV3011-EP Datasheet
514Kb / 18P
[Old version datasheet]   NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com