Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9585AUBT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9585AUBT
Description  Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9585AUBT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9585AUBT Datasheet HTML 1Page - Maxim Integrated Products MAX9585AUBT Datasheet HTML 2Page - Maxim Integrated Products MAX9585AUBT Datasheet HTML 3Page - Maxim Integrated Products MAX9585AUBT Datasheet HTML 4Page - Maxim Integrated Products MAX9585AUBT Datasheet HTML 5Page - Maxim Integrated Products MAX9585AUBT Datasheet HTML 6Page - Maxim Integrated Products MAX9585AUBT Datasheet HTML 7Page - Maxim Integrated Products MAX9585AUBT Datasheet HTML 8Page - Maxim Integrated Products MAX9585AUBT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Dual, Triple, and Quad Standard-Definition Video
Filter Amplifiers with DC-Coupled Input Buffers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 3.3V, GND = 0V, RL = no load, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +4V
IN_ to GND ...............................................................-0.3V to +4V
OUT_ Short-Circuit Duration to VDD, GND .................Continuous
Continuous Input Current
IN_ ................................................................................±20mA
Continuous Power Dissipation (TA = +70°C)
6-Pin Thin SOT23 (derate 9.1mW/°C above +70°C) ....727mW
8-Pin µMAX (derate 4.5mW/°C above +70°C) .............362mW
10-Pin µMAX (derate 5.6mW/°C above +70°C) ...........444mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
Guaranteed by PSRR
2.7
3.6
V
Supply Current
IDD
Per channel
3.5
7
mA
VDD = 2.7V
0
1.05
Input Voltage Range
VIN
Guaranteed by DC
voltage gain
VDD = 3V
0
1.2
VP-P
Input Current
IIN
VIN = 0V
0.6
10
µA
Input Resistance
RIN
25
M
VDD = 2.7V,
0V
≤ VIN ≤ 1.05V
1.92
2
2.04
DC Voltage Gain (Note 2)
Av
RL = 150
Ω to GND
VDD = 3V,
0V
≤ VIN ≤ 1.2V
1.92
2
2.04
V/V
DC Gain Matching
Guaranteed by DC voltage gain
-2
0
+2
%
Output Level
Measured at VOUT, VIN = 0V, RL = 150
Ω to GND
0.210
0.300
0.410
V
Measured at output, VDD = 2.7V, 0V
≤ VIN ≤ 1.05V,
RL = 150
Ω to -0.2V
2.1
Measured at output, VDD = 2.7V, 0V
≤ VIN ≤ 1.05V,
RL = 150
Ω to VDD/2
2.1
Measured at output, VDD = 3V, 0V
≤ VIN ≤ 1. 2V,
RL = 150
Ω to -0.2V
2.4
Measured at output, VDD = 3V, 0V
≤ VIN ≤ 1. 2V,
RL = 150
Ω to VDD/2
2.4
Output-Voltage Swing
Measured at output, VDD = 3.135V, 0V
≤ VIN ≤ 1.05V,
RL = 75
Ω to -0.2V
2.1
VP-P
Short to GND (sourcing)
140
Output Short-Circuit
Current
Short to VDD (sinking)
70
mA
Output Resistance
ROUT
VOUT = 1.5V, -10mA
≤ ILOAD ≤ 10mA
0.2
2.7V
≤ VDD ≤ 3.6V
48
Power-Supply Rejection
Ratio
PSRR
f = 1MHz, 100mVP-P
29
dB


Similar Part No. - MAX9585AUBT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9585AUB+T MAXIM-MAX9585AUB+T Datasheet
339Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 3; 7/07
MAX9585AUB+T MAXIM-MAX9585AUB+T Datasheet
336Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
More results

Similar Description - MAX9585AUBT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9583 MAXIM-MAX9583 Datasheet
339Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 3; 7/07
MAX9583_0710 MAXIM-MAX9583_0710 Datasheet
336Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
MAX9586 MAXIM-MAX9586 Datasheet
413Kb / 18P
   Single, Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with AC-Coupled Input Buffers
Rev 3; 6/07
MAX9586_0710 MAXIM-MAX9586_0710 Datasheet
428Kb / 18P
   Single, Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with AC-Coupled Input Buffers
Rev 5; 10/07
logo
Cadeka Microcircuits LL...
CLC3800 CADEKA-CLC3800 Datasheet
926Kb / 11P
   Triple, Standard Definition Video Amplifiers
CLC3800 CADEKA-CLC3800_10 Datasheet
1Mb / 17P
   Triple, Standard Definition Video Amplifiers
logo
Maxim Integrated Produc...
MAX9517 MAXIM-MAX9517 Datasheet
347Kb / 22P
   Standard-Definition Video Filter Amplifiers with Dual SPST Switches
Rev 0; 9/07
MAX7428 MAXIM-MAX7428 Datasheet
444Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
19-2119; Rev 2; 9/02
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com