Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13413EESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX13413EESA
Description  RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13413EESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX13413EESA Datasheet HTML 4Page - Maxim Integrated Products MAX13413EESA Datasheet HTML 5Page - Maxim Integrated Products MAX13413EESA Datasheet HTML 6Page - Maxim Integrated Products MAX13413EESA Datasheet HTML 7Page - Maxim Integrated Products MAX13413EESA Datasheet HTML 8Page - Maxim Integrated Products MAX13413EESA Datasheet HTML 9Page - Maxim Integrated Products MAX13413EESA Datasheet HTML 10Page - Maxim Integrated Products MAX13413EESA Datasheet HTML 11Page - Maxim Integrated Products MAX13413EESA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
RS-485 Transceiver with Integrated Low-Dropout
Regulator and AutoDirection Control
8
_______________________________________________________________________________________
SWITCHING CHARACTERISTICS–MAX13415E (continued)
(VCC = +6.0V to +28V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +7.5V, CS = 1µF, and TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Driver Disable from Output Low
tDLZ
S1 closed, Figure 4,
RL = 500
Ω, CL = 15pF
50
ns
RECEIVER
tRPLH
75
Receiver Propagation Delay
tRPHL
CL = 15pF (at RO), Figures 5 and 6
75
ns
Receiver Output Skew
tRSKEW
CL = 15pF (at RO), Figures 5 and 6
8
ns
Maximum Data Rate
fMAX
16
Mbps
Receiver Enable to Output High
tRZH
S2 closed, Figure 7, CL = 15pF
50
ns
Receiver Enable to Output Low
tRZL
S1 closed, Figure 7, CL = 15pF
50
ns
Receiver Disable Time from Low
tRLZ
S1 closed, Figure 7, CL = 15pF
50
ns
Receiver Disable Time from High
tRZH
S2 closed, Figure 7, CL = 15pF
50
ns
Note 2: CS is the compensation capacitor on VREG for the MAX13412E–MAX13415E versions. CS must have an ESR value of 20m
Ω or less.
Note 3: Parameters are guaranteed for +6.0V
≤ VCC ≤ +28V.
8.0
6.0
4.0
2.0
0
-40
10
-15
35
60
85
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
NO LOAD
DE = HIGH
DE = LOW
0
10
5
20
15
30
25
35
02
13
4
5
OUTPUT CURRENT
vs. RECEIVER OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
0
20
10
40
30
50
60
05
OUTPUT CURRENT
vs. RECEIVER OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
2
13
4
Typical Operating Characteristics
(VCC = +7.5V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX13413EESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13410E MAXIM-MAX13410E Datasheet
320Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 0; 11/07
MAX13410E MAXIM-MAX13410E Datasheet
388Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 1; 8/09
MAX13410EESA++ MAXIM-MAX13410EESA+ Datasheet
320Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 0; 11/07
MAX13410EESA++ MAXIM-MAX13410EESA+ Datasheet
388Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 1; 8/09
MAX13410E MAXIM-MAX13410E_09 Datasheet
388Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 1; 8/09
More results

Similar Description - MAX13413EESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13410E MAXIM-MAX13410E Datasheet
320Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 0; 11/07
MAX13410E MAXIM-MAX13410E_09 Datasheet
388Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 1; 8/09
MAX13487E MAXIM-MAX13487E Datasheet
453Kb / 17P
   Half-Duplex RS-485-/RS-422-Compatible Transceiver with AutoDirection Control
Rev 0; 1/07
MAX13487E MAXIM-MAX13487E_V01 Datasheet
250Kb / 17P
   Half-Duplex RS-485-/RS-422- Compatible Transceiver with AutoDirection Control
Rev 1; 2/2015
MAX13487E MAXIM-MAX13487E_15 Datasheet
260Kb / 17P
   Half-Duplex RS-485-/RS-422-Compatible Transceiver with AutoDirection Control
Rev 1; 2/15
logo
Analog Devices
MAX22025 AD-MAX22025 Datasheet
754Kb / 23P
   Compact, Isolated, Half-Duplex RS-485/RS-422 Transceivers with AutoDirection Control
Rev 8; 3/22
logo
Maxim Integrated Produc...
MAX22025 MAXIM-MAX22025 Datasheet
819Kb / 16P
   Compact, Isolated, Half-Duplex RS-485/RS-422 Transceivers with AutoDirection Control
Rev 2; 11/19
logo
Exar Corporation
XR19L400 EXAR-XR19L400 Datasheet
929Kb / 45P
   SINGLE CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
XR19L400 EXAR-XR19L400_09 Datasheet
943Kb / 46P
   SINGLE CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
XR19L402 EXAR-XR19L402_09 Datasheet
989Kb / 49P
   TWO CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com