Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9032ASA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9032ASA
Description  Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9032ASA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9032ASA Datasheet HTML 1Page - Maxim Integrated Products MAX9032ASA Datasheet HTML 2Page - Maxim Integrated Products MAX9032ASA Datasheet HTML 3Page - Maxim Integrated Products MAX9032ASA Datasheet HTML 4Page - Maxim Integrated Products MAX9032ASA Datasheet HTML 5Page - Maxim Integrated Products MAX9032ASA Datasheet HTML 6Page - Maxim Integrated Products MAX9032ASA Datasheet HTML 7Page - Maxim Integrated Products MAX9032ASA Datasheet HTML 8Page - Maxim Integrated Products MAX9032ASA Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MAX9030/MAX9031/MAX9032/MAX9034
Low-Cost, Ultra-Small, Single/Dual/Quad
Single-Supply Comparators
4
Maxim Integrated
Typical Operating Characteristics (continued)
(VDD = +5V, VSS = 0, VCM = 0, RL = 10kΩ, CL = 15pF, VOD = 100mV, TA = +25°C, unless otherwise noted.)
-0.5
-0.2
-0.3
-0.4
0
-0.1
0.4
0.3
0.2
0.1
0.5
-50
-25
0
25
50
75
100
125
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
0
40
20
100
80
60
140
160
120
180
0
1.5 2.0
0.5 1.0
2.5 3.0 3.5 4.0 4.5
OUTPUT HIGH VOLTAGE
vs. SOURCE CURRENT
SOURCE CURRENT (mA)
0
40
20
100
80
60
140
160
120
180
0
1.5 2.0
0.5 1.0
2.5 3.0 3.5 4.0 4.5
OUTPUT LOW VOLTAGE
vs. SINK CURRENT
SINK CURRENT (mA)
30
40
35
50
45
55
60
-50
25
50
-25
0
75
100
125
OUTPUT SHORT-CIRCUIT (SINK) CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
30
40
35
50
45
55
60
-50
25
50
-25
0
75
100
125
OUTPUT SHORT-CIRCUIT (SOURCE) CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
100
160
140
120
180
200
220
240
260
280
300
050
25
75
100
125
150
PROPAGATION DELAY vs. CAPACITIVE LOAD
(VDD = 2.7V)
CAPACITIVE LOAD (pF)
100
160
140
120
180
200
220
240
260
280
300
050
25
75
100
125
150
PROPAGATION DELAY vs. CAPACITIVE LOAD
(VDD = +5V)
CAPACITIVE LOAD (pF)
tPD-
tPD+
100
160
140
120
200
180
280
260
240
220
300
-50
-25
0
25
50
75
100
125
PROPAGATION DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
tPD-
tPD+
50
125
100
75
175
150
275
250
225
200
300
0
20406080
100
120
140
PROPAGATION DELAY
vs. INPUT OVERDRIVE VOLTAGE
INPUT OVERDRIVE VOLTAGE (mV)
tPD-
tPD+


Similar Part No. - MAX9032ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9032ASA MAXIM-MAX9032ASA Datasheet
344Kb / 11P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
2012
MAX9032ASA++ MAXIM-MAX9032ASA+ Datasheet
249Kb / 10P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
More results

Similar Description - MAX9032ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9030 MAXIM-MAX9030 Datasheet
344Kb / 11P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
2012
MAX9030 MAXIM-MAX9030_10 Datasheet
249Kb / 10P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
MAX9030 MAXIM-MAX9030_12 Datasheet
238Kb / 9P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 2; 8/12
MAX9021 MAXIM-MAX9021 Datasheet
353Kb / 8P
   Micropower, Ultra-Small, Single/Dual/Quad, Single-Supply Comparators
Rev 1; 7/01
MAX9075 MAXIM-MAX9075 Datasheet
108Kb / 8P
   Low-Cost, Ultra-Small, 3關A Single-Supply Comparators
Rev 0; 10/99
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com