Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9034AUD Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9034AUD
Description  Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9034AUD Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX9034AUD Datasheet HTML 1Page - Maxim Integrated Products MAX9034AUD Datasheet HTML 2Page - Maxim Integrated Products MAX9034AUD Datasheet HTML 3Page - Maxim Integrated Products MAX9034AUD Datasheet HTML 4Page - Maxim Integrated Products MAX9034AUD Datasheet HTML 5Page - Maxim Integrated Products MAX9034AUD Datasheet HTML 6Page - Maxim Integrated Products MAX9034AUD Datasheet HTML 7Page - Maxim Integrated Products MAX9034AUD Datasheet HTML 8Page - Maxim Integrated Products MAX9034AUD Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MAX9030/MAX9031/MAX9032/MAX9034
Low-Cost, Ultra-Small, Single/Dual/Quad
Single-Supply Comparators
7
Maxim Integrated
1) Find the trip points of the comparator using these
formulas:
VTH = VREF + [((VDD - VREF)R2) / (R1 + R2)
VTL = VREF(1 - (R2 / (R1 + R2))]
where VTH is the threshold voltage at which the com-
parator switches its output from high to low as VIN
rises above the trip point. VTL is the threshold volt-
age at which the comparator switches its output from
low to high as VIN drops below the trip point.
2) The hysteresis band will be:
VHYS = VTH - VTL = VDD(R2 / (R1 + R2))
3) In this example, let VDD = +5V and VREF = +2.5V.
VTH = 2.5V + 2.5(R2 / (R1 + R2))V
and
VTL = 2.5[1 - (R2 / (R1 + R2))]
4) Select R2. In this example, we will choose 1k
Ω.
5) Select VHYS. In this example, we will choose 50mV.
6) Solve for R1.
VHYS = VDD(R2 / (R1 + R2))
0.050V = 5(1000
Ω/(R1 + 1000Ω))V
where R1
≈ 100kΩ, VTH = 2.525V, and VTL = 2.475V.
The above-described design procedure assumes rail-
to-rail output swing. If the output is significantly loaded,
the results should be corrected.
Board Layout and Bypassing
Use 100nF bypass as a starting point. Minimize signal
trace lengths to reduce stray capacitance. Minimize the
capacitive coupling between IN- and OUT. For slow-
moving input signals (rise-time > 1ms), use a 1nF
capacitor between IN+ and IN-.
Biasing for Data Recovery
Digital data is often embedded into a bandwidth and
amplitude-limited analog path. Recovering the data can
be difficult. Figure 2 compares the input signal to a
time-averaged version of itself. This self-biases the
threshold to the average input voltage for optimal noise
margin. Even severe phase distortion is eliminated from
the digital output signal. Be sure to choose R1 and C1
so that:
ƒCAR >> 1 / (2
πR1C1)
where ƒCAR is the fundamental carrier frequency of the
digital data stream.
MAX9031
OUT
IN+
IN-
R2
R1
VIN
VREF
VDD
VSS
VDD
Figure 1. Additional Hysteresis
MAX9031
OUT
IN+
IN-
10k
0.1
µF
VDD
VIN
VSS
VDD
Figure 2. Time Averaging of the Input Signal for Data Recovery


Similar Part No. - MAX9034AUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9034AUD MAXIM-MAX9034AUD Datasheet
344Kb / 11P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
2012
MAX9034AUD++ MAXIM-MAX9034AUD+ Datasheet
249Kb / 10P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
More results

Similar Description - MAX9034AUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9030 MAXIM-MAX9030 Datasheet
344Kb / 11P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
2012
MAX9030 MAXIM-MAX9030_10 Datasheet
249Kb / 10P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
MAX9030 MAXIM-MAX9030_12 Datasheet
238Kb / 9P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 2; 8/12
MAX9021 MAXIM-MAX9021 Datasheet
353Kb / 8P
   Micropower, Ultra-Small, Single/Dual/Quad, Single-Supply Comparators
Rev 1; 7/01
MAX9075 MAXIM-MAX9075 Datasheet
108Kb / 8P
   Low-Cost, Ultra-Small, 3關A Single-Supply Comparators
Rev 0; 10/99
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com