Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13414EESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX13414EESA
Description  RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13414EESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX13414EESA Datasheet HTML 1Page - Maxim Integrated Products MAX13414EESA Datasheet HTML 2Page - Maxim Integrated Products MAX13414EESA Datasheet HTML 3Page - Maxim Integrated Products MAX13414EESA Datasheet HTML 4Page - Maxim Integrated Products MAX13414EESA Datasheet HTML 5Page - Maxim Integrated Products MAX13414EESA Datasheet HTML 6Page - Maxim Integrated Products MAX13414EESA Datasheet HTML 7Page - Maxim Integrated Products MAX13414EESA Datasheet HTML 8Page - Maxim Integrated Products MAX13414EESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
RS-485 Transceiver with Integrated Low-Dropout
Regulator and AutoDirection Control
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
VCC .........................................................................-0.3V to +30V
RE, DE/RE, DE, DI, RO, VREG ..................................-0.3V to +6V
A, B............................................................................-8V to +13V
Short-Circuit Duration (RO, A, B) to GND ................. Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin SO-EP (derate 19.2mW/°C above +70°C) ........1539mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range ............................-65°C to +150°C
Junction Temperature ......................................................+150°C
θJA (Note 1)...................................................................52.0°C/W
θJC (Note 1).....................................................................6.0°C/W
Lead Temperature (soldering, 10s) ................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 3)
6.0
28.0
V
VCC = +7.5V, ILOAD = 20mA
4.5
5
5.5
LDO Output Voltage
VREG
VCC = +28V, ILOAD = 0mA
4.5
5
5.5
V
LDO Output Current
IREG
VCC > +7.5V
20
mA
LDO Dropout Voltage
VDO
VCC = +5V, IOUT = 20mA
0.5
V
Minimum Bypass Capacitor on VREG
CS
Guaranteed by design,
MAX13412E–MAX13415E
1µF
RE, DE = high/no load
(MAX13410E/MAX13411E)
10
Supply Current
ICC
RE, DE/RE = high, DI = low/no load
(MAX13412E–MAX13415E)
10
mA
Shutdown Current
ISHDN
DE = low, RE = high
(MAX13410E/MAX13411E)
45
µA
Thermal-Shutdown Threshold
TTS
+150
°C
Thermal-Shutdown Threshold
Hysteresis
TTSH
15
°C
DRIVER
RDIFF = 100
Ω, Figure 1
2.0
5.5
RDIFF = 54
Ω, Figure 1
1.5
5.5
Differential Driver Output
VOD
No load
5.5
V
Change in Magnitude of Differential
Output Voltage
ΔVOD
RDIFF = 100
Ω or 54Ω, Figure 1
0.2
V
Driver Common-Mode Output Voltage
VOC
RDIFF = 100
Ω or 54Ω, Figure 1
1
3
V
Change In Magnitude of Common-
Mode Voltage
ΔVOC
RDIFF = 100
Ω or 54Ω, Figure 1
0.2
V
Input High Voltage
VIH
DI, DE, RE, DE/RE
2.0
V
Input Low Voltage
VIL
DI, DE, RE, DE/RE
0.8
V
Input Current
IIN
DI, DE, RE, DE/RE
±1
µA
Driver-Disable Threshold
VDT
TA = +25°C (MAX13412E/MAX13413E)
0.6
1.0
V
Note 1: Package thermal resistances were obtained using the method described in JEDEC specificactions JESD51-7 using a four layer board.
For detailed information on package consitencies refer to www.maxim-ic/thermal-tutorial.
ELECTRICAL CHARACTERISTICS
(VCC = +6.0V to +28V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +7.5V, CS = 1µF, and TA = +25°C.) (Note 2)


Similar Part No. - MAX13414EESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13410E MAXIM-MAX13410E Datasheet
320Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 0; 11/07
MAX13410E MAXIM-MAX13410E Datasheet
388Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 1; 8/09
MAX13410EESA++ MAXIM-MAX13410EESA+ Datasheet
320Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 0; 11/07
MAX13410EESA++ MAXIM-MAX13410EESA+ Datasheet
388Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 1; 8/09
MAX13410E MAXIM-MAX13410E_09 Datasheet
388Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 1; 8/09
More results

Similar Description - MAX13414EESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13410E MAXIM-MAX13410E Datasheet
320Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 0; 11/07
MAX13410E MAXIM-MAX13410E_09 Datasheet
388Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 1; 8/09
MAX13487E MAXIM-MAX13487E Datasheet
453Kb / 17P
   Half-Duplex RS-485-/RS-422-Compatible Transceiver with AutoDirection Control
Rev 0; 1/07
MAX13487E MAXIM-MAX13487E_V01 Datasheet
250Kb / 17P
   Half-Duplex RS-485-/RS-422- Compatible Transceiver with AutoDirection Control
Rev 1; 2/2015
MAX13487E MAXIM-MAX13487E_15 Datasheet
260Kb / 17P
   Half-Duplex RS-485-/RS-422-Compatible Transceiver with AutoDirection Control
Rev 1; 2/15
logo
Analog Devices
MAX22025 AD-MAX22025 Datasheet
754Kb / 23P
   Compact, Isolated, Half-Duplex RS-485/RS-422 Transceivers with AutoDirection Control
Rev 8; 3/22
logo
Maxim Integrated Produc...
MAX22025 MAXIM-MAX22025 Datasheet
819Kb / 16P
   Compact, Isolated, Half-Duplex RS-485/RS-422 Transceivers with AutoDirection Control
Rev 2; 11/19
logo
Exar Corporation
XR19L400 EXAR-XR19L400 Datasheet
929Kb / 45P
   SINGLE CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
XR19L400 EXAR-XR19L400_09 Datasheet
943Kb / 46P
   SINGLE CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
XR19L402 EXAR-XR19L402_09 Datasheet
989Kb / 49P
   TWO CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com