Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9912EKAT Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9912EKAT
Description  200kHz, 4uA, Rail-to-Rail I/O Op Amps with Shutdown
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9912EKAT Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9912EKAT Datasheet HTML 3Page - Maxim Integrated Products MAX9912EKAT Datasheet HTML 4Page - Maxim Integrated Products MAX9912EKAT Datasheet HTML 5Page - Maxim Integrated Products MAX9912EKAT Datasheet HTML 6Page - Maxim Integrated Products MAX9912EKAT Datasheet HTML 7Page - Maxim Integrated Products MAX9912EKAT Datasheet HTML 8Page - Maxim Integrated Products MAX9912EKAT Datasheet HTML 9Page - Maxim Integrated Products MAX9912EKAT Datasheet HTML 10Page - Maxim Integrated Products MAX9912EKAT Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
200kHz, 4µA, Rail-to-Rail
I/O Op Amps with Shutdown
_______________________________________________________________________________________
7
VOLTAGE-NOISE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
10
100
1k
10k
1000
10,000
100
1100k
RESISTOR ISOLATION
vs. CAPACITIVE LOAD
CLOAD (pF)
1000
100
1000
2000
3000
4000
5000
6000
7000
8000
0
10
10,000
AV = 1V/V
FOR AV = 10V/V
NO RISO NEEDED
SHUTDOWN RESPONSE
20
µs/div
OUTPUT
3V
0V
1.5V
0V
MAX9910 toc22
SHDN
IN+ = VDD / 2
AV = 1V/V
SMALL-SIGNAL PULSE RESPONSE
(CLOAD = 15pF)
10
µs/div
OUTPUT
50mV/div
IN+
50mV/div
MAX9910 toc23
AV = 1V/V
100
µs/div
OUTPUT
1V/div
IN+
100mV/div
LARGE-SIGNAL PULSE RESPONSE
(CLOAD = 100pF)
MAX9910 toc26
AV = 10V/V
SMALL-SIGNAL PULSE RESPONSE
(CLOAD = 100pF)
20
µs/div
OUTPUT
50mV/div
IN+
5mV/div
MAX9910 toc24
AV = 10V/V
10
µs/div
OUTPUT
1V/div
IN+
1V/div
LARGE-SIGNAL PULSE RESPONSE
(CLOAD = 15pF)
MAX9910 toc25
AV = 1V/V
Typical Operating Characteristics (continued)
(VDD = 3V, VSS = VCM = 0V, RL to VDD / 2, TA = +25°C, unless otherwise noted.)
POWER-UP SETTLING TIME
MAX9910 toc21
500ns/div
OUTPUT
500mV/div
VDD
1V/div
IN+ = VDD / 2
AV = 1V/V


Similar Part No. - MAX9912EKAT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9912EKA+T MAXIM-MAX9912EKA+T Datasheet
514Kb / 15P
   200kHz, 4關A, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/05
MAX9912EKA+T MAXIM-MAX9912EKA+T Datasheet
508Kb / 17P
   200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX9912EKA-T MAXIM-MAX9912EKA-T Datasheet
514Kb / 15P
   200kHz, 4關A, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/05
MAX9912EKA-T MAXIM-MAX9912EKA-T Datasheet
508Kb / 17P
   200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
More results

Similar Description - MAX9912EKAT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9910 MAXIM-MAX9910_10 Datasheet
508Kb / 17P
   200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX9910 MAXIM-MAX9910 Datasheet
514Kb / 15P
   200kHz, 4關A, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/05
MAX9914 MAXIM-MAX9914 Datasheet
502Kb / 15P
   1MHz, 20關A, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/05
MAX9914 MAXIM-MAX9914_V01 Datasheet
838Kb / 12P
   1MHz, 20關A, Rail-to-Rail I/O Op Amps with Shutdown
2014
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
ams AG
AS1710 AMSCO-AS1710_1 Datasheet
747Kb / 17P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX4335 MAXIM-MAX4335 Datasheet
542Kb / 17P
   SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
Rev 1; 9/01
MAX4335 MAXIM-MAX4335_V01 Datasheet
2Mb / 16P
   SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
2021
logo
3PEAK INC.
TPH2501 3PEAK-TPH2501 Datasheet
1Mb / 20P
   250MHz, Precision, Rail-to-Rail I/O, CMOS Op-amps
logo
Maxim Integrated Produc...
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com