Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD34701KS2 Datasheet(PDF) 10 Page - Rohm

Part # BD34701KS2
Description  7.1ch Sound Processor with Built-in Micro-step Volume
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD34701KS2 Datasheet(HTML) 10 Page - Rohm

Back Button BD34701KS2 Datasheet HTML 6Page - Rohm BD34701KS2 Datasheet HTML 7Page - Rohm BD34701KS2 Datasheet HTML 8Page - Rohm BD34701KS2 Datasheet HTML 9Page - Rohm BD34701KS2 Datasheet HTML 10Page - Rohm BD34701KS2 Datasheet HTML 11Page - Rohm BD34701KS2 Datasheet HTML 12Page - Rohm BD34701KS2 Datasheet HTML 13Page - Rohm BD34701KS2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10/29
Datasheet
Datasheet
BD34701KS2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0C2C0E100080-1-2
17.Sep.2013 Rev.002
(4) Table of Control Data
←Input Direction
Select
Address
No.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
Input Selector (MAIN)
REC
ON/OFF
0
0
SUB
ON/OFF
1
0
0
Chip
Select
0
0
1
Input Selector (SUB)
0
0
0
0
0
0
0
0
1
2
Mode Select
FL, FRch
Mode Select
C, SWch
Mode Select
SL, SRch
Mode Select
SBL, SBRch
0
ADC ATT
0
1
0
3
Volume channel
Select
Volume
0
1
1
7
A→B
switch-time
B→A
switch-time
Base
clock
0
0
System
reset
0
0
1
1
1
BD3843FS (6ch Selector IC)
*
1
0
0
BD3841FS (9ch Selector IC)
*
1
0
1
BD3812F (2ch volume IC)
*
1
1
*
・Serial control lines can be shared with BD3843FS(6ch selector IC), BD3841FS(9ch selector IC) and
BD3812F(2ch volume IC).
・Initialize all data at every turning on the power supply.
(Example)
←Input direction
Address
No.0
L
Address
No.1
L
Address
No.2
L
Address
No.3
FRch
L
Address
No.3
FLch
L
Address
No.3
SBRch
L
Address
No.3
SBLch
L
Address
No.7
L
・At the second time after turning on the power supply, eight any data to be changed.
(5) Chip Select Setting Table
CHP terminal condition
D2
0 (LOW)
0
1 (HIGH)
1
BD34701KS2 can be operated in combination with another by setting the CHP terminal.


Similar Part No. - BD34701KS2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD34700FV ROHM-BD34700FV Datasheet
951Kb / 31P
   Micro-step volume can reduce the switching pop noise when volume changes
BD34704KS2 ROHM-BD34704KS2 Datasheet
1Mb / 40P
   7.1ch Sound Processor for High-Quality Audio with Built-in Micro-step Volume
BD34704KS2-E2 ROHM-BD34704KS2-E2 Datasheet
1Mb / 40P
   7.1ch Sound Processor for High-Quality Audio with Built-in Micro-step Volume
BD34705KS2 ROHM-BD34705KS2 Datasheet
1Mb / 39P
   Built-in 2ch Volume for ZONE output
More results

Similar Description - BD34701KS2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD34704KS2 ROHM-BD34704KS2 Datasheet
1Mb / 40P
   7.1ch Sound Processor for High-Quality Audio with Built-in Micro-step Volume
BD3452KS ROHM-BD3452KS_10 Datasheet
378Kb / 10P
   7.1ch Sound Processor
logo
Mitsubishi Electric Sem...
M61516FP MITSUBISHI-M61516FP Datasheet
405Kb / 24P
   MITSUBISHI SOUND PROCESSOR ICs 7.1ch ELECTRONIC VOLUME WITH 10 INPUT SELECTOR
logo
Rohm
BD3471KS2 ROHM-BD3471KS2 Datasheet
3Mb / 23P
   7.1ch Sound Processors with Built-in Mode and Input Selectors
BD3473KS2 ROHM-BD3473KS2 Datasheet
4Mb / 25P
   7.1ch Sound Processors with Built-in Mode and Input Selectors
BD3491FS ROHM-BD3491FS_14 Datasheet
1Mb / 34P
   Sound Processor with Built-in Surround Sound Function
BD37512FS ROHM-BD37512FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37511FS ROHM-BD37511FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com