Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1567 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SA1567
Description  Silicon PNP Epitaxial Planar Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SA1567 Datasheet(HTML) 1 Page - Sanken electric

  2SA1567 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
I C– V CE Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
Safe Operating Area (Single Pulse)
0
0
–8
–4
–12
–6
–2
–10
–2
–1
–3
–4
–5
–6
Collector-Emitter Voltage V CE(V)
–40mA
–60mA
–100mA
–150mA
–20mA
–10mA
–5mA
h FE– I C Temperature Characteristics (Typical)
–10
–50
–100
–3
–5
–1
–0.5
–0.05
–0.1
–30
–10
–5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
V CE(sat) – I B Characteristics (Typical)
0
–1.5
–1.0
–0.5
–2
–100
–10
–1000
–3000
Base Current I B(mA)
h FE– I C Characteristics (Typical)
–0.02
–0.1
–1
–10
30
50
100
500
Collector Current I C(A)
(V CE=–1V)
Typ
1ms
100ms
DC
0.3
0.5
4
1
1
1 0
100
1000
Time t(ms)
0.05
0.1
1
1 2
0
20
30
40
50
(V CE=–12V)
Emitter Current I E(A)
Typ
f T– I E Characteristics (Typical)
0
–12
–6
–8
–10
–4
–2
0
–1.2
–0.4
–0.2
–0.6
–0.8
–1.0
Base-Emittor Voltage V BE(V)
(V CE=–1V)
(V CE=–1V)
–0.02
–0.1
–1
–10
30
50
100
500
Collector Current I C(A)
125˚C
25˚C
–30˚C
Pc – T a Derating
35
30
20
10
2
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
50x50x2
100x100x2
150x150x2
Natural Cooling
Silicone Grease
Heatsink: Aluminum
in mm
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SC4064)
Application : DC Motor Driver, Chopper Regulator and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
–50
–50
–6
–12
–3
35(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
sTypical Switching Characteristics (Common Emitter)
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
fT
COB
Ratings
–100max
–100max
–50min
50min
–0.35max
40typ
330typ
Unit
µA
µA
V
V
MHz
pF
Conditions
VCB=–50V
VEB=–6V
IC=–25mA
VCE=–1V, IC=–6A
IC=–6A, IB=–0.3A
VCE=–12V, IE=0.5A
VCB=–10V, f=1MHz
VCC
(V)
–24
RL
(
Ω)
4
IC
(A)
–6
VBB2
(V)
5
IB2
(mA)
120
ton
(
µs)
0.4typ
tstg
(
µs)
0.4typ
tf
(
µs)
0.2typ
IB1
(mA)
–120
LOW VCE (sat)
2SA1567
(Ta=25°C)
(Ta=25°C)
VBB1
(V)
–10
External Dimensions FM20 (TO220F)
ø3.3±0.2
10.1±0.2
2.54
2.54
1.35±0.15
0.85
+0.2
-0.1
1.35±0.15
2.2±0.2
4.2±0.2
2.8
c0.5
2.4±0.2
0.45
+0.2
-0.1
BE
C
a
b
23
Weight : Approx 2.0g
a. Part No.
b. Lot No.


Similar Part No. - 2SA1567

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SA1567 SANKEN-2SA1567 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(DC Motor Driver, Chopper Regulator and General Purpose)
logo
Inchange Semiconductor ...
2SA1567 ISC-2SA1567 Datasheet
93Kb / 2P
   isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SA1567 SAVANTIC-2SA1567 Datasheet
243Kb / 4P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1567 JMNIC-2SA1567 Datasheet
242Kb / 4P
   Silicon PNP Power Transistors
2SA1567 JMNIC-2SA1567 Datasheet
242Kb / 4P
   Silicon PNP Power Transistors
More results

Similar Description - 2SA1567

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com