Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9CRA0612P6G001 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9CRA0612P6G001
Description  High Air Flow and High Static Pressure
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9CRA0612P6G001 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9CRA0612P6G001 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9CRA0612P6G001 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9CRA0612P6G001 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9CRA0612P6G001 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PWM Input Signal Example
Example of Connection Schematic
Specifications for Pulse Sensors
Output circuit : Open collector
T1∼4≒(1/4T0
T1∼4≒(1/4T060/4Nsec
NFan speedmin-1
One revolution
In case of steady running
Output Waveform Need pull-up resistor
Inside of DC fan
Sensor output
Sensor
Pull-up resistor
Pull-up voltage
Input Signal Waveform
T ×100
T1
T
1
VIH=4.75V to 5.25V
VIL=0V to 0.4V
PWM Duty Cycle(%)=
PWM Frequency 25(kHz)=
Source Current : 5mA Max. at control voltage 0V
Sink Current : 5mA Max. at control voltage 5.25V
Control Terminal Voltage : 5.25V Max. (Open Circuit)
When the control lead wire is open,
the fan speed is the same as the one at a PWM duty cycle of 100%.
Either TTL input, open collector or open drain can be used for
PWM control input signal.
PWM Input Signal
DC fan input voltage
Control
Inside of DC fan
Isource
Isink
VCE=+13.8V MAX.
Ic10mA MAX.VOLVCESAT)=1.0V MAX.
T
T1
VIL
T0
T1
0V
VOL
VOH
T2
T3
T4
VIH
○ −
○ +
Ic
VCE
PWM Duty - Speed Characteristics Example
Air Flow - Static Pressure Characteristics
PWM Duty Cycle%
VoltageDC12V
PWM Frequency25kHz
PWM Duty Cycle%
PWM Duty Cycle%
VoltageDC12V
PWM Frequency25kHz
VoltageDC12V
PWM Frequency25kHz
9CRA0612P6K001
9CRA0612P6G001
9CRA0612P6J001
11,400min-1
13,500min-1
100
0
0
18,000
16,000
14,000
12,000
10,000
8,000
6,000
4,000
2,000
14,500min-1
16,800min-1
100
0
0
18,000
16,000
14,000
12,000
10,000
8,000
6,000
4,000
2,000
Inlet Side
Outlet Side
Inlet Side
Outlet Side
Inlet Side
Outlet Side
15,800min-1
100
0
0
18,000
16,000
14,000
12,000
10,000
8,000
6,000
4,000
2,000
20,000
18,300min-1
・ PWM Duty Cycle
・ Operating Voltage Range
→ Air flow
→ Air flow
→ Air flow
→ Air flow
→ Air flow
→ Air flow
PWM Duty Cycle 100%
PWM Duty Cycle 100%
PWM Duty Cycle 100%
DC 12V
DC12V
(Pa)
inch H2O
9CRA0612P6J001
(Pa)
inch H2O
9CRA0612P6J001
(CFM)
(m3/min)
(CFM)
(m3/min)
(Pa)
inch H2O
9CRA0612P6G001
(Pa)
inch H2O
9CRA0612P6G001
(CFM)
(m3/min)
(CFM)
(m3/min)
9CRA0612P6K001
9CRA0612P6K001
2.5
600
200
400
1.0
0.5
1.5
0
1.5
0
0.5
1.0
2.0
0 10 20 30
50 60 70 80
800
2.5
3.0
1,000
3.5
4.0
1,200
4.5
2.0
40
2.5
600
200
400
1.0
0.5
1.5
0
1.5
0
0.5
1.0
2.0
0 10 20 30
50 60 70 80
800
2.5
3.0
1,000
3.5
4.0
1,200
4.5
2.0
40
2.5
600
200
400
1.0
0.5
1.5
0
1.5
0
0.5
1.0
2.0
0 10 20 30
50 60 70 80
800
2.5
3.0
1,000
3.5
4.0
1,200
4.5
2.0
40
2.5
600
200
400
1.0
0.5
1.5
0
1.5
0
0.5
1.0
2.0
0 10 20 30
50 60 70 80
800
2.5
3.0
1,000
3.5
4.0
1,200
4.5
2.0
40
PWM Duty Cycle
100%
50%
0%
50%
0%
13.2V
12V
10.8V
13.2V
12V
10.8V
PWM Duty Cycle
100%
DC 12V
(CFM)
(m3/min)
(CFM)
(m3/min)
(Pa)
inch H2O
(Pa)
inch H2O
2.5
600
200
400
1.0
0.5
1.5
0
1.5
0
0.5
1.0
2.0
0 10 20 30
50 60 70 80
800
2.5
3.0
1,000
3.5
4.0
1,200
4.5
2.0
40
1,400
5.0
5.5
2.5
600
200
400
1.0
0.5
1.5
0
1.5
0
0.5
1.0
2.0
0 10 20 30
50 60 70 80
800
2.5
3.0
1,000
3.5
4.0
1,200
4.5
2.0
40
1,400
5.0
5.5
PWM Duty Cycle
100%
50%
0%
13.2V
12V
10.8V
60
CRA type
60×60×56mm


Similar Part No. - 9CRA0612P6G001

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9CRA0612P0G001 SANYODENKI-9CRA0612P0G001 Datasheet
171Kb / 2P
   Counter Rotating Fan San Ace 60 9CRA type
9CRA0612P0S001 SANYODENKI-9CRA0612P0S001 Datasheet
171Kb / 2P
   Counter Rotating Fan San Ace 60 9CRA type
More results

Similar Description - 9CRA0612P6G001

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9HV0912P4G001 SANYODENKI-9HV0912P4G001 Datasheet
681Kb / 4P
   High Static Pressure Fan
9HVA0412P3J001 SANYODENKI-9HVA0412P3J001 Datasheet
508Kb / 2P
   High Static Pressure Fan
9HVB0812P1G001 SANYODENKI-9HVB0812P1G001 Datasheet
510Kb / 2P
   High Static Pressure Fan
logo
TT Electronics.
DS1171 TTELEC-DS1171 Datasheet
334Kb / 2P
   High Pressure Liquid Flow Meter
logo
Mechatronics, Inc.
F1238-H MECHATRONICS-F1238-H Datasheet
350Kb / 1P
   high performance impeller for maximum air flow
logo
List of Unclassifed Man...
9HV0912P1G001 ETC2-9HV0912P1G001 Datasheet
637Kb / 4P
   High Static Pressure Fan San Ace 92
SLG ETC2-SLG Datasheet
438Kb / 7P
   Ultra High Pressure Flow Sensor for LC Applications
logo
Extech Instruments Corp...
407114 EXTECH-407114 Datasheet
168Kb / 8P
   CFM Thermo Anemometer Air Velocity, Air Flow, and Temperature
logo
Festo Corporation.
8058471 FESTO-8058471 Datasheet
102Kb / 3P
   Air flow sensor
SFAM-90-10000L-M-2SV-M12 FESTO-SFAM-90-10000L-M-2SV-M12 Datasheet
78Kb / 2P
   Air flow sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com