Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZ8039GLL Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # MAZ8039GLL
Description  MAZ8xxxG Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ8039GLL Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MAZ8039GLL Datasheet HTML 1Page - Panasonic Semiconductor MAZ8039GLL Datasheet HTML 2Page - Panasonic Semiconductor MAZ8039GLL Datasheet HTML 3Page - Panasonic Semiconductor MAZ8039GLL Datasheet HTML 4Page - Panasonic Semiconductor MAZ8039GLL Datasheet HTML 5Page - Panasonic Semiconductor MAZ8039GLL Datasheet HTML 6Page - Panasonic Semiconductor MAZ8039GLL Datasheet HTML 7Page - Panasonic Semiconductor MAZ8039GLL Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MAZ8xxxG Series
4
SKE00032DED
This product complies with RoHS Directive (EU 2002/95/EC).
Electrical Characteristics within Part Numbers (Continued) Ta = 25°C±3°C
Part number
Zener voltage
VZ (V)
Reverse
current
IR ( mA)
Zener
operating
resistance
RZ (W)
Zener rise
operating
resistance
RZK (W)
Temperature
coefficient of
zener voltage
SZ (mV/°C)
Marking symbol
IZ
(mA)
VR
(V)
IZ
(mA)
IZ
(mA)
IZ
(mA)
Min
Typ
Max
Max
Max
Max
Typ
MAZ8200G0L
18.80 20.00 21.20
5
0.05
15.0
80
5
100
0.5
16.4
5
20_, 20- or 20^
MAZ8200GLL
18.85 19.30 19.81
20_
MAZ8200GML
19.50 20.00 20.50
20-
MAZ8200GHL
20.15 20.70 21.19
20^
MAZ8220G0L
20.80 22.00 23.30
5
0.05
17.0
80
5
100
0.5
18.4
5
22_, 22- or 22^
MAZ8220GLL
20.80 21.30 21.86
22_
MAZ8220GML
21.45 22.00 22.55
22-
MAZ8220GHL
22.10 22.70 23.24
22^
MAZ8240G0L
22.80 24.00 25.60
5
0.05
19.0
100
5
120
0.5
20.4
5
24_, 24- or 24^
MAZ8240GLL
22.80 23.30 23.97
24_
MAZ8240GML
23.50 24.00 24.70
24-
MAZ8240GHL
24.35 25.00 25.60
24^
MAZ8270G0L
25.10 27.00 28.90
2
0.05
21.0
120
2
120
0.5
23.4
2
27_, 27- or 27^
MAZ8270GLL
25.30 26.00 26.70
27_
MAZ8270GML
26.30 27.00 27.70
27-
MAZ8270GHL
27.30 28.00 28.70
27^
MAZ8300G0L
28.00 30.00 32.00
2
0.05
23.0
160
2
160
0.5
26.6
2
30_, 30- or 30^
MAZ8300GLL
28.30 29.00 29.70
30_
MAZ8300GML
29.30 30.00 30.80
30-
MAZ8300GHL
30.20 31.00 31.80
30^
MAZ8330G0L
31.00 33.00 35.00
2
0.05
25.0
200
2
200
0.5
29.7
2
33_, 33- or 33^
MAZ8330GLL
31.20 32.00 32.80
33_
MAZ8330GML
32.20 33.00 33.80
33-
MAZ8330GHL
33.20 34.00 34.90
33^
MAZ8360G0L
34.00 36.00 38.00
2
0.05
27.0
250
2
250
0.5
33.0
2
36_, 36- or 36^
MAZ8360GLL
34.10 35.00 35.90
36_
MAZ8360GML
35.10 36.00 36.90
36-
MAZ8360GHL
36.10 37.00 37.90
36^
MAZ8390G0L
37.00 39.00 41.00
2
0.05
30.0
300
2
300
0.5
35.6
2
39_, 39- or 39^
MAZ8390GLL
37.10 38.00 39.00
39_
MAZ8390GML
38.00 39.00 40.00
39-
MAZ8390GHL
39.00 40.00 41.00
39^


Similar Part No. - MAZ8039GLL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ8039 PANASONIC-MAZ8039 Datasheet
69Kb / 5P
   Silicon planar type
MAZ8039 PANASONIC-MAZ8039 Datasheet
268Kb / 5P
   MAZ8xxx Series (MA8000 Series) Silicon planar type
MAZ8039 PANASONIC-MAZ8039 Datasheet
268Kb / 5P
   Silicon planar type For stabilization of power supply
MAZ8039-H PANASONIC-MAZ8039-H Datasheet
69Kb / 5P
   Silicon planar type
MAZ8039-L PANASONIC-MAZ8039-L Datasheet
69Kb / 5P
   Silicon planar type
More results

Similar Description - MAZ8039GLL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ8068GML PANASONIC-MAZ8068GML Datasheet
687Kb / 8P
   MAZ8xxxG Series Silicon planar type
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com