Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZ8043GHL Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MAZ8043GHL
Description  MAZ8xxxG Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ8043GHL Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MAZ8043GHL Datasheet HTML 1Page - Panasonic Semiconductor MAZ8043GHL Datasheet HTML 2Page - Panasonic Semiconductor MAZ8043GHL Datasheet HTML 3Page - Panasonic Semiconductor MAZ8043GHL Datasheet HTML 4Page - Panasonic Semiconductor MAZ8043GHL Datasheet HTML 5Page - Panasonic Semiconductor MAZ8043GHL Datasheet HTML 6Page - Panasonic Semiconductor MAZ8043GHL Datasheet HTML 7Page - Panasonic Semiconductor MAZ8043GHL Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Zener Diodes
Publication date: May 2009
SKE00032DED
1
This product complies with RoHS Directive (EU 2002/95/EC).
MAZ8xxxG Series
Silicon planar type
For stabilization of power supply
Features
Extremely low noise voltage caused from the diode (2.4 V to
39V, 1/3 to 1/10 of our conventional MAZ3xxx series)
Extremely good rising performance (in the low-current range)
Easy-to-select the optimum diode because of their finely divided
zener-voltage ranks
Guaranteed reliability, equivalent to that of conventional products
(Mini type package)
Allowing to reduce the mounting area, thickness and weight
substantially, compared with those of the conventional products
Allowing both reflow and flow mode of automatic soldering
Allowing automatic mounting by an existing chip mounter
Absolute Maximum Ratings Ta = 25°C
Parameter
Symbol
Rating
Unit
Repetitive peak forward current
IFRM
200
mA
Total power dissipation *
PT
150
mW
Junction temperature
Tj
150
°
C
Storage temperature
Tstg
–55 to +150
°
C
Note) *: PT = 150 mW achieved with a printed circuit board.
Common Electrical Characteristics Ta = 25°C±3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 10 mA
0.9
1.0
V
Zener voltage *1
VZ
IZ
Specified value
V
Zener rise operating resistance
RZK
IZ
Specified value
Refer to the list of the
electrical characteristics
within part numbers
W
Zener operating resistance
RZ
IZ
Specified value
W
Reverse current
IR
VR
Specified value
m
A
Temperature coefficient of zener voltage *2
SZ
IZ
Specified value
mV/°C
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 measuring methods for diodes.
2. Absolute frequency of input and output is 5 MHz.
3. The temperature must be controlled 25°C for VZ measurement.
VZ value measured at other temperature must be adjusted to VZ (25°C)
4. *1: VZ guaranteed 20 ms after current flow.
*2: Tj = 25°C to 150°C
Package
Code
SMini2-F3
Pin Name
1: Anode
2: Cathode
Marking symbol
Refer to the list of the electrical
characteristics within part numbers


Similar Part No. - MAZ8043GHL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ8043 PANASONIC-MAZ8043 Datasheet
69Kb / 5P
   Silicon planar type
MAZ8043 PANASONIC-MAZ8043 Datasheet
268Kb / 5P
   MAZ8xxx Series (MA8000 Series) Silicon planar type
MAZ8043 PANASONIC-MAZ8043 Datasheet
268Kb / 5P
   Silicon planar type For stabilization of power supply
MAZ8043-H PANASONIC-MAZ8043-H Datasheet
69Kb / 5P
   Silicon planar type
MAZ8043-L PANASONIC-MAZ8043-L Datasheet
69Kb / 5P
   Silicon planar type
More results

Similar Description - MAZ8043GHL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ8068GML PANASONIC-MAZ8068GML Datasheet
687Kb / 8P
   MAZ8xxxG Series Silicon planar type
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com