Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA5600 Datasheet(PDF) 10 Page - Motorola, Inc

Part # TCA5600
Description  UNIVERSAL MICROPROCESSOR POWER SUPPLY/CONTROLLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TCA5600 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button TCA5600 Datasheet HTML 4Page - Motorola, Inc TCA5600 Datasheet HTML 5Page - Motorola, Inc TCA5600 Datasheet HTML 6Page - Motorola, Inc TCA5600 Datasheet HTML 7Page - Motorola, Inc TCA5600 Datasheet HTML 8Page - Motorola, Inc TCA5600 Datasheet HTML 9Page - Motorola, Inc TCA5600 Datasheet HTML 10Page - Motorola, Inc TCA5600 Datasheet HTML 11Page - Motorola, Inc TCA5600 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TCA5600 TCF5600
10
MOTOROLA ANALOG IC DEVICE DATA
Programmable Voltage Regulator
This series voltage regulator is programmable by the
voltage divider R4, R5 for a nominal output voltage of 6.0 V
Vout2 ≤ 30 V.
(7)
R4 =
[R5 = 10 k, Vref nom = 2.5 V]
(Vout2 – Vref nom) R5
Vref nom
Current limitation and thermal shutdown capability are
standard features of this regulator. The voltage drop
∆V(Pin 9 – Pin 8) across the series pass transistor generates
the feedback signal to control the dc/dc converter
(see Figure 13).
Control Inputs INH1, INH2
The dc/dc converter and/or the regulator Vout2 are remote
controllable through the TTL, MOS compatible inhibit inputs
INH1 and INH2 where the latter is a three–level detector
(Logic “0”, High Impedance “Z”, Logic “1”). Both inputs are
set–up to provide the following truth table:
Figure 15. INH1, INH2 TruthTable
Mode
INH1
INH2
Vout2
DC/DC
1
0
0
OFF
INT
2
0
High “Z”
Vout2
ON
3
0
1
Vout2
INT
4
1
0
OFF
INT
5
1
High “Z”
5.0 V
ON
6
1
1
5.0 V
INT
INT:
Intermittent operation of the converter means that the
converter operates only if VCC2<Vout2.
ON:
The converter loads the storage capacitor C2 to its full
charge (V9 = 33 V), allowing fast response time of the
regulator Vout2 when addressed by the control software.
OFF:
High impedance (internal resistor 10 k to ground)
Figure 16 represents a typical timing diagram for an E2PROM
programming sequence in a microprocessor based system.
The High “Z” state enables the dc/dc converter to ramp during
t3 to the voltage V9 at Pin 9 to a high level before the write
cycle takes place in the memory.
V9
VCC2
V9 max
– VF
Vout2
5.0V
INH1
“1”
”0”
INH2
“1”
“0”
High “Z”
t3
t4
V9 int
t
Programming
Voltage VPP
Figure 16. Typical E2PROM Programming Sequence
(not to scale)
Microprocessor Supply Regulator
Together with an external PNP power transistor (Q1), a
5.0 V supply exhibiting low voltage drop is obtained to power
microprocessor systems and auxiliary circuits. Using a power
Darlington with adequate heat sink in the output stage boosts
the output current Iout1 above 1.0 A.
The current limitation circuit measures the emitter current
of Q1 by means of the sensing resistor, RSC:
(8)
RSC =
VRSC
IE
[IE: emitter current of Q1]
[VRSC: threshold voltage
[VRSC: (see Electrical Characteristics Table)]
The voltage protection circuit performs a foldback
characteristic above a nominal operating voltage, VCC2 ≥
18 V.
Delay and Watchdog Circuit
The undervoltage monitor supervises the power supply
Vout1 and releases the delay circuit RESET as soon as the
regulator output reaches the microprocessor operating a
range [e.g., Vlow w 0.93 Vout1(nom)]. The RESEToutputhas
an open–collector and may be connected in a “wired–OR”
configuration.
The watchdog circuit consists of a retriggerable
monostable with a negative edge sensitive control input WDI.
The watchdog feature may be disabled by means of the
watchdog select input WDS driven to a “1”. Figure 17 displays
the Typical RESET Timing Diagram.
The commuted current source IC5 on Pin 17, threshold
voltage VC5(L), VC5(H) and an external capacitor C5 define
the RESET delay and the watchdog timing. The relationship
of the timing signals are indicated by the Equations (9) to (11).
(9)
RESET delay:
td =
C5
VC5(H)
|IC5|
Watchdog timeout:
Watchdog RESET:
twd =
tr =
C5
(VC5(H) – VC5(L))
5
IC5
C5
(VC5(H) – VC5(L))
50
|IC5|
(10)
(11)
[IC5, VC5(H), VC5(L): see Electrical Characteristics Table]


Similar Part No. - TCA5600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA5013 TI1-TCA5013 Datasheet
1Mb / 68P
[Old version datasheet]   Feature Rich Smartcard Interface IC
TCA5013ZAHR TI1-TCA5013ZAHR Datasheet
1Mb / 68P
[Old version datasheet]   Feature Rich Smartcard Interface IC
logo
Siemens Semiconductor G...
TCA505B SIEMENS-TCA505B Datasheet
836Kb / 18P
   IC for Inductive Proximity Switches with Short-Circuit Protection
TCA505B SIEMENS-TCA505B Datasheet
995Kb / 18P
   IC for Inductive Proximity Switches with Short-Circuit Protection
TCA505BG SIEMENS-TCA505BG Datasheet
836Kb / 18P
   IC for Inductive Proximity Switches with Short-Circuit Protection
More results

Similar Description - TCA5600

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2984 NSC-LM2984 Datasheet
398Kb / 16P
   Microprocessor Power Supply System
logo
Sanyo Semicon Device
LA5616 SANYO-LA5616 Datasheet
92Kb / 5P
   Microprocessor-Controlled Audio Power Supply
logo
National Semiconductor ...
LM2984C NSC-LM2984C Datasheet
284Kb / 14P
   LM2984C Microprocessor Power Supply System
logo
Texas Instruments
LM2984C TI-LM2984C_15 Datasheet
275Kb / 16P
[Old version datasheet]   LM2984C Microprocessor Power Supply System
logo
High Voltage Power Solu...
SPL-I-AC-30N50 HVPSI-SPL-I-AC-30N50 Datasheet
352Kb / 2P
   Microprocessor-Controlled Industrial Power Supply
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
TL496C TI-TL496C Datasheet
105Kb / 7P
[Old version datasheet]   9-V POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
UC1861 TI-UC1861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_16 Datasheet
3Mb / 15P
[Old version datasheet]   Resonant-Mod Power Supply Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com