Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZ8062GHL Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # MAZ8062GHL
Description  MAZ8xxxG Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ8062GHL Datasheet(HTML) 3 Page - Panasonic Semiconductor

  MAZ8062GHL Datasheet HTML 1Page - Panasonic Semiconductor MAZ8062GHL Datasheet HTML 2Page - Panasonic Semiconductor MAZ8062GHL Datasheet HTML 3Page - Panasonic Semiconductor MAZ8062GHL Datasheet HTML 4Page - Panasonic Semiconductor MAZ8062GHL Datasheet HTML 5Page - Panasonic Semiconductor MAZ8062GHL Datasheet HTML 6Page - Panasonic Semiconductor MAZ8062GHL Datasheet HTML 7Page - Panasonic Semiconductor MAZ8062GHL Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MAZ8xxxG Series
SKE00032DED
3
This product complies with RoHS Directive (EU 2002/95/EC).
Electrical Characteristics within Part Numbers (Continued) Ta = 25°C±3°C
Part number
Zener voltage
VZ (V)
Reverse
current
IR ( mA)
Zener
operating
resistance
RZ (W)
Zener rise
operating
resistance
RZK (W)
Temperature
coefficient of
zener voltage
SZ (mV/°C)
Marking symbol
IZ
(mA)
VR
(V)
IZ
(mA)
IZ
(mA)
IZ
(mA)
Min
Typ
Max
Max
Max
Max
Typ
MAZ8075G0L
7.00
7.50
7.90
5
0.1
5.0
20
5
60
0.5
4.0
5
7_5, 7-5 or 7^5
MAZ8075GLL
7.07
7.30
7.43
7_5
MAZ8075GML
7.29
7.50
7.67
7-5
MAZ8075GHL
7.51
7.70
7.89
7^5
MAZ8082G0L
7.70
8.20
8.70
5
0.1
5.0
20
5
60
0.5
4.6
5
8_2, 8-2 or 8^2
MAZ8082GLL
7.77
7.90
8.17
8_2
MAZ8082GML
8.03
8.20
8.43
8-2
MAZ8082GHL
8.29
8.50
8.70
8^2
MAZ8091G0L
8.50
9.10
9.60
5
0.1
6.0
20
5
60
0.5
5.5
5
9_1, 9-1 or 9^1
MAZ8091GLL
8.58
8.80
9.02
9_1
MAZ8091GML
8.87
9.10
9.33
9-1
MAZ8091GHL
9.14
9.40
9.60
9^1
MAZ8100G0L
9.40 10.00 10.60
5
0.05
7.0
30
5
60
0.5
6.4
5
10_, 10- or 10^
MAZ8100GLL
9.44
9.70
9.92
10_
MAZ8100GML
9.75 10.00 10.25
10-
MAZ8100GHL
10.07 10.30 10.59
10^
MAZ8110G0L
10.40 11.00 11.60
5
0.05
8.0
30
5
60
0.5
7.4
5
11_, 11- or 11^
MAZ8110GLL
10.40 10.70 10.94
11_
MAZ8110GML
10.73 11.00 11.28
11-
MAZ8110GHL
11.05 11.30 11.60
11^
MAZ8120G0L
11.40 12.00 12.70
5
0.05
9.0
30
5
80
0.5
8.4
5
12_, 12- or 12^
MAZ8120GLL
11.40 11.70 11.96
12_
MAZ8120GML
11.73 12.00 12.33
12-
MAZ8120GHL
12.06 12.30 12.68
12^
MAZ8130G0L
12.40 13.00 14.10
5
0.05
10.0
35
5
80
0.5
9.4
5
13_, 13- or 13^
MAZ8130GLL
12.40 12.70 12.99
13_
MAZ8130GML
12.73 13.00 13.40
13-
MAZ8130GHL
13.25 13.70 14.08
13^
MAZ8140GML
13.65 14.00 14.35
5
0.05
10.0
40
5
80
0.5
10.0
5
14-
MAZ8150G0L
13.90 15.00 15.60
5
0.05
11.0
40
5
80
0.5
11.4
5
15_, 15- or 15^
MAZ8150GLL
13.90 14.30 14.76
15_
MAZ8150GML
14.60 15.00 15.35
15-
MAZ8150GHL
14.95 15.30 15.60
15^
MAZ8160G0L
15.30 16.00 17.10
5
0.05
12.0
50
5
80
0.5
12.4
5
16_, 16- or 16^
MAZ8160GLL
15.30 15.70 16.09
16_
MAZ8160GML
15.70 16.00 16.50
16-
MAZ8160GHL
16.26 16.70 17.10
16^
MAZ8180G0L
16.90 18.00 19.10
5
0.05
13.0
60
5
80
0.5
14.4
5
18_, 18- or 18^
MAZ8180GLL
16.90 17.30 17.76
18_
MAZ8180GML
17.55 18.00 18.45
18-
MAZ8180GHL
18.20 18.70 19.10
18^


Similar Part No. - MAZ8062GHL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ8062 PANASONIC-MAZ8062 Datasheet
69Kb / 5P
   Silicon planar type
MAZ8062 PANASONIC-MAZ8062 Datasheet
268Kb / 5P
   MAZ8xxx Series (MA8000 Series) Silicon planar type
MAZ8062 PANASONIC-MAZ8062 Datasheet
268Kb / 5P
   Silicon planar type For stabilization of power supply
MAZ8062-H PANASONIC-MAZ8062-H Datasheet
69Kb / 5P
   Silicon planar type
MAZ8062-L PANASONIC-MAZ8062-L Datasheet
69Kb / 5P
   Silicon planar type
More results

Similar Description - MAZ8062GHL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ8068GML PANASONIC-MAZ8068GML Datasheet
687Kb / 8P
   MAZ8xxxG Series Silicon planar type
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com