Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24C041JI-25TE13 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT24C041JI-25TE13
Description  Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C041JI-25TE13 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT24C041JI-25TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C041JI-25TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C041JI-25TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C041JI-25TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C041JI-25TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C041JI-25TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C041JI-25TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT24C041JI-25TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT24C041JI-25TE13 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CAT24CXX1/XX2
7
Advanced
Doc. No. 25079-00 1/98 M-1
ACKNOWLEDGE
1
START
SCL FROM
MASTER
89
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
Figure 5. Acknowledge Timing
Figure 6. Slave Address Bits
FUNCTIONAL DESCRIPTION
The CAT24CXXX supports the I2C Bus data transmis-
sion protocol. This Inter-Integrated Circuit Bus protocol
defines any device that sends data to the bus to be a
transmitter and any device receiving data to be a re-
ceiver. The transfer is controlled by the Master device
which generates the serial clock and all START and
STOP conditions for bus access. The CAT24CXXX
operates as a Slave device. Both the Master device and
Slave device can operate as either transmitter or re-
ceiver, but the Master device controls which mode is
activated.
I2C BUS PROTOCOL
The features of the I2C bus protocol are defined as
follows:
(1) Data transfer may be initiated only when the bus is
not busy.
(2) During a data transfer, the data line must remain
stable whenever the clock line is high. Any changes in
the data line while the clock line is high will be interpreted
as a START or STOP condition.
START Condition
The START Condition precedes all commands to the
device, and is defined as a HIGH to LOW transition of
SDA when SCL is HIGH. The CAT24CXXX monitors the
SDA and SCL lines and will not respond until this
condition is met.
1
010
X
X
X
R/W
1
0
1
0
X
X
a8
R/W
24C021/022
24C041/042
1
010
X
a9
a8
R/W
1
0
1
0
a10
a9
a8
R/W
24C081/082
24C161/162
* 'X' Corresponds to Don't Care Bits (can be a zero or a one)
** a8, a9 and a10 correspond to the address of the memory array address word.
STOP Condition
A LOW to HIGH transition of SDA when SCL is HIGH
determines the STOP condition. All operations must end
with a STOP condition.
DEVICE ADDRESSING
The Master begins a transmission by sending a START
condition. The Master sends the address of the particu-
lar slave device it is requesting. The four most significant
bits of the 8-bit slave address are fixed as 1010.
The next three bits (Fig. 6) define memory addressing.
For the 24C021/022, the three bits are don't care. For
the 24C041/042, the next two bits are don't care and the
third bit is the high order address bit. For the 24C081/
082, the next bit is don't care and the successive bits
define the higher order address bits. For the 24C161/
162 the three bits define higher order bits.
The last bit of the slave address specifies whether a
Read or Write operation is to be performed. When this
bit is set to 1, a Read operation is selected, and when set
to 0, a Write operation is selected.
After the Master sends a START condition and the slave
address byte, the CAT24CXXX monitors the bus and
responds with an acknowledge (on the SDA line) when
its address matches the transmitted slave address. The
CAT24CXXX then performs a Read or Write operation
depending on the state of the R/
W bit.


Similar Part No. - CAT24C041JI-25TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C04 CATALYST-CAT24C04 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C04 CATALYST-CAT24C04 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C04 ONSEMI-CAT24C04 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C04 ONSEMI-CAT24C04 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04 ONSEMI-CAT24C04 Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM PDIP?? L SUFFIX
February, 2013 ??Rev. 26
More results

Similar Description - CAT24C041JI-25TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C163 CATALYST-CAT24C163 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C321 CATALYST-CAT24C321 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C323 CATALYST-CAT24C323 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com