Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX25L51245GXDI10G Datasheet(PDF) 11 Page - Macronix International

Part # MX25L51245GXDI10G
Description  3V 512M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O)
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L51245GXDI10G Datasheet(HTML) 11 Page - Macronix International

Back Button MX25L51245GXDI10G Datasheet HTML 7Page - Macronix International MX25L51245GXDI10G Datasheet HTML 8Page - Macronix International MX25L51245GXDI10G Datasheet HTML 9Page - Macronix International MX25L51245GXDI10G Datasheet HTML 10Page - Macronix International MX25L51245GXDI10G Datasheet HTML 11Page - Macronix International MX25L51245GXDI10G Datasheet HTML 12Page - Macronix International MX25L51245GXDI10G Datasheet HTML 13Page - Macronix International MX25L51245GXDI10G Datasheet HTML 14Page - Macronix International MX25L51245GXDI10G Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 123 page
background image
11
MX25L51245G
REV. 0.01, JAN. 06, 2014
PRELIMINARY
P/N: PM2006
II. Additional 4K-bit secured OTP for unique identifier: to provide 4K-bit one-time program area for setting
device unique serial number - Which may be set by factory or system customer.
- Security register bit 0 indicates whether the chip is locked by factory or not.
- To program the 4K-bit secured OTP by entering 4K-bit secured OTP mode (with Enter Security OTP command),
and going through normal program procedure, and then exiting 4K-bit secured OTP mode by writing Exit Security
OTP command.
- Customer may lock-down the customer lockable secured OTP by writing WRSCUR(write security register)
command to set customer lock-down bit1 as "1". Please refer to "Table 8. Security Register Definition" for
security register bit definition and "Table 3. 4K-bit Secured OTP Definition" for address range definition.
- Note: Once lock-down whatever by factory or customer, it cannot be changed any more. While in 4K-bit secured
OTP mode, array access is not allowed.
Table 3. 4K-bit Secured OTP Definition
Address range
Size
Standard Factory Lock
Customer Lock
xxx000~xxx00F
128-bit
ESN (electrical serial number)
Determined by customer
xxx010~xxx1FF
3968-bit
N/A


Similar Part No. - MX25L51245GXDI10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L51245GXDI-08G MCNIX-MX25L51245GXDI-08G Datasheet
2Mb / 92P
   3V, 512M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L51245GXDI-10G MCNIX-MX25L51245GXDI-10G Datasheet
2Mb / 92P
   3V, 512M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
More results

Similar Description - MX25L51245GXDI10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX66U51235F MCNIX-MX66U51235F Datasheet
1Mb / 96P
   1.8V 512M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L12835F MCNIX-MX25L12835F Datasheet
1Mb / 102P
   3V 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
logo
Generalplus Technology ...
GPR25L3203F GENERALPLUS-GPR25L3203F Datasheet
3Mb / 47P
   3V, 32M-BIT [x 1/x 2/x 4] CMOS MXSMIO(SERIAL MULTI I/O) FLASH MEMORY
GPR25L6403F GENERALPLUS-GPR25L6403F Datasheet
1Mb / 47P
   3V, 64M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
GPR25L25606F GENERALPLUS-GPR25L25606F Datasheet
1Mb / 73P
   3V, 256M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
GPR25L12806F GENERALPLUS-GPR25L12806F Datasheet
968Kb / 50P
   3V, 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
logo
Macronix International
MX25L12875F MCNIX-MX25L12875F Datasheet
1Mb / 102P
   3V 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
logo
Generalplus Technology ...
GPR25L6404F GENERALPLUS-GPR25L6404F Datasheet
1Mb / 56P
   3V, 64M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
logo
Macronix International
MX25L25735F MCNIX-MX25L25735F Datasheet
1Mb / 96P
   3V 256M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L12873F MCNIX-MX25L12873F Datasheet
1Mb / 99P
   3V 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com