Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX25U3235FM2I10G Datasheet(PDF) 11 Page - Macronix International

Part # MX25U3235FM2I10G
Description  1.8V 32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25U3235FM2I10G Datasheet(HTML) 11 Page - Macronix International

Back Button MX25U3235FM2I10G Datasheet HTML 7Page - Macronix International MX25U3235FM2I10G Datasheet HTML 8Page - Macronix International MX25U3235FM2I10G Datasheet HTML 9Page - Macronix International MX25U3235FM2I10G Datasheet HTML 10Page - Macronix International MX25U3235FM2I10G Datasheet HTML 11Page - Macronix International MX25U3235FM2I10G Datasheet HTML 12Page - Macronix International MX25U3235FM2I10G Datasheet HTML 13Page - Macronix International MX25U3235FM2I10G Datasheet HTML 14Page - Macronix International MX25U3235FM2I10G Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
11
REV. 1.1, JUN. 19, 2013
MX25U3235F
P/N: PM1977
Table 2. Protected Area Sizes
Status bit
Protect Level
BP3 BP2 BP1 BP0
0
0
0
0
0 (none)
0
0
0
1
1 (1block, protected block 63rd)
0
0
1
0
2 (2blocks, protected block 62nd~63rd)
0
0
1
1
3 (4blocks, protected block 60th~63rd)
0
1
0
0
4 (8blocks, protected block 56th-63rd)
0
1
0
1
5 (16blocks, protected block 48th~63rd)
0
1
1
0
6 (32blocks, protected block 32nd~63rd)
0
1
1
1
7 (64blocks, protected all)
1
0
0
0
8 (64blocks, protected all)
1
0
0
1
9 (32blocks, protected block 0th~31st)
1
0
1
0
10 (48blocks, protected block 0th~47th)
1
0
1
1
11 (56blocks, protected block 0th~55th)
1
1
0
0
12 (60blocks, protected block 0th~59th)
1
1
0
1
13 (62blocks, protected block 0th~61st)
1
1
1
0
14 (63blocks, protected block 0th~62nd)
1
1
1
1
15 (64blocks, protected all)


Similar Part No. - MX25U3235FM2I10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25U3235E MCNIX-MX25U3235E Datasheet
1Mb / 86P
   32M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U3235EM2I10G MCNIX-MX25U3235EM2I10G Datasheet
1Mb / 86P
   32M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U3235EZNI10G MCNIX-MX25U3235EZNI10G Datasheet
1Mb / 86P
   32M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
More results

Similar Description - MX25U3235FM2I10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25U3235E MCNIX-MX25U3235E Datasheet
1Mb / 86P
   32M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L3273E MCNIX-MX25L3273E Datasheet
1Mb / 86P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L3275E MCNIX-MX25L3275E Datasheet
1Mb / 87P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L3233F MCNIX-MX25L3233F Datasheet
1Mb / 84P
   3V, 32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U12835F MCNIX-MX25U12835F Datasheet
1Mb / 96P
   1.8V 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U1635E MCNIX-MX25U1635E Datasheet
1Mb / 87P
   16M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U4033E MCNIX-MX25U4033E Datasheet
842Kb / 68P
   4M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U2033E MCNIX-MX25U2033E Datasheet
840Kb / 68P
   2M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U6435F MCNIX-MX25U6435F Datasheet
1Mb / 92P
   1.8V 64M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6433F MCNIX-MX25L6433F Datasheet
1Mb / 83P
   64M-BIT [x 1 / x 2 / x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com