Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX25U4033EZUI12G Datasheet(PDF) 11 Page - Macronix International

Part # MX25U4033EZUI12G
Description  4M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25U4033EZUI12G Datasheet(HTML) 11 Page - Macronix International

Back Button MX25U4033EZUI12G Datasheet HTML 7Page - Macronix International MX25U4033EZUI12G Datasheet HTML 8Page - Macronix International MX25U4033EZUI12G Datasheet HTML 9Page - Macronix International MX25U4033EZUI12G Datasheet HTML 10Page - Macronix International MX25U4033EZUI12G Datasheet HTML 11Page - Macronix International MX25U4033EZUI12G Datasheet HTML 12Page - Macronix International MX25U4033EZUI12G Datasheet HTML 13Page - Macronix International MX25U4033EZUI12G Datasheet HTML 14Page - Macronix International MX25U4033EZUI12G Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
11
MX25U4033E
11
P/N: PM1755
REV. 1.5, NOV. 14, 2013
Table 2. Protected Area Sizes
Status Bit
Protect Level
BP3
BP2
BP1
BP0
0
0
0
0
0 (none)
0
0
0
1
1 (1block, protected block 7th)
0
0
1
0
2 (2blocks, protected block 6th~7th)
0
0
1
1
3 (4blocks, protected block 4th~7th)
0
1
0
0
4 (8blocks, protected all)
0
1
0
1
5 (8blocks, protected all)
0
1
1
0
6 (8blocks, protected all)
0
1
1
1
7 (8blocks, protected all)
1
0
0
0
8 (8blocks, protected all)
1
0
0
1
9 (8blocks, protected all)
1
0
1
0
10 (8blocks, protected all)
1
0
1
1
11 (8blocks, protected all)
1
1
0
0
12 (4blocks, protected block 0th~3rd)
1
1
0
1
13 (6blocks, protected block 0th~5th)
1
1
1
0
14 (7blocks, protected block 0th~6th)
1
1
1
1
15 (8blocks, protected all)
Table 3. 4K-bit Secured OTP Definition
II. Additional 4K-bit secured OTP for unique identifier: to provide 4K-bit One-Time Program area for setting de-
vice unique serial number - Which may be set by factory or system maker. Please refer to "Table 3. 4K-bit Se-
cured OTP Definition".
- Security register bit 0 indicates whether the chip is locked by factory or not.
- To program the 4K-bit secured OTP by entering 4K-bit secured OTP mode (with ENSO command), and going
through normal program procedure, and then exiting 4K-bit secured OTP mode by writing EXSO command.
- Customer may lock-down the customer lockable secured OTP by writing WRSCUR(write security register)
command to set customer lock-down bit1 as "1". Please refer to "Table 9. Security Register Definition" for secu-
rity register bit definition and "Table 3. 4K-bit Secured OTP Definition" for address range definition.
Note:
Once lock-down whatever by factory or customer, it cannot be changed any more. While in 4K-bit Secured OTP
mode, array access is not allowed.
Address range
Size
Standard Factory Lock
Customer Lock
xxx000~xxx00F
128-bit
ESN (electrical serial number)
Determined by customer
xxx010~xxx1FF
3968-bit
N/A


Similar Part No. - MX25U4033EZUI12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25U4035 MCNIX-MX25U4035 Datasheet
2Mb / 54P
   4M-BIT [x 1/x 2/x 4] 1.8V CMOS SERIAL FLASH
MX25U4035MI-25G MCNIX-MX25U4035MI-25G Datasheet
2Mb / 54P
   4M-BIT [x 1/x 2/x 4] 1.8V CMOS SERIAL FLASH
MX25U4035MI25G MCNIX-MX25U4035MI25G Datasheet
2Mb / 57P
   4M-BIT [x 1/x 2/x 4] 1.8V CMOS SERIAL FLASH
MX25U4035ZNI25G MCNIX-MX25U4035ZNI25G Datasheet
2Mb / 57P
   4M-BIT [x 1/x 2/x 4] 1.8V CMOS SERIAL FLASH
MX25U4035ZUI-25G MCNIX-MX25U4035ZUI-25G Datasheet
2Mb / 54P
   4M-BIT [x 1/x 2/x 4] 1.8V CMOS SERIAL FLASH
More results

Similar Description - MX25U4033EZUI12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25U3235F MCNIX-MX25U3235F Datasheet
1Mb / 90P
   1.8V 32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U12835F MCNIX-MX25U12835F Datasheet
1Mb / 96P
   1.8V 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U1635E MCNIX-MX25U1635E Datasheet
1Mb / 87P
   16M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U3235E MCNIX-MX25U3235E Datasheet
1Mb / 86P
   32M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U2033E MCNIX-MX25U2033E Datasheet
840Kb / 68P
   2M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U6435F MCNIX-MX25U6435F Datasheet
1Mb / 92P
   1.8V 64M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6433F MCNIX-MX25L6433F Datasheet
1Mb / 83P
   64M-BIT [x 1 / x 2 / x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L1673E MCNIX-MX25L1673E Datasheet
992Kb / 65P
   16M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L3275E MCNIX-MX25L3275E Datasheet
1Mb / 87P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6473E MCNIX-MX25L6473E Datasheet
1Mb / 86P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com