Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD63710AEFV-E2 Datasheet(PDF) 3 Page - Rohm

Part # BD63710AEFV-E2
Description  36VHigh-performance, High-reliability Withstand Voltage Stepping Motor Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD63710AEFV-E2 Datasheet(HTML) 3 Page - Rohm

  BD63710AEFV-E2 Datasheet HTML 1Page - Rohm BD63710AEFV-E2 Datasheet HTML 2Page - Rohm BD63710AEFV-E2 Datasheet HTML 3Page - Rohm BD63710AEFV-E2 Datasheet HTML 4Page - Rohm BD63710AEFV-E2 Datasheet HTML 5Page - Rohm BD63710AEFV-E2 Datasheet HTML 6Page - Rohm BD63710AEFV-E2 Datasheet HTML 7Page - Rohm BD63710AEFV-E2 Datasheet HTML 8Page - Rohm BD63710AEFV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3/23
Datasheet
Datasheet
BD63710AEFV
TSZ02201-0P2P0B700460-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
7.Feb.2014 Rev.001
www.rohm.com
TSZ22111・15・001
● Absolute Maximum Rated Values (Ta=25℃)
Item
Symbol
Rated Value
Unit
Supply voltage
VCC1,2
-0.2~+36.0
V
Power dissipation
Pd
1.45
1
W
4.70
2
W
Input voltage for control pin
VIN
-0.2~+5.5
V
RNF maximum voltage
VRNF
0.7
V
Maximum output current (DC)
IOUT
1.0
3
A/Phase
Maximum
output
current
(PEAK)
4
IOUTPEAK
1.5
3
A/Phase
Operating temperature range
Topr
-25~+85
Storage temperature range
Tstg
-55~+150
※1 70mm×70mm×1.6mm glass epoxy board. Derating in done at 11.6mW/℃ for operating above Ta=25℃.
※2 4-layer recommended board. Derating in done at 37.6mW/℃ for operating above Ta=25℃.
※3 Do not, however exceed Pd, ASO and Tjmax=150℃.
※4 Pulse width tw≦1ms, duty 20%.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over the
absolute maximum ratings.
●Recommended operating range (Ta= -25~+85℃)
Item
Symbol
Rated Value
Unit
Supply voltage
VCC1,2
19~28
V
Maximum Output current (DC)
IOUT
0.7
5
A/ Phase
*5
Not exceeding Pd,ASO or Tj=150℃。


Similar Part No. - BD63710AEFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63710AEFV-E2 ROHM-BD63710AEFV-E2 Datasheet
942Kb / 27P
   36VHigh-performance, High-reliability Withstand Voltage Stepping Motor Driver
More results

Similar Description - BD63710AEFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63710AEFV ROHM-BD63710AEFV_15 Datasheet
942Kb / 27P
   36VHigh-performance, High-reliability Withstand Voltage Stepping Motor Driver
BD63715AEFV ROHM-BD63715AEFV Datasheet
886Kb / 26P
   36VHigh-performance, High-reliability Withstand Voltage Stepping Motor Driver
BD63715AEFV ROHM-BD63715AEFV_15 Datasheet
942Kb / 27P
   36VHigh-performance High-reliability Withstand Voltage Stepping Motor Driver
BD63725BEFV ROHM-BD63725BEFV Datasheet
1Mb / 27P
   36VHigh-performance, High-reliability Withstand Voltage Stepping Motor Driver
BD63720AEFV ROHM-BD63720AEFV Datasheet
886Kb / 26P
   36VHigh-performance, High-reliability Withstand Voltage Stepping Motor Driver
4.Mar.2014 Rev.001
BD68710EFV ROHM-BD68710EFV Datasheet
1Mb / 24P
   High-performance, High-reliability Withstand Voltage Stepping Motor Driver
BD68715EFV ROHM-BD68715EFV Datasheet
1Mb / 24P
   High-reliability Withstand Voltage Stepping Motor Driver
BD68720EFV ROHM-BD68720EFV Datasheet
1Mb / 24P
   High-reliability Withstand Voltage Stepping Motor Driver
BD63731EFV ROHM-BD63731EFV Datasheet
1Mb / 31P
   36 V High-performance, High-reliability Withstand Voltage Stepping Motor Driver
BD6385EFV-LB ROHM-BD6385EFV-LB Datasheet
576Kb / 12P
   High Performance, High Reliability 36V Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com