Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS800480T-7X0GP-A Datasheet(PDF) 8 Page - Okaya Electric America, Inc.

Part # RS800480T-7X0GP-A
Description  Transmissive and back-light with 27 LEDs are available.
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

RS800480T-7X0GP-A Datasheet(HTML) 8 Page - Okaya Electric America, Inc.

Back Button RS800480T-7X0GP-A Datasheet HTML 4Page - Okaya Electric America, Inc. RS800480T-7X0GP-A Datasheet HTML 5Page - Okaya Electric America, Inc. RS800480T-7X0GP-A Datasheet HTML 6Page - Okaya Electric America, Inc. RS800480T-7X0GP-A Datasheet HTML 7Page - Okaya Electric America, Inc. RS800480T-7X0GP-A Datasheet HTML 8Page - Okaya Electric America, Inc. RS800480T-7X0GP-A Datasheet HTML 9Page - Okaya Electric America, Inc. RS800480T-7X0GP-A Datasheet HTML 10Page - Okaya Electric America, Inc. RS800480T-7X0GP-A Datasheet HTML 11Page - Okaya Electric America, Inc. RS800480T-7X0GP-A Datasheet HTML 12Page - Okaya Electric America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Product Specification
Rev. No.
Issued Date.
Page.
Model
GATW70SP8H1R0
F
2010, OCT. 13
8 / 20
3.2 AC Timing Characteristic of The LCD
3.2.1
Timing Condition (DE only mode)
Signal
Parameter
Symbol
Min.
Typ.
Max.
Unit.
Remark
DCLK cycle time
Tcph
25
-
-
ns
DCLK Frequency
fclk
-
30
40
MHz
DCLK
DCLK High plus width
Tcwh
40
50
60
%
HSD setup time
Thst
8
-
-
ns
HSD hold time
Thhd
8
-
-
ns
Horizontal display area
thd
-
800
-
Tcph
HSD period time
th
-
928
-
Tcph
HSD pulse width
thpw
1
48
-
Tcph
HSD back porch
thb
-
40
-
Tcph
Horizontal
HSD front porch
thfp
-
40
-
Tcph
VSD setup time
Tvst
8
-
-
ns
VSD hold time
Tvhd
8
-
-
ns
Vertical display area
tvd
-
480
-
th
VSD period time
tv
-
525
-
th
VSD pulse width
tvpw
-
3
-
th
VSD back porch
tvb
-
29
-
th
Vertical
VSD front porch
tvfp
-
13
-
th
DE setup time
Tesu
8
-
-
ns
DE
DE hold time
Tehd
8
-
-
ns
Data setup time
Tdsu
8
-
-
ns
DATA
Data hold time
Tdhd
8
-
-
ns
RS800480T-7X0GP-A


Similar Part No. - RS800480T-7X0GP-A

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
RS8005 CHENG-YI-RS8005 Datasheet
127Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Zibo Seno Electronic En...
RS8005M ZSELEC-RS8005M Datasheet
127Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - RS800480T-7X0GP-A

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L-02402G-B6.4 LIGITEK-L-02402G-B6.4 Datasheet
60Kb / 1P
   BACK LIGHT
L-02401G-B5 LIGITEK-L-02401G-B5 Datasheet
226Kb / 1P
   BACK LIGHT
logo
Aven, Inc.
26700-423-505 AVEN-26700-423-505 Datasheet
3Mb / 1P
   w/ post stand, Gooseneck LEDs & LED Back Light
logo
Sanyo Semicon Device
PCP1208 SANYO-PCP1208 Datasheet
390Kb / 4P
   LED Back Light
logo
Aven, Inc.
26700-220-505 AVEN-26700-220-505 Datasheet
1Mb / 2P
   All-In-One Digital Microscope 8x-25x w/ Dual Gooseneck LEDs and Back Light
logo
AUK corp
S6520P AUK-S6520P Datasheet
337Kb / 6P
   LCD Back Light Inverter with Analog Dimming
S6520 AUK-S6520 Datasheet
329Kb / 6P
   LCD Back Light Inverter with Analog Dimming
logo
ams AG
AS3608 AMSCO-AS3608 Datasheet
4Mb / 68P
   System PMU with HV Back Light Driver
AS3606 AMSCO-AS3606 Datasheet
4Mb / 71P
   System PMU with HV Back Light Driver
logo
M/A-COM Technology Solu...
MAAD-007086 MA-COM-MAAD-007086 Datasheet
719Kb / 7P
   Test Boards are Available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com